Part Number Hot Search : 
GLC130 STR2015 MAX3015 3AA13 LM393DR2 RS401L CDRH105 PC10HT
Product Description
Full Text Search
 

To Download CS20104D3S103K5E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CS201
Vishay Dale
Capacitor Networks, Single-In-Line, Conformal Coated SIP "D" Profile
FEATURES
* X7R and COG capacitors available
* Multiple isolated capacitors * Multiple capacitors, common ground * Custom design capability * Lead (Pb)-free version is RoHS compliant * "D" 0.300" [7.62 mm] package height (maximum)
Available
e1
RoHS*
COMPLIANT
STANDARD ELECTRICAL SPECIFICATIONS
VISHAY DALE MODEL CS201 CS201 PROFILE SCHEMATIC CAPACITANCE RANGE COG* D D 1 3 33 pF - 3900 pF 33 pF - 3900 pF 33 pF - 3900 pF X7R 470 pF - 0.1 F 470 pF - 0.1 F 470 pF - 0.1 F CAPACITANCE TOLERANCE (- 55 C to + 125 C) % 10 (K), 20 (M) 10 (K), 20 (M) 10 (K), 20 (M) CAPACITOR VOLTAGE at 85 C VDC 50 (5) 50 (5) 50 (5)
CS201 D 4 * COG capacitors may be substituted for X7R capacitors
TECHNICAL SPECIFICATIONS
PARAMETER UNIT ppm/C or % CS201 COG 30 ppm/C X7R
MECHANICAL SPECIFICATIONS
Marking Resistance to Solvents: Solderability: 15 % Body: Terminals: Permanency testing per MIL-STD202, Method 215 Per MIL-STD-202, Method 208E High alumina, epoxy coated (Flammability UL94 V-0) Phosphorus-bronze, solder plated Pin #1 identifier, DALE or D, Part number (abbreviated as space allows), Date code
Temperature Coefficient (- 55 C to +125 C)
Dissipation Factor (maximum)
%
0.15
2.5
Marking:
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: 20108D1C103K5P (preferred part numbering format)
2
GLOBAL MODEL 201 = CS201
0
PIN COUNT
1
0
PACKAGE HEIGHT D = "D" Profile
8
D
1
C
1
0
3
K
5
P
_
_
_
P
SCHEMATIC CHARACTERISTIC 1 3 4 0 = Special C = COG X = X7R S = Special
CAPACITANCE VALUE (in picofarads) 2 digit significant figure, followed by a multiplier 330 = 33 pF 392 = 3900 pF 104 = 0.1 F
TOLERANCE K = 10 % M = 20 % S = Special
VOLTAGE 5 = 50V S = Special
PACKAGING E = Lead (Pb)-free, Bulk P = Tin/Lead, Bulk
SPECIAL Blank = Standard (Dash Number) (up to 3 digits) From 1-999 as applicable
04 = 4 Pin 08 = 8 Pin 18 = 18 Pin
Historical Part Number example: CS20108D1C103K5 (will continue to be accepted) CS201 HISTORICAL MODEL 08 PIN COUNT D PACKAGE HEIGHT 1 SCHEMATIC C CHARACTERISTIC 103 CAPACITANCE VALUE K TOLERANCE 5 VOLTAGE P03 PACKAGING
* Pb containing terminations are not RoHS compliant, exemptions may apply www.vishay.com 1 For technical questions, contact: ff2aresistors@vishay.com Document Number: 31522 Revision: 09-Jan-07
CS201
Capacitor Networks, Single-In-Line, Conformal Coated SIP, "D" Profile
DIMENSIONS in inches [millimeters]
0.085 [2.160] Typ. L Max. 0.050 [1.27] Typ.
Vishay Dale
0.135 [3.43] Max.
0.300 [7.62] Seating Plane for 0.040 [1.016] O Hole 0.007 [0.178] Ref.
0.020 [0.508] 0.100 0.005 [2.54 0.127] Non-Cumulative at Point of Egress 0.050 [1.27]
0.010 [0.254]
0.135 + 0.015 - 0.010 [3.43 + 0.381 - 0.254]
Pin #1 is extreme left-hand terminal on side with marking.
NUMBER OF PINS 4 pin 5 pin 6 pin 7 pin 8 pin
L MAXIMUM 0.400 [10.16] 0.500 [12.70] 0.600 [15.24] 0.700 [17.78] 0.800 [20.32]
NUMBER OF PINS 9 pin 10 pin 11 pin 12 pin 13 pin
L MAXIMUM 0.900 [22.86] 1.000 [25.40] 1.100 [27.94] 1.200 [30.48] 1.300 [33.02]
NUMBER OF PINS 14 pin 15 pin 16 pin 17 pin 18 pin
L MAXIMUM 1.400 [35.56] 1.500 [38.10] 1.600 [40.64] 1.700 [43.18] 1.800 [45.72]
SCHEMATICS
Schematic 1
Schematic 3
Schematic 4
1
2
3
4
5
6
n-1
n
1
2
3
4
5
6
7
8
n-1
n
1
2
3
4
n-1
n
Common Bus - 1 Ground Lead
Isolated Capacitor Sections
Common Bus - 2 Ground Leads
Document Number: 31522 Revision: 09-Jan-07
For technical questions, contact: ff2aresistors@vishay.com
www.vishay.com 2
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of CS20104D3S103K5E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X