Part Number Hot Search : 
MC1471 11002 AVC16 SMDJ14A FDM3622 B7703 OBTS141 AR5004
Product Description
Full Text Search
 

To Download CMF3103312 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power entry modules without line filter
CMF3, CMF6
www.schurter.com/pg05
IEC Appliance Inlet C6 with Line Switch 1-pole
CMF3
C6
70 C
Description
-PanelMount: Screw-onmountingonPCB,fromtoporbottom -2Functions: ApplianceInletProtectionclassI,LineSwitch1-pole -ForPCBmounting -Alternative:protectionclassIIversionCMF1,CMF4;CMF2,CMF5
-EasymountingwithcenterboltandsnapperorsrewedonPCBor housing -ElectricalconnectiondoneonthePCB -Bi-positioningoftheswitchfromleftorrightside,StandardCMFwith switchonrightside -Withorwithoutrear-sideinsulationcover -QualifiedforuseinequipmentaccordingIEC/EN60950
Characteristics
Other versions on request References Weblinks
-Lineswitchwithotherrockermarking -Lineswitchonleftofinlet GeneralProductInformation Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store, Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC RatingsUL/CSA DielectricStrength 2.5A/250VAC;50Hz 6A/125VAC;60Hz >2.3kVACbetweenL-N >2.8kVACbetweenL/N-PE (1min/50Hz) -25Cto70C fromfrontsideIP40acc.toIEC60529 Suitableforapplianceswithprotection class1acc.toIEC61140 PCB1.6mm Additionalgroundterminal Thermoplastic,black,UL94V-0 ApplianceInlet C6acc.toIEC/EN60320-1, UL498,CSAC22.2no.42(forcold conditions)pin-temperature70C, 2.5A,ProtectionClass1 Rockerswitch1-pole,non-illuminated, acc.toIEC61058-1 Technicaldetails
LineSwitch
AllowableOperationTemp. DegreeofProtection ProtectionClass Terminal Material:Housing
Connectors
CMF3, CMF6
www.schurter.com/pg05 Dimensions
53.3 2.3 26.65 26.65 0.9 2.3
Power entry modules without line filter
53.3mm
24.3 22.3 2 19
R
3
R
1
18 9
4
3
2.8
1.6
N 1.05
L 0.8 10.2 8.25
4
3 -0.1
0
1.3 0.8
2.4
2.8
8.6
18.45 45 0.1
7 8.15
4.15
6.16 8 10
25.75
27.55
3
with insulation cover The size of the mounting cut-out can be selected as required.
Fixation on PCB or housing from below
Fixation on PCB or housing from above
+0.30
14.3 1) M3x12 110.13 1) M3x12 4.20.05
11 +0.15 5.9- 0.1
0
9 0.1
13.4
1) self tapping screw
1.6
1) self tapping screw
Drilling diagrams CMF3 (C6)
9.7 10 1.6 3.81
+0.1 0
8.25 7 1.6
+0.1 0
5 9.5
3 3 10
11
5
3 21.6
D1
3.2 23.4
450.1 28.05 29.85
Variants
StandardCMFwithswitchonrightside
Connectors C6 C6 C6 C6 C6 C6 C6 C6 C6 C6 C6 C6 Mounting side from below from below from below from below from below from below from top from top from top from top from top from top l l l l l l Cover Ground terminal Solder terminal 2.8 x 0.8 mm Solder terminal 2.8 x 0.8 mm Solder terminal 2.8 x 0.8 mm Solder terminal 2.8 x 0.8 mm Solder terminal 2.8 x 0.8 mm Solder terminal 2.8 x 0.8 mm Solder terminal 2.8 x 0.8 mm Solder terminal 2.8 x 0.8 mm Ground terminal direction angled to pin axis straight angled to pin axis straight angled to pin axis straight angled to pin axis straight Order Number CMF3.1032.12 CMF3.1033.12 CMF3.1034.12 CMF3.1132.12 CMF3.1133.12 CMF3.1134.12 CMF3.1012.12 CMF3.1013.12 CMF3.1014.12 CMF3.1112.12 CMF3.1113.12 CMF3.1114.12
13
9
Connectors
11
Power entry modules without line filter
CMF3, CMF6
www.schurter.com/pg05
Packaging unit
50Pcs
Mating Outlets/Connectors
Category / Description
Power Cord Overview complete Power Cord with IEC Connector C5, Angled Power Cord with IEC Connector C5, Straight Power Cord further types to CMF3, CMF6 2512 2530
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon Connectors currentinformation.Allcontentissubjecttomodificationsandamendments.
3


▲Up To Search▲   

 
Price & Availability of CMF3103312

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X