Part Number Hot Search : 
80C188 MAX815T 472MA M200D F300000 TTINY 25C256 0030RL
Product Description
Full Text Search
 

To Download CKM12AFW01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High Security Keylocks
Series CK
Distinctive Characteristics
High insulating material for 16mm CKM models withstands over 15 kilovolts of electrostatic discharge, thus providing antistatic feature. Rugged, die cast housing 19mm CKL models designed for higher security requirements. Vertically rotating switching mechanism combines with self-cleaning sliding contacts for high reliability and long operating life. 16mm and 19mm diameter bushings available. CKL and CKM on-off-on models with tubular keys have push-and-lock mechanism which allows contactor to drop and slide over stationary contacts. Available in both flat and tubular key styles; flat key is reversible for easier setting. Epoxy sealed terminals prevent entry of flux and other contaminants. Interior construction provides seal for contact area. High dielectric strength of 1,500 volts between contacts and case.
Actual Size CKM with Tubular Key
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
03-07
High Security Keylocks
Series CK
General Specifications
Electrical Capacity (Resistive Load)
Power Level: 3A @ 250V AC
Other Ratings
Contact Resistance: Insulation Resistance: Dielectric Strength:
Mechanical Life: Electrical Life: Static Capability: Nominal Operating Torque:
Contact Timing: Angle of Throw:
20 milliohms maximum 1,000 megohms minimum @ 500V DC 1,000V AC minimum between contacts for 1 minute minimum; 1,500V AC minimum between contacts & case for 1 minute minimum 30,000 cycles minimum 10,000 cycles minimum Withstands 15 kilovolts minimum ESD minimum (for CKM models only) 16mm Bushing (CKM models): .04 mNm (5.67 oz*in) for Flat Key .08 mNm (11.33 oz*in) for Tubular Key 19mm Bushing (CKL models): .05 mNm (7.08 oz*in) for Flat Key .07 mNm (9.91 oz*in) for Tubular Key Break-before-make 90 for 2-position & 45 for 3-position
Materials & Finishes
Keys for CKM: Keys for CKL:
Housing/Bushing: Base: Contact Terminals: Common Terminals: Movable Contactor: Movable Contacts:
Brass with nickel plating with ABS handle Brass with nickel plating for tubular key; brass with chrome plating for flat key Glass fiber reinforced PBT for CKM models; zinc alloy with chrome plating for CKL LCP (Liquid Crystal Polymer) Copper with silver plating Copper with silver plating Copper Silver
Environmental Data
Operating Temperature Range: Humidity: Vibration: Shock:
-25C through +70C (-13F through +158F) 90 ~ 95% humidity for 240 hours @ 40C (104F) for CKM; 90 ~ 95% humidity for 96 hours @ 40C (104F) for CKL 10 ~ 55Hz with peak-to-peak amplitude of 1.5mm for CKM or 0.7mm for CKL traversing the frequency range & returning in 1 minute; 3 right angled directions for 2 hours 50G (490m/s2) acceleration for CKM; 30G (294m/s2) acceleration for CKL; (CKM & CKL tested in 6 right angled directions, with 5 shocks in each direction)
Installation
Mounting Torque: Soldering Time & Temperature:
1.5 Nm (13.28 lb*in) maximum Manual Soldering: See Profile A in Supplement section.
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
03-07
High Security Keylocks
TYPICAL SWITCH ORDERING EXAMPLE
Series CK
CK
BUSHINGS
M L 16mm Diameter 19mm Diameter
M
1
2A
F
KEYS
W
01
POLES
1 SPDT
F T
Flat Tubular 01
TERMINALS
Solder Lug
CIRCUITS & KEY-REMOVABLE POSITIONS
Code 2A 2B 3E Pos. 1 ON ON ON Pos. 2 NONE NONE OFF Pos. 3 ON ON ON Key Removes Positions 1 and 3 Position 1 Position 2
CONTACT MATERIAL
W Silver Rated 3A @ 250V AC
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
CKM12AFW01
One key supplied with each switch
SPDT ON-NONE-ON Circuit Key Removable in Positions 1 and 3
16mm Diameter Bushing
Solder Lug Terminals
Silver Contacts Rated 3A @ 250V AC
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
03-07
High Security Keylocks
POLES, CIRCUITS & KEY-REMOVABLE POSITIONS
Pole & Throw SPDT SPDT Key Positions Model CKM12A CKL12A CKM12B CKL12B CKM13E CKL13E Pos 1 ON ON Pos 2 NONE NONE Pos 3 ON ON Connected Terminals
(Terminal numbers are on switch)
Series CK
* = Not Removable
= Maximum Arc
POS 1
= Key Removable
Pos 1 COM-1 COM-1
Pos 2 ____ ____
Pos 3 COM-2 COM-2
Schematic
COM
3 POS 1 1 2 3 COM
SPDT
ON
OFF
ON
COM-1
OPEN
COM-2
1
2 POS 1
2
3
OPEN
KEYS F
Flat Key
T
Tubular Key (must be pressed inward to actuate)
AT4147 for CKM 16mm Brass with Nickel Plating key base & ABS key handle AT4153 for CKL 19mm Brass with Chrome Plating (crosshatch texture on handle) One key provided with each switch (no master key available) For ordering additional keys, indicate the same key number that is engraved on the face of your switch. Randomly assigned key number (001 through 010 for CKM models & 001 through 025 for CKL models). Typical Key Ordering Example: AT4153-001 AT4147
(20.0) .787 (3.5) .138 (20.0) .787 (40.8) 1.606
AT4146 for CKM 16mm Brass with Nickel Plating key base & ABS key handle AT4152 for CKL 19mm Brass with Nickel Plating (smooth) One key provided with each switch (no master key available) For ordering additional keys, indicate the same key number that is engraved on the face of your switch. Randomly assigned key number (001 through 025 for CKM models & 001 through 050 for CKL models). Typical Key Ordering Example: AT4146-001 AT4146
(26.0) 1.024 (3.5) .138 (25.0) .984 (33.5) 1.319
AT4153
(22.3) .878 (7.0) Dia .276 (10.5) Dia .413
AT4152
(19.0) .748 (1.5) .059 (22.5) .886 (35.5) 1.398
(20.0) .787 (49.3) 1.941 (1.8) .071
(9.6) Dia .378
CONTACT MATERIALS, RATINGS & TERMINALS W 01
Silver over Silver Power Level 3A @ 250V AC Solder Lug Terminal for CKM
(5.0) .197 (2.4) .094 (5.5) .217 (2.8) .110
Epoxy Seal (2.7) .106
Epoxy Seal
Solder Lug Terminals
(1.2) .047 Thk = (0.8) .031
Solder Lug Terminal for CKL
(3.1) .122
(1.4) .055 Thk = (0.8) .031
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
03-07
High Security Keylocks
TYPICAL SWITCH DIMENSIONS
16mm Bushing * Flat Key 90 Angular Throw
POS 1 90 M16 P1
Series CK
(1.2) x (2.4) .047 x.094
006
POS 3
006
(20.0) .787 (0.9) .035
2
COM
(19.0) Dia .748
(1.4) .055
(20.0) .787 (24.0) .945
(4.0) .157
(16.0) .630
(35.2) 1.386
(5.0) .197
(14.2) .559
POS 1 45 POS 2 45 M16 P1
(1.2) x (2.4) .047 x .094
(0.9) .035 (20.0) .787 (24.0) .945
002
45 Angular Throw
POS 3
COM
(4.0) .157
(16.0) .630
(19.0) Dia .748
(35.2) 1.386
(5.0) .197
(14.2) .559
CKM12AFW01
16mm Bushing * Tubular Key
POS 1
90 Angular Throw
90
(11.0) .433 POS 3
004
M16 P1
(1.2) x (2.4) .047 x .094
COM
004
(15.0) .591
(19.0) Dia .748
(25.0) .984 (29.0) 1.142
(4.0) .157
(16.0) .630
(35.2) 1.386
(5.0) .197
(14.2) .559
POS 1 45 POS 2 45 POS 3 017 M16 P1
(1.2) x (2.4) .047 x .094
45 Angular Throw
COM
017
CKM13ETW01
(19.0) Dia .748
(25.0) .984 (29.0) 1.142
(4.0) .157
(16.0) .630
(35.2) 1.386
(5.0) .197
(14.2) .559
PANEL CUTOUT & STANDARD HARDWARE FOR 16MM BUSHING
(16.0) Dia .630
Maximum Effective Panel Thickness: .469" (11.9mm)
(14.6) .575
AT016 16mm Hex Mounting Nut for CKM
1 included with each switch Brass with nickel plating
(3.1) .122
M16 P1
(19.0) .748
1
1
1
1
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
0 0 2
2 2 2
03-07
High Security Keylocks
TYPICAL SWITCH DIMENSIONS
19mm Bushing * Flat Key
POS 1
Series CK
(1.4) x (2.8) .055 x .110
005
90 Angular Throw
M19 P1 90
005
POS 3
(22.3) .878 (0.7) .028
C
OM
(22.0) Dia .866
(29.8) 1.173
(1.0) .039
(5.4) .213
(17.0) .669
(40.0) 1.575
(5.5) .217
(16.8) .661
45 Angular Throw
POS 1 45 POS 2 45
M19 P1
(1.4) x (2.8) .055 x .110
015
POS 3 (0.7) .028 (20.0) .787 (29.8) 1.173
C
OM
(5.4) .213
(17.0) .669
CKL12AFW01
(22.0) Dia .866
(40.0) 1.575
(5.5) .217 (16.8) .661
19mm Bushing * Tubular Key 90 Angular Throw
POS 1 M19 P1 90 (1.4) x (2.8) .055 x .110
POS 3
(19.0) .748
C
OM
008
008
(22.5) .886 (30.5) 1.201 (5.4) .213 (17.0) .669 (5.5) .217
(22.0) Dia .866 POS 1
(40.0) 1.575
(16.8) .661
45 Angular Throw
042
45
POS 2 45 POS 3
M19 P1
(1.4) x (2.8) .055 x .110
C
OM
(22.0) Dia .866
(22.5) .886 (30.5) 1.201
(5.4) .213
(17.0) .669
.
(40.0) 1.575
(5.5) .217
CKL13ETW01
(16.8) .661
PANEL CUTOUT & STANDARD HARDWARE FOR 19MM BUSHING
(19.0) Dia .748
Maximum Effective Panel Thickness: .496" (12.6mm)
(17.2) .677
AT019 19mm Hex Mounting Nut for CKL
1 included with each switch Brass with nickel plating
(3.4) .134
M19 P1
(22.0) .866
1
1
1
1
2
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
0 15
2
2
2
03-07


▲Up To Search▲   

 
Price & Availability of CKM12AFW01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X