Part Number Hot Search : 
6FR40 74LS86A 2SD834 H8205A 74LS86A MOC3011 KP4020 PG320240
Product Description
Full Text Search
 

To Download CD295090 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 I/SEC/CD29-001/A/8/03/2004
page 1 / 2 F/GB
INTERRUPTEUR REED REED SWITCH INVERSEUR CONTACT SEC DRY CONTACT CHANGE OVER
CD29 . . . .
O 1,1
O 5,4
38,1 34,3 86,1
CARACTERISTIQUES ELECTRIQUES / ELECTRICAL DATA
Puissance maxi commutable / Max. switching power contact repos / normaly closed Tension maxi commutable / Max. switching voltage Courant maxi commutable / Max. switching current Tension typique de tenue / Typical dielectric strength Resistance de contact initiale ( max ) / Initial contact resistance Resistance d'isolement ( min ) / Insulation resistance Capacite / Capacitance Frequence maxi d'utilisation / Max. frequency Temps de commutation maximum a l'action / max. operate time
25 W 250 VAC/DC 1A 1000 VDC 100 m 108 2 pF 100 Hz
contact travail / normaly open
3 ms
Proud to serve you
All technical caracteristics are subject to change without previous notice. Caracteristiques sujettes a modifications sans preavis.
r
celduc
e l a i
s
I/SEC/CD29-001/A/2/03/2004
page 2 / 2 F/GB
CARACTERISTIQUES PHYSIQUES / PHYSICAL DATA
Materiau utilise pour le contact / Contact material Temperature maxi d'utilisation / Max. operating temperature Temperature de stockage / Storage temperature Chocs ( 1/2 onde - 11 ms ) / Shocks ( 1/2 sine wave - 11 ms ) Brasabilite / Solderability suivant / according to CARACTERISTIQUES MAGNETIQUES / MAGNETICAL DATA
Rhodium - 10 a +125C - 40 a +125C 50 g CEI 68-2-20
Bobine de test / Test coil : O ext. = 14,6 mm ; O int. = 5,7 mm ; Long. = 52,6 mm Fil utilise / Electric wire: O = 0,09 mm ; Nombre de spires / Turns : 10 000 Resistance / Resistance : 800
Reference ( Plage standard d'Amperes Tours de fermeture ) / Reference ( standard pull-in value )
CD295090 ( de 50 a 90 ATf / from 50 up to 90 AT )
Pour des applications particulieres ( autres sensibilites, plage reduite, coupe, cambrage ), priere de nous consulter. For special applications ( others pull-in-range, reduced range, cutting out, bending ), please contact us.
celduc
r e l a i s
www.celduc.com
Rue Ampere B.P. 4 42290 SORBIERS - FRANCE E-Mail : celduc-relais@celduc.com Fax +33 (0) 4 77 53 85 51 Service Commercial France Tel. : +33 (0) 4 77 53 90 20 Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21 Sales Dept. Asia : Tel. +33 (0) 4 77 53 90 19


▲Up To Search▲   

 
Price & Availability of CD295090

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X