Part Number Hot Search : 
L5122 PRS28G LM40X21A L5122 RBA5104 FFCKS3L2 41E2406 SI9979
Product Description
Full Text Search
 

To Download C082-1000-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THICK FILM SIP NETWORKS
. RCD CL101S .
RCD CL101
RESISTORS CAPACITORS COILS DELAY LINES
CL SERIES - Low Profile C SERIES - High Power
Low cost, widest selection in the industry! Term.W is RoHS 4-pin through 14-pin standard (2 through compliant 20-pin sizes available on special order) RoHS & 260C compatible CL Series low-profile available from stock (configuration1 & 2 in 6, 8, and 10-pin) Wide resis. range: 10 to 3M std., 1 to 1000M avail. Bulk packaging is standard, tape or magazine tube avail. R/2R Ladder Networks (Config. 7) offer 1/2LSB accuracy from 4 to 10 bits
New high density Sips, an RCD exclusive!
.
RCD C101
OPTION V OPTION S OPTION P OPTION N OPTION F OPTION C
-
+200C temperature Range Super high density (.070" pin spacing) Pulse tolerant design Narrowline design (.070" thick) Flameproof coating Copper alloy terminals
STANDARD CONFIGURATIONS
Configuration No. 1
> > > > > > > > > > > > > > >
Also available in custom circuits with multiple values/capacitors/ diodes, increased power & voltage, tolerance & TC matching, longer pins, special marking, military burn-in, resis. values 1 to 1000M, etc.
Configuration No. 2
> > > > > > > > > > > >
DIMENSIONS
.095 [2.4] Max. Opt. N= .070.008 [1.8.2]
......
> > > > > >
Length=0.1" X No. of pins max
Pin #1
1
1
.
C=.315 [8] Max. CL=.195 [5] Max.

Configuration No. 3
Configuration No. 4
.. > > > > R2> R2> .. > > R1> > R1> 1. .>
. > > R2> . > R1> .>
. > > R2> . > R1> .>
. > > R2> . > R1> .>
. > > R2> . > R1> .>
.
1
> > >
.
> > >
.
> > >
.
> > >
.
> > >
.
> > >
.011 [.28]
.020 [.5]
Dimensions: Inch [mm]

.100 .01 [2.54 .25]
.102 [2.6] Min.
Opt.S=.070 .01 [1.78 .25]
Configuration No. 5
> > > > > > > > > > > >
Configuration No. 6 vvv vvv vvv vvv vvv
Config. No. 7 R/2R
R R R
1
1
> > > > > > > > > > 1 > 2R > 2R > 2R > 2R > 2R
vvv vvv vvv
SINGLE RESISTOR PACKAGE POWER RATING* POWER RATING* RCD Type Config. Config. Config. 4-Pin 6-Pin 7-Pin 8-Pin 9-Pin 10-Pin 12-Pin 1,3,4,5,6 2 3, 7 C .3W .5W .17W 1W 1.5W 1.75W 2W 2.25W 2.5W 3W CL .2W .3W .125W** .5W 1W 1.25W 1.5W 1.75W 2W 2.5W
* Reduce wattage ratings by 1/3 for Opt.S **Config. 7 n/a in CL Series
GND LSB
MSB OUT
STANDARD VALUES- Config. 1, 2, 4, 5, 6:
10 to 3M in E-24 values (preferred values in bold type)10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82, 91
DERATING
% OF RATED POWER
(Series C and CL)
% OF RATED POWER
DERATING
120 100 80 60 40 20 0
(Option V)
120 100 80 60 40 20 0 25 50 75 100 125 AMBIENT TEMPERATURE (C) 150
STANDARD VALUES - Config. 3, Dual Terminator, R1/R2 :
81/130 120/195 121/195 160/260 162/260 180/390 220/270 220/330 330/390 330/470 330/680 3K/6.2K
R/2R LADDER NETWORKS (Config.7): 4Bit/6-pin, 5Bit/7-pin,
6Bit/8-pin, 7Bit/9-pin, 8Bit/10-pin, 9Bit/11-pin, and 10Bit/12-pin. Available in Series C (low profile Series CL n/a). Linearity accuracy is 1/2LSB. Standard values are 5K, 10K, 25K, 50K, & 100K 2%.
40 80 120 160 200 240 AMBIENT TEMPERATURE (C)
TYPICAL PERFORMANCE SPECIFICATIONS
Tolerance Temperature Coefficient TCR Tracking Operating Temperature Max. Working Voltage Short Time Overload Resis. to Solder Heat Moisture Resistance Terminal Strength Thermal Shock Load Life (1000 hours) Temperature Cycling Shock and Vibration Lead Solderability Marking Terminals 2% Standard (1%, 5% avail.) 100ppm typ (250ppm <50 & >2.2M) 50PPM typical -55C to +125C (+200C Opt.V) 200V Series C, 100V Series CL & Opt.S 0.5% (2.5x rated V, 5S, nte 2xW) 0.25% (350C, 5S) 1% 0.25% 0.5% 1.0% 0.5% 0.25% Meets MIL-R-83401 Pin #1 ID, resis value, & tol as minimum Solder plated steel typ., copper alloy* avail.
P/N DESIGNATION:
Type: CL=low profile (std), C=high power Number of Pins
CL 08 2
- 102 - G B
W
Configuration Number Options: V,S,P,N,F,C (leave blank if std) Resis.Code 1%: 3 signif. figures & multiplier, (e.g. 10R0=10, 1000=100, 1001=1K, 1004=1M) Resis.Code 2%-5%: 2 signif. figures & multiplier, (e.g. 100=10, 101=100, 102=1K, 103=10K, 104=100K, 105=1M) When comprised of 2 res.values (config.3&7) separate with /, e.g. 181/391=180/390 Tolerance Code: G=2% (standard), F=1%, J=5% Packaging: B=bulk, A3=3 pin taping ammo pack, M=magazine tube Opt. TC: 50=50ppm,101=100ppm (leave blank if standard) Termination: W= Lead-free, Q= Tin/Lead (leave blank if either is acceptable)
* RCD recommends use of copper alloy terminals (opt. C) in aqueous cleaning systems
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
FA032B Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
38


▲Up To Search▲   

 
Price & Availability of C082-1000-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X