Part Number Hot Search : 
MPL027 W34063 SMD0705 MAX1980 APW7136 TPCS8102 587B302 1002F
Product Description
Full Text Search
 

To Download BUT12AX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION *With TO-220F package *High voltage ,high speed APPLICATIONS *Converters *Inverters *Switching regulators *Motor control systems
PINNING PIN 1 2 3 Base Collector Emitter DESCRIPTION
BUT12AX
Fig.1 simplified outline (TO-220F) and symbol
Absolute maximum ratings (Tc=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB IBM Ptot Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current Base current-peak Total power dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE 1000 450 9 8 20 4 6 23 150 -65~150 UNIT V V V A A A A W
THERMAL CHARACTERISTICS
SYMBOL Rth j-a PARAMETER Thermal resistance from junction to ambient VALUE 55 UNIT K/W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain CONDITIONS IC=0.1A; IB=0;L=25mH IC=5A; IB=1A IC=5A; IB=1A VCE=Rated VCES ;VBE=0 Tj=125 VEB=9V; IC=0 IC=10mA ; VCE=5V IC=1A ; VCE=5V 10 10 MIN 450
BUT12AX
SYMBOL VCEO(SUS) VCEsat VBEsat ICES IEBO hFE-1 hFE-2
TYP.
MAX
UNIT V
1.5 1.5 1.0 3.0 10 35 35
V V mA mA
Switching times resistive load ton ts tf Turn-on time Storage time Fall time IC=5A; IB1=-IB2=1A 1.0 4.0 0.8 s s s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
BUT12AX
Fig.2 Outline dimensions (unindicated tolerance:0.15 mm)
3


▲Up To Search▲   

 
Price & Availability of BUT12AX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X