Part Number Hot Search : 
74ACT 2SB0641 KP3000A 56M01 GBC547 SMLP5002 USB25 R2000
Product Description
Full Text Search
 

To Download BUT12AF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION With TO-220Fa package High voltage ,high speed APPLICATIONS Converters Inverters Switching regulators Motor control systems
PINNING PIN 1 2 3 Base Collector Emitter DESCRIPTION
BUT12F BUT12AF
Fig.1 simplified outline (TO-220Fa) and symbol
Absolute maximum ratings (Tc=25ae )
SYMBOL VCBO
Collector-base voltage

PARAMETER
BUT12F
Open emitter
BUT12AF
VCEO VEBO IC ICM IB IBM Ptot Tj Tstg
Collector-emitter voltage
IN
Emitter-base voltage
Collector current
ANG CH
BUT12F
BUT12AF
SEM E
Open base
DUC ICON
CONDITIONS
VALUE 850
TOR
9 8
UNIT V
1000 400 V V A A A A W ae ae 450
Open collector
Collector current-peak Base current Base current-peak Total power dissipation Junction temperature Storage temperature TC=25ae
20 4 6 23 150 -65~150
THERMAL CHARACTERISTICS
SYMBOL Rth j-a PARAMETER Thermal resistance from junction to ambient VALUE 55 UNIT K/W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER BUT12F VCEO(SUS) Collector-emitter sustaining voltage BUT12AF BUT12F VCEsat Collector-emitter saturation voltage BUT12AF BUT12F VBEsat Base-emitter saturation voltage BUT12AF BUT12F ICES Collector cut-off current IC=6A; IB=1.2A IC=0.1A; IB=0;L=25mH CONDITIONS
BUT12F BUT12AF
SYMBOL
MIN 400
TYP.
MAX
UNIT
V 450
1.5 IC=5A; IB=1A IC=6A; IB=1.2A 1.5 IC=5A; IB=1A VCE=850V ;VBE=0 Tj=125ae VCE=1000V ;VBE=0 Tj=125ae VEB=9V; IC=0 1.0 3.0
V
V
mA 1.0 3.0
IEBO hFE-1 hFE-2
Emitter cut-off current DC current gain DC current gain

BUT12AF
Switching times resistive load ton ts tf Turn-on time Storage time Fall time
IN
ANG CH
EMIC ES
IC=1A ; VCE=5V
IC=10mA ; VCE=5V
DUC ON
10 10
TOR
10 35 35
mA
For BUT12F IC=6A;IB1=-IB2=1.2A;VCC=250V For BUT12AF IC=5A;IB1=-IB2=1A;VCC=250V
1.0 4.0 0.8 |I |I
|I
s s s
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
BUT12F BUT12AF
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 Outline dimensions (unindicated tolerance:A
0.15 mm)
3


▲Up To Search▲   

 
Price & Availability of BUT12AF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X