Part Number Hot Search : 
2N3722 NTE117 L6243DS BAT54J 27240 MN3672RE 3222E IRFZ4
Product Description
Full Text Search
 

To Download BC857W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL Galaxy Electrical
Production specification
PNP Silicon Epitaxial Planar Transistor BC856W/BC857W/BC858W
FEATURES
Ideally suited for automatic insertion. Power dissipation.(PC=200mW)
Pb
Lead-free
APPLICATIONS
General purpose switching and amplification application.
ORDERING INFORMATION
Type No. BC856W BC857W BC858W Marking 3As/3Bs 3E/3F/3G 3J/3K/3L
SOT-323
Package Code SOT-323 SOT-323 SOT-323
MAXIMUM RATING @ Ta=25 unless otherwise specified
Symbol VCBO Collector-Emitter Voltage VCEO VEBO IC PC Tj,Tstg Emitter-Base Voltage Collector Current -Continuous Collector Dissipation Junction and Storage Temperature Parameter Collector-Base Voltage BC856W BC857W BC858W BC856W BC857W BC858W Value -80 -50 -30 -65 -45 -30 -5 -100 200 -65~150 Units V
V V mA mW
ELECTRICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Document number: BL/SSSTF046 Rev.A www.galaxycn.com 1
BL Galaxy Electrical
Production specification
PNP Silicon Epitaxial Planar Transistor BC856W/BC857W/BC858W
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Symbol Test conditions IC=-10A,IE=0 V(BR)CBO IC=-10mA,IB=0 V(BR)CEO BC856W BC857W BC858W BC856W BC857W BC858W MIN -80 -50 -30 -65 -45 -30 -5 MAX UNIT
V
V
V(BR)EBO
IE=-1A,IC=0 BC856W BC857W BC858W BC856W BC857W BC858W VCB=-70V,IE=0 VCB=-45V,IE=0 VCB=-25V,IE=0 VCE=-60V,IB=0 VCE=-40V,IB=0 VCE=-25V,IB=0
V
ICBO
-0.1
A
Collector cut-off current
ICEO
-0.1
A
Emitter cut-off current
IEBO
VEB=-5V,IC=0 VCE=-5V,IC=-2mA BC856AW,BC857AW BC856BW,BC857BW,BC858BW BC857CW,BC858CW IC=-100mA, IB= -5mA IC=-100mA, IB= -5mA VCE=-5V,IC=-10mA,f=100MHz VCB=-10V,f=1MHz 100
-0.1
A
DC current gain
hFE
125 220 420
250 475 800 -0.5 -1.1 mV V MHz 4.5 pF
Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Collector capacitance
VCE(sat) VBE(sat) fT CC
Document number: BL/SSSTF046 Rev.A
www.galaxycn.com 2
BL Galaxy Electrical
Production specification
PNP Silicon Epitaxial Planar Transistor BC856W/BC857W/BC858W
PACKAGE OUTLINE
Plastic surface mounted package SOT-323
SOT-323
Dim A B C D E G H J K Min 1.8 1.15 0.15 0.25 1.2 0.02 2.1 Max 2.2 1.35 0.35 0.40 1.4 0.1 2.3
1.0Typical
0.1Typical
All Dimensions in mm
PACKAGE INFORMATION
Device BC856W/BC857W/BC858W Package SOT-323 Shipping 3000/Tape&Reel
Document number: BL/SSSTF046 Rev.A
www.galaxycn.com 3


▲Up To Search▲   

 
Price & Availability of BC857W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X