Part Number Hot Search : 
STIR4210 HY4N65T NTE923D IN457A EMK12 R2508 P4407 R2508
Product Description
Full Text Search
 

To Download B41041A2107M000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Aluminum electrolytic capacitors Alu-X product lines
Single-ended capacitors
Series/Type:
Data Sheet Date:
B41041, B43041 August 2008
(c) EPCOS AG 2008. Reproduction, publication and dissemination of this publication and the information contained therein without EPCOS' prior express consent is prohibited.
Long-life grade capacitors Applications
Single-ended capacitors Low impedance - 105 C Single-ended capacitors Low impedance - 105 C
B41041, B43041 B41041, B43041
For low impedance applications Semi-professional to professional application range For filtering, coupling and pulse circuits Features Miniaturized dimensions RoHS-compatible Load life of 2000 hours at 105 C Construction Radial leads Charge-discharge proof, polar Aluminum case with insulating sleeve Minus pole marking on the insulation sleeve Case safety vent from diameter 8 mm
Delivery mode Bulk Taped, Ammo pack Cut Kinked
Please read Cautions and warnings and Important notes at the end of this document.
2
08/08
Single-ended capacitors Low impedance - 105 C
Specifications and characteristics in brief Rated voltage VR Operating temperature range 6.3 ... 450 V DC -40 C ... +105 C
B41041, B43041
Rated capacitance CR 0.1 ... 15000 F (20 C, 120 Hz) Capacitance tolerance 20% Load life (105 C, VR, IAC,R) 2000 h M Requirements: C/C 20% of initial value tan 2 times initial specified limit Ileak initial specified limit
Leakage current Ileak C R V R (20 C, after 5 minutes) I leak 0.03 A ------- ------ or 3 A, whichever is greater F V Dissipation factor tan (20 C, 120 Hz) Low temperature stability (impedance ratio) (120 Hz) Shelf life For capacitance higher than 1000 F add 0.02 for every increase of 1000 F 16 25 35 50 63 ... 100 160 ... 250 315 ... 450 VR (V DC) 6.3 10 tan VR (V DC) Z ( - 40 C ) -------------------------Z ( +20 C )
0.24 0.20 0.16 0.14 0.12 0.10 0.09 0.15 0.20
6.3 ... 10 7
16 5
25 ... 100 4
160 ... 250 315 ... 450 8 6
After storage for 1000 h at 105 C, the capacitors shall meet the requirement of load life test after reforming process. After test: VR to be applied for 30 minutes, 24 to 48 hours before measurement. Frequency CR
0.1 ... 6.8 F 10 ... 68 F 330 ... 1000 F 2200 ... 15000 F
Frequency multiplier for rated ripple current VR 6.3 ... 100 V
50 Hz - - - - 0.8 1.7 1.4
120 Hz 1 kHz 10 kHz 0.4 0.5 0.7 0.8 0.9 1 0.7 0.8 0.9 0.9 1.0 1.3 0.8 0.9 0.9 1.0 1.0 1.4 +105 C 1.0 1.0
100 kHz 1.0 1.0 1.0 1.0 1.0 1.6
100 ... 200 F -
160 ... 450 V Temperature multiplier for rated ripple current 6.3 ... 100 V 160 ... 400 V
0.47 ... 330
+70 C 2.0 1.8
+85 C
Please read Cautions and warnings and Important notes at the end of this document.
3
08/08
Single-ended capacitors Low impedance - 105 C
Dimensional drawing
B41041, B43041
d
l + 15 min. 5 min.
KAL1080-C-E
Minus pole marking
a
Safety vent
Safety vent for diameter 8 mm. Case dimensions dxl mm 5 8 10 10 10 x 11 x 11.5 x 12.5 x 16 x 20 6.3 x 11 dmax x Imax mm 5.5 x 12.5 6.8 x 12.5 8.5 x 13.0 11 11 11 x 14.0 x 17.5 x 21.5 a mm 2.0 0.5 2.5 0.5 3.5 0.5 5.0 0.5 5.0 0.5 5.0 0.5 5.0 0.5 5.0 0.5 7.5 0.5 7.5 0.5 7.5 0.5 7.5 0.5 7.5 0.5 b mm 0.5 0.1 0.5 0.1 0.6 0.1 0.6 0.1 0.6 0.1 0.6 0.1 0.6 0.1 0.6 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1
12.5 x 20 12.5 x 25 16 16 16 18 18 x 25 x 31.5 x 35.5 x 35.5 x 40
13.5 x 22.0 13.5 x 27.0 17 17 17 19 19 x 27.0 x 33.5 x 37.5 x 37.5 x 42.0
Please read Cautions and warnings and Important notes at the end of this document.
4
ob
08/08
Single-ended capacitors Low impedance - 105 C
Overview of available types B41041 VR (V DC) CR (F) 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 1000 1500 2200 3300 4700 6800 10000 15000 5 5 5 5 x 11 x 11 x 11 x 11 5 5 5 5 5 x 11 x 11 x 11 x 11 x 11 5 5 5 5 5 x 11 x 11 x 11 x 11 x 11 6.3 10 16
B41041, B43041
25
Case dimensions d x l (mm) 5 5 5 5 5 5 5 x 11 x 11 x 11 x 11 x 11 x 11 x 11
6.3 x 11 6.3 x 11 8 8 8 10 10 10 x 11.5 x 11.5 x 11.5 x 12.5 x 16 x 20
6.3 x 11 6.3 x 11 8 8 10 10 x 11.5 x 11.5 x 12.5 x 16
6.3 x 11 6.3 x 11 6.3 x 11 8 10 10 10 x 11.5 x 12.5 x 12.5 x 20
6.3 x 11 6.3 x 11 8 8 10 10 10 x 11.5 x 11.5 x 12.5 x 16 x 20
12.5 x 20 12.5 x 20 16 16 16 18 x 25 x 25 x 31.5 x 35.5
12.5 x 20 12.5 x 25 16 16 18 x 25 x 31.5 x 35.5
12.5 x 20 12.5 x 20 16 16 16 18 x 25 x 25 x 31.5 x 35.5
12.5 x 20 12.5 x 25 16 16 18 x 25 x 31.5 x 35.5
Please read Cautions and warnings and Important notes at the end of this document.
5
08/08
Single-ended capacitors Low impedance - 105 C
Overview of available types B41004 VR (V DC) CR (F) 0.10 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 1000 1500 2200 3300 5 5 5 5 5 5 8 8 10 10 10 10 x 11 x 11 x 11 x 11 x 11 x 11 x 11.5 x 11.5 x 12.5 x 12.5 x 16 x 20 5 5 5 5 5 5 5 5 5 5 5 5 5 5 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11 5 5 5 x 11 x 11 x 11 35 50 63
B41041, B43041
100
Case dimensions d x l (mm)
5 5 5 5 5 5 5
x 11 x 11 x 11 x 11 x 11 x 11 x 11
6.3 x 11 6.3 x 11 8 8 10 10 10 x 11.5 x 11.5 x 12.5 x 16 x 20
6.3 x 11 6.3 x 11 6.3 x 11 8 10 10 10 10 x 11.5 x 12.5 x 12.5 x 16 x 20
6.3 x 11 6.3 x 11 8 8 10 10 10 16 16 16 18 x 11.5 x 11.5 x 12.5 x 16 x 20 x 25 x 25 x 35.5 x 35.5
6.3 x 11
12.5 x 20 12.5 x 25 16 16 16 x 25 x 25 x 31.5
12.5 x 20 12.5 x 25 16 16 x 31.5 x 31.5
12.5 x 20
12.5 x 25 12.5 x 25 16 16 18 x 25 x 31.5 x 35.5
Please read Cautions and warnings and Important notes at the end of this document.
6
08/08
Single-ended capacitors Low impedance - 105 C
Overview of available types B43041 VR (V DC) CR (F) 2.2 3.3 4.7 6.8 10 15 22 33 47 68 82 100 150 220 330 6.3 x 11 8 8 10 10 10 x 11.5 x 11.5 x 12.5 x 16 x 20 6.3 x 11 8 8 10 10 10 x 11.5 x 11.5 x 12.5 x 16 x 20 160 Case dimensions d x l (mm) 200
B41041, B43041
250
6.3 x 11 8 8 10 10 10 x 11.5 x 11.5 x 12.5 x 16 x 20
12.5 x 20 12.5 x 20 12.5 x 25 16 16 16 18 18 x 25 x 25 x 31.5 x 31.5 x 35.5
12.5 x 20 12.5 x 25 12.5 x 25 16 16 16 18 18 x 25 x 25 x 31.5 x 31.5 x 40
12.5 x 20 12.5 x 25 12.5 x 25 16 16 18 18 x 25 x 31.5 x 31.5 x 35.5
Please read Cautions and warnings and Important notes at the end of this document.
7
08/08
Single-ended capacitors Low impedance - 105 C
Overview of available types B43041 VR (V DC) CR (F) 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 82 100 150 6.3 x 11 8 8 10 10 10 10 x 11.5 x 11.5 x 12.5 x 12.5 x 16 x 20 6.3 x 11 8 8 8 10 10 10 x 11.5 x 11.5 x 11.5 x 12.5 x 16 x 20 350 Case dimensions d x l (mm) 400
B41041, B43041
450
6.3 x 11 6.3 x 11 8 8 8 10 10 10 x 11.5 x 11.5 x 11.5 x 12.5 x 16 x 20
12.5 x 20 12.5 x 25 12.5 x 25 16 16 18 18 18 18 x 25 x 31.5 x 31.5 x 35.5 x 40 x 45
12.5 x 20 12.5 x 25 16 16 16 18 18 18 x 25 x 25 x 31.5 x 31.5 x 35.5 x 40
12.5 x 20 12.5 x 25 16 16 18 18 18 x 25 x 31.5 x 31.5 x 35.5 x 40
Please read Cautions and warnings and Important notes at the end of this document.
8
08/08
Single-ended capacitors Low impedance - 105 C
Technical data and ordering codes B41041 VR V DC 6.3 CR 120 Hz 20 C F 33 47 68 100 150 220 330 470 680 1000 1500 2200 3300 4700 6800 10000 15000 22 33 47 68 100 150 220 330 470 680 1000 1500 2200 3300 4700 6800 10000 Case dimensions dxl mm 5 5 5 5 6.3 6.3 6.3 8 10 10 10 12.5 12.5 16 16 16 18 5 5 5 5 5 6.3 6.3 8 8 10 10 10 12.5 12.5 16 16 18 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11.5 x 12.5 x 12.5 x 20 x 20 x 20 x 25 x 25 x 31.5 x 35.5 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11.5 x 11.5 x 12.5 x 16 x 20 x 20 x 25 x 25 x 31.5 x 35.5 Z 100 kHz 20 C 2.5 1.5 1.3 1.2 1.0 0.87 0.58 0.39 0.35 0.23 0.18 0.095 0.090 0.061 0.056 0.045 0.036 2.5 1.9 1.5 1.4 1.2 0.8 0.58 0.47 0.39 0.30 0.18 0.15 0.09 0.068 0.056 0.045 0.036 IAC,R 100 kHz 105 C mA 105 120 125 130 150 180 220 315 370 500 630 1000 1050 1670 1740 2110 2580 92 105 120 125 130 160 220 265 315 400 615 810 1050 1300 1740 2110 2580
B41041, B43041
Ordering code (composition see below) B41041A2336M*** B41041A2476M*** B41041A2686M*** B41041A2107M*** B41041A2157M*** B41041A2227M*** B41041A2337M*** B41041A2477M*** B41041A2687M*** B41041A2108M*** B41041A2158M*** B41041A2228M*** B41041A2338M*** B41041A2478M*** B41041A2688M*** B41041A2109M*** B41041A2159M*** B41041A3226M*** B41041A3336M*** B41041A3476M*** B41041A3686M*** B41041A3107M*** B41041A3157M*** B41041A3227M*** B41041A3337M*** B41041A3477M*** B41041A3687M*** B41041A3108M*** B41041A3158M*** B41041A3228M*** B41041A3338M*** B41041A3478M*** B41041A3688M*** B41041A3109M***
10
*** = Version 000 = for 001 = for 002 = for 016 = for 007 = for 006 = for 008 = for
standard leads, bulk kinked leads, bulk cut leads, bulk taped leads, Ammo pack, taped leads, Ammo pack, taped leads, Ammo pack, taped leads, Ammo pack,
lead lead lead lead
spacing spacing spacing spacing
a a a a
= = = =
2.0 2.5 3.5 5.0
mm mm mm mm
Please read Cautions and warnings and Important notes at the end of this document.
9
08/08
Single-ended capacitors Low impedance - 105 C
Technical data and ordering codes B41041 VR V DC 16 CR 120 Hz 20 C F 10 15 22 33 47 68 100 150 220 330 470 680 1000 1500 2200 3300 4700 6800 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 1000 1500 2200 3300 4700 Case dimensions dxl mm 5 5 5 5 5 6.3 6.3 8 8 8 10 10 10 12.5 12.5 16 16 18 5 5 5 5 5 5 5 6.3 6.3 8 8 10 10 12.5 12.5 16 16 16 18 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11.5 x 11.5 x 11.5 x 12.5 x 16 x 20 x 20 x 25 x 25 x 31.5 x 35.5 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11.5 x 11.5 x 12.5 x 16 x 20 x 20 x 25 x 25 x 31.5 x 35.5 Z 100 kHz 20 C 2.5 2.2 1.9 1.5 1.2 1 0.58 0.5 0.47 0.39 0.23 0.17 0.12 0.1 0.068 0.056 0.045 0.036 3 2.7 2.5 2.2 1.9 1.5 1.2 0.8 0.58 0.5 0.39 0.23 0.18 0.14 0.09 0.08 0.056 0.045 0.036 IAC,R 100 kHz 105 C mA 92 98 105 120 130 150 220 240 290 315 500 610 825 1000 1300 1740 2110 2580 85 88 92 98 105 120 130 150 220 260 315 500 615 830 1050 1200 1740 2110 2580
B41041, B43041
Ordering code (composition see below) B41041A4106M*** B41041A4156M*** B41041A4226M*** B41041A4336M*** B41041A4476M*** B41041A4686M*** B41041A4107M*** B41041A4157M*** B41041A4227M*** B41041A4337M*** B41041A4477M*** B41041A4687M*** B41041A4108M*** B41041A4158M*** B41041A4228M*** B41041A4338M*** B41041A4478M*** B41041A4688M*** B41041A5475M*** B41041A5685M*** B41041A5106M*** B41041A5156M*** B41041A5226M*** B41041A5336M*** B41041A5476M*** B41041A5686M*** B41041A5107M*** B41041A5157M*** B41041A5227M*** B41041A5337M*** B41041A5477M*** B41041A5687M*** B41041A5108M*** B41041A5158M*** B41041A5228M*** B41041A5338M*** B41041A5478M***
25
*** = Version 000 = for 001 = for 002 = for 016 = for 007 = for 006 = for 008 = for
standard leads, bulk kinked leads, bulk cut leads, bulk taped leads, Ammo pack, taped leads, Ammo pack, taped leads, Ammo pack, taped leads, Ammo pack,
lead lead lead lead
spacing spacing spacing spacing
a a a a
= = = =
2.0 2.5 3.5 5.0
mm mm mm mm
Please read Cautions and warnings and Important notes at the end of this document.
10
08/08
Single-ended capacitors Low impedance - 105 C
Technical data and ordering codes B41041 VR V DC 35 CR 120 Hz 20 C F 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 1000 1500 2200 3300 0.1 0.22 0.33 0.47 0.68 1 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 Case dimensions dxl mm 5 5 5 5 5 5 6.3 8 8 10 10 10 10 12.5 12.5 16 16 18 5 5 5 5 5 5 5 5 5 5 5 5 5 5 6.3 6.3 8 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11.5 x 11.5 x 12.5 x 12.5 x 16 x 20 x 25 x 25 x 25 x 31.5 x 35.5 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11.5 Z 100 kHz 20 C 2.5 2.2 1.9 1.7 1.5 1.5 0.72 0.5 0.39 0.3 0.23 0.18 0.12 0.1 0.068 0.06 0.045 0.036 18 13 10 7 6 4.9 4.6 4.2 3.9 3.6 3.2 2.7 2.2 1.9 1.1 0.9 0.7 IAC,R 100 kHz 105 C mA 92 98 105 110 120 130 220 240 315 370 500 615 825 1000 1300 1500 2110 2580 10 15 18 23 25 35 40 53 65 82 90 100 110 125 195 245 310
B41041, B43041
Ordering code (composition see below) B41041A7475M*** B41041A7685M*** B41041A7106M*** B41041A7156M*** B41041A7226M*** B41041A7336M*** B41041A7476M*** B41041A7686M*** B41041A7107M*** B41041A7157M*** B41041A7227M*** B41041A7337M*** B41041A7477M*** B41041A7687M*** B41041A7108M*** B41041A7158M*** B41041A7228M*** B41041A7338M*** B41041A6104M*** B41041A6224M*** B41041A6334M*** B41041A6474M*** B41041A6684M*** B41041A6105M*** B41041A6155M*** B41041A6225M*** B41041A6335M*** B41041A6475M*** B41041A6685M*** B41041A6106M*** B41041A6156M*** B41041A6226M*** B41041A6336M*** B41041A6476M*** B41041A6686M***
50
*** = Version 000 = for 001 = for 002 = for 016 = for 007 = for 006 = for 008 = for
standard leads, bulk kinked leads, bulk cut leads, bulk taped leads, Ammo pack, taped leads, Ammo pack, taped leads, Ammo pack, taped leads, Ammo pack,
lead lead lead lead
spacing spacing spacing spacing
a a a a
= = = =
2.0 2.5 3.5 5.0
mm mm mm mm
Please read Cautions and warnings and Important notes at the end of this document.
11
08/08
Single-ended capacitors Low impedance - 105 C
Technical data and ordering codes B41041 VR V DC 50 CR 120 Hz 20 C F 100 150 220 330 470 680 1000 1500 2200 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 1000 0.47 0.68 1 1.5 2.2 3.3 4.7 6.8 10 15 22 Case dimensions dxl mm 8 10 10 10 12.5 16 16 16 18 5 5 5 6.3 6.3 6.3 8 10 10 10 10 12.5 12.5 16 16 5 5 5 5 5 5 5 6.3 6.3 8 8 x 11.5 x 12.5 x 16 x 20 x 20 x 25 x 25 x 35.5 x 35.5 x 11 x 11 x 11 x 11 x 11 x 11 x 11.5 x 12.5 x 12.5 x 16 x 20 x 20 x 25 x 31.5 x 31.5 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11.5 x 11.5 Z 100 kHz 20 C 0.5 0.45 0.27 0.18 0.12 0.1 0.076 0.068 0.05 5.8 4.5 3.6 2.8 2.1 1.7 1.2 0.9 0.65 0.46 0.32 0.22 0.16 0.12 0.098 13 12 11 10 9.2 7.2 6.3 4.5 3.3 2.8 1.4 IAC,R 100 kHz 105 C mA 385 450 505 675 895 1100 1495 1800 2190 74 80 95 110 130 160 305 350 395 460 505 660 850 1000 1430 30 35 45 50 60 67 75 88 110 130 165
B41041, B43041
Ordering code (composition see below) B41041A6107M*** B41041A6157M*** B41041A6227M*** B41041A6337M*** B41041A6477M*** B41041A6687M*** B41041A6108M*** B41041A6158M*** B41041A6228M*** B41041A8475M*** B41041A8685M*** B41041A8106M*** B41041A8156M*** B41041A8226M*** B41041A8336M*** B41041A8476M*** B41041A8686M*** B41041A8107M*** B41041A8157M*** B41041A8227M*** B41041A8337M*** B41041A8477M*** B41041A8687M*** B41041A8108M*** B41041A9474M*** B41041A9684M*** B41041A9105M*** B41041A9155M*** B41041A9225M*** B41041A9335M*** B41041A9475M*** B41041A9685M*** B41041A9106M*** B41041A9156M*** B41041A9226M***
63
100
*** = Version 000 = for 001 = for 002 = for 016 = for 007 = for 006 = for 008 = for
standard leads, bulk kinked leads, bulk cut leads, bulk taped leads, Ammo pack, taped leads, Ammo pack, taped leads, Ammo pack, taped leads, Ammo pack,
lead lead lead lead
spacing spacing spacing spacing
a a a a
= = = =
2.0 2.5 3.5 5.0
mm mm mm mm
Please read Cautions and warnings and Important notes at the end of this document.
12
08/08
Single-ended capacitors Low impedance - 105 C
Technical data and ordering codes B41041 VR CR 120 Hz 20 C V DC F 100 33 47 68 100 150 220 330 470 Case dimensions dxl mm 10 10 10 12.5 12.5 16 16 16 x 12.5 x 16 x 20 x 20 x 25 x 25 x 25 x 31.5 Z 100 kHz 20 C 0.94 0.68 0.4 0.28 0.22 0.16 0.13 0.11 IAC,R 100 kHz 105 C mA 305 320 410 585 670 1120 1290 1350
B41041, B43041
Ordering code (composition see below) B41041A9336M*** B41041A9476M*** B41041A9686M*** B41041A9107M*** B41041A9157M*** B41041A9227M*** B41041A9337M*** B41041A9477M***
*** = Version 000 = for 001 = for 002 = for 016 = for 007 = for 006 = for 008 = for
standard leads, bulk kinked leads, bulk cut leads, bulk taped leads, Ammo pack, taped leads, Ammo pack, taped leads, Ammo pack, taped leads, Ammo pack,
lead lead lead lead
spacing spacing spacing spacing
a a a a
= = = =
2.0 2.5 3.5 5.0
mm mm mm mm
Please read Cautions and warnings and Important notes at the end of this document.
13
08/08
Single-ended capacitors Low impedance - 105 C
Technical data and ordering codes B43041 VR V DC 160 CR 120 Hz 20 C F 4.7 6.8 10 15 22 33 47 68 82 100 150 220 330 3.3 4.7 6.8 10 15 22 33 47 68 82 100 150 220 330 2.2 3.3 4.7 6.8 10 15 22 33
standard leads, bulk kinked leads, bulk cut leads, bulk taped leads, Ammo pack, taped leads, Ammo pack, taped leads, Ammo pack, taped leads, Ammo pack,
B41041, B43041
Case dimensions dxl mm 6.3 8 8 10 10 10 12.5 12.5 12.5 16 16 18 18 6.3 8 8 10 10 10 12.5 12.5 12.5 16 16 16 18 18 6.3 8 8 10 10 10 12.5 12.5 x 11 x 11.5 x 11.5 x 12.5 x 16 x 20 x 20 x 25 x 25 x 25 x 31.5 x 31.5 x 35.5 x 11 x 11.5 x 11.5 x 12.5 x 16 x 20 x 20 x 25 x 25 x 25 x 25 x 31.5 x 31.5 x 40 x 11 x 11.5 x 11.5 x 12.5 x 16 x 20 x 20 x 20
IAC,R 100 kHz 105 C mA 34 46 56 80 110 150 200 270 295 370 508 650 850 30 43 57 81 112 145 182 240 350 400 460 620 810 1010 27 32 46 64 88 120 160 190
Ordering code (composition see below) B43041A1475M*** B43041A1685M*** B43041A1106M*** B43041A1156M*** B43041A1226M*** B43041A1336M*** B43041A1476M*** B43041A1686M*** B43041A1826M*** B43041A1107M*** B43041A1157M*** B43041A1227M*** B43041A1337M*** B43041A2335M*** B43041A2475M*** B43041A2685M*** B43041A2106M*** B43041A2156M*** B43041A2226M*** B43041A2336M*** B43041A2476M*** B43041A2686M*** B43041A2826M*** B43041A2107M*** B43041A2157M*** B43041A2227M*** B43041A2337M*** B43041F2225M*** B43041F2335M*** B43041F2475M*** B43041F2685M*** B43041F2106M*** B43041F2156M*** B43041F2226M*** B43041F2336M***
200
250
*** = Version 000 = for 001 = for 002 = for 016 = for 007 = for 006 = for 008 = for
lead lead lead lead
spacing spacing spacing spacing
a a a a
= = = =
2.0 2.5 3.5 5.0
mm mm mm mm
Please read Cautions and warnings and Important notes at the end of this document.
14
08/08
Single-ended capacitors Low impedance - 105 C
Technical data and ordering codes B43041 VR V DC 250 CR 120 Hz 20 C F 47 68 82 100 150 220 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 82 100 150 1 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 82 100 150
standard leads, bulk kinked leads, bulk cut leads, bulk taped leads, Ammo pack, taped leads, Ammo pack, taped leads, Ammo pack, taped leads, Ammo pack,
B41041, B43041
Case dimensions dxl mm 12.5 16 16 16 18 18 6.3 8 8 10 10 10 10 12.5 12.5 16 16 18 18 18 6.3 8 8 8 10 10 10 12.5 12.5 16 16 16 18 18 18 x 25 x 25 x 25 x 31.5 x 31.5 x 35.5 x 11 x 11.5 x 11.5 x 12.5 x 12.5 x 16 x 20 x 20 x 25 x 25 x 31.5 x 31.5 x 35.5 x 40 x 11 x 11.5 x 11.5 x 11.5 x 12.5 x 16 x 20 x 20 x 25 x 25 x 25 x 31.5 x 31.5 x 35.5 x 40
IAC,R 100 kHz 105 C mA 270 350 400 460 620 830 19 30 34 50 70 92 130 165 220 290 380 480 520 650 19 26 32 40 56 77 104 143 210 280 370 480 500 580 770
Ordering code (composition see below) B43041F2476M*** B43041F2686M*** B43041F2826M*** B43041F2107M*** B43041F2157M*** B43041F2227M*** B43041A4155M*** B43041A4225M*** B43041A4335M*** B43041A4475M*** B43041A4685M*** B43041A4106M*** B43041A4156M*** B43041A4226M*** B43041A4336M*** B43041A4476M*** B43041A4686M*** B43041A4826M*** B43041A4107M*** B43041A4157M*** B43041A9105M*** B43041A9155M*** B43041A9225M*** B43041A9335M*** B43041A9475M*** B43041A9685M*** B43041A9106M*** B43041A9156M*** B43041A9226M*** B43041A9336M*** B43041A9476M*** B43041A9686M*** B43041A9826M*** B43041A9107M*** B43041A9157M***
350
400
*** = Version 000 = for 001 = for 002 = for 016 = for 007 = for 006 = for 008 = for
lead lead lead lead
spacing spacing spacing spacing
a a a a
= = = =
2.0 2.5 3.5 5.0
mm mm mm mm
Please read Cautions and warnings and Important notes at the end of this document.
15
08/08
Single-ended capacitors Low impedance - 105 C
Technical data and ordering codes B43041 VR V DC 450 CR 120 Hz 20 C F 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 82 100 150
standard leads, bulk kinked leads, bulk cut leads, bulk taped leads, Ammo pack, taped leads, Ammo pack, taped leads, Ammo pack, taped leads, Ammo pack,
B41041, B43041
Case dimensions dxl mm 6.3 6.3 8 8 8 10 10 10 12.5 12.5 12.5 16 16 18 18 18 18 x 11 x 11 x 11.5 x 11.5 x 11.5 x 12.5 x 16 x 20 x 20 x 25 x 25 x 25 x 31.5 x 31.5 x 35.5 x 40 x 45
IAC,R 100 kHz 105 C mA 13 16 23 28 34 49 65 90 125 170 210 280 380 480 550 650 800
Ordering code (composition see below) B43041A5474M*** B43041A5684M*** B43041A5105M*** B43041A5155M*** B43041A5225M*** B43041A5335M*** B43041A5475M*** B43041A5685M*** B43041A5106M*** B43041A5156M*** B43041A5226M*** B43041A5336M*** B43041A5476M*** B43041A5686M*** B43041A5826M*** B43041A5107M*** B43041A5157M***
*** = Version 000 = for 001 = for 002 = for 016 = for 007 = for 006 = for 008 = for
lead lead lead lead
spacing spacing spacing spacing
a a a a
= = = =
2.0 2.5 3.5 5.0
mm mm mm mm
Please read Cautions and warnings and Important notes at the end of this document.
16
08/08
Single-ended capacitors Taping, packing and lead configurations
Taping, packing and lead configurations of single-ended capacitors
B41041, B43041
Single-ended capacitors are available taped in Ammo pack from diameter 4 to 10 mm as follows: Lead spacing 2.0 mm ( d = 4 ... 5 mm) Last 3 digits of ordering code: 016
od P P0 h h
H H0
W2
D0
1 max.
W1
View B
W
W0
Base tape Adhesive tape
F P1 B
l1
t
KAL1138-D-E
Dimensions in mm d F -0.2 H 18.5 W 18.0 W0 7.0 min. W1 9.0 0.5 W2 3.0 max. P 12.7 1.0 P0 12.7 0.3 P1 5.10 0.7 l1 1.0 max. t 0.7 0.2 h 1 1.0 D0 4.0 0.2
4 ... 5 2.0
0.75 0.5
Please read Cautions and warnings and Important notes at the end of this document.
17
08/08
Single-ended capacitors Taping, packing and lead configurations
Lead spacing 2.5 mm ( d = 4 ... 6.3 mm) Last 3 digits of ordering code: 007
od P P0 h h
B41041, B43041
H H0
W2
1 max.
W0
W1
View B
W
Base tape Adhesive tape
P1
B
l1
F
D0
t
KAL1074-3-E
Dimensions in mm d 4 ... 6.3 F 2.5 H 18.5 H0 W W0 W1 9.0 W2 3.0 P P0 P1 l1 t 0.7 h 0 D0 4.0
16.0 18.0 7.0
12.7 12.7 5.10 1.0
Tolerance -0.2 0.75 0.5 0.5 min. 0.5 max. 1.0 0.3 0.7 max. 0.2 1.0 0.2
Lead spacing 3.5 mm ( d = 8 mm) Last 3 digits of ordering code: 006
od P P0 h h
H H0
W2
D0
1 max.
W1
View B
W
W0
Base tape Adhesive tape
F P1 B
l1
t
KAL1138-D-E
Dimensions in mm d 8 F 3.5 H 18.5 W W0 W1 9.0 W2 3.0 P P0 P1 l1 t 0.7 h 1 D0 4.0
18.0 10
12.7 12.7 5.10 1.0
Tolerance 0.5 0.75 0.5 min.
0.5 max. 1.0 0.3 0.7 max. 0.2 max. 0.2
Please read Cautions and warnings and Important notes at the end of this document.
18
08/08
Single-ended capacitors Taping, packing and lead configurations
Lead spacing 5.0 mm ( d = 4 ... 8 mm) Last 3 digits of ordering code: 008
od P P0 h h
B41041, B43041
H H0
W2
1 max.
W0
W1
View B
W
Base tape Adhesive tape
P1
B
l1
F
D0
t
KAL1075-B-E
Lead spacing 5.0 mm ( d = 10 mm) Last 3 digits of ordering code: 008
od P P0 h h
H
W2
1 max.
W0
W1
View B
W
Base tape Adhesive tape
P1
B
l1
F
D0
Dimensions in mm d 4 ... 6.3 8 10 Tolerance F 5.0 5.0 5.0 H 18.5 18.5 18.5 H0 16 16 - W W0 W1 9.0 9.0 W2 3.0 3.0 3.0 P P0 P1 L1 t 0.6 0.6 0.6 h 2.0 2.0 2.0 D0 4.0 4.0 4.0 18.0 7.0 18.0 10 12.7 12.7 3.85 1.0 12.7 12.7 3.85 1.0 12.7 12.7 3.85 1.0
18.0 12.5 9.0
+0.6 0.75 0.5 +1.0 +1.0 0.5 max. 0.5 0.3 0.7 max. +0.3 max. 0.2 -0.2 -0.5 -0 -0.2
Taping is available up to dimensions d x l = 10 x 20 mm. For 12.5, 16 and 18 mm taping is not available.
Please read Cautions and warnings and Important notes at the end of this document.
19
08/08
t
KAL1076-J-E
Single-ended capacitors Taping, packing and lead configurations
Kinked or cut leads
B41041, B43041
Single-ended capacitors are available with kinked or cut leads. Other lead configurations also available on request. Kinked leads Last 3 digits of ordering code: 001
l 2.10.1
3.20.1
KAL1137-5
l
od
4.50.5
KAL1084-A
Case size d x l (mm) 4x7 5x7 5 x 11 6.3 x 7 6.3 x 11 6.3 x 15 8x7 8 x 11.5 8 x 15 8 x 20 10 x 12.5 10 x 16 10 x 20 10 x 25 10 x 31.5
a
1.20.1
od
a (mm) 1.5 2.0 2.0 2.5 2.5 2.5 3.5 3.5 3.5 3.5 5.0 5.0 5.0 5.0 5.0
Case size d x l (mm) a (mm) 12.5 x 16 12.5 x 20 12.5 x 25 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 x 20 16 x 25 16 x 31.5 16 x 35.5 16 x 40 18 x 20 18 x 25 18 x 31.5 18 x 35.5 18 x 40 5.0 5.0 5.0 5.0 5.0 5.0 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5
Please read Cautions and warnings and Important notes at the end of this document.
20
08/08
Single-ended capacitors Taping, packing and lead configurations
Cut leads Last 3 digits of ordering code: 002
l
B41041, B43041
od
4.50.5
KAL1086-R
Case size d x l (mm) 4x7 5x7 5 x 11 6.3 x 7 6.3 x 11 6.3 x 15 8x7 8 x 11.5 8 x 15 8 x 20 10 x 12.5 10 x 16 10 x 20 10 x 25 10 x 31.5
a
a (mm) 1.5 2.0 2.0 2.5 2.5 2.5 3.5 3.5 3.5 5.0 5.0 5.0 5.0 5.0 5.0
Case size d x l (mm) a (mm) 12.5 x 16 12.5 x 20 12.5 x 25 12.5 x 31.5 12.5 x 35.5 12.5 x 40 16 x 20 16 x 25 16 x 31.5 16 x 35.5 16 x 40 18 x 20 18 x 25 18 x 31.5 18 x 35.5 18 x 40 5.0 5.0 5.0 5.0 5.0 5.0 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5
Please read Cautions and warnings and Important notes at the end of this document.
21
08/08
Cautions and warnings
General Also see "Important notes" on page 24. 1 Aluminum electrolytic capacitors have a bi-polar structure. This is marked on the body of the capacitor. A capacitor must not be mounted with reversed polarity. The application of an AC or reverse voltage may cause a short circuit or damage the capacitor. Bi-polar capacitors must not be used in AC applications, where the polarity may be reversed in the circuits or is unknown. The DC voltage applied to the capacitor terminal must not exceed its rated operating voltage, as this will result in a rapid increase of the leakage current and may damage the capacitor. It is recommended to operate the capacitor at 70-80% of its rated voltage to optimize its service life. The ripple current applied to the capacitor must be within the permitted range. An excessive ripple current leads to impaired electrical properties and may damage the capacitor. Note that the sum of the peak values of the ripple voltage and the DC operating voltage must not exceed the rated DC voltage. Capacitors must be used within their permitted range of operating temperature. Operation at room temperature optimizes their service life. Capacitors with case diameter 8 mm are equipped with a safety vent. In capacitors fitted with a lead or soldering lug, the safety vent is usually located at the base of the case. It needs sufficient space around it to operate optimally. The following dimensions are recommended: for case diameter d = 8 to 16 mm, more than 2 mm; for d =18 to 35 mm, more than 3 mm; and for d = 42 mm or more, more than 5 mm. Capacitors should not be mounted with the safety vent face down on the board. Do not locate any wire or copper trace near the safety vent. Do not reverse the voltage, as this may result in excess pressure and the leakage of electrolyte. Gas is released through the safety vent when the pressure inside the capacitor is too high. A gaseous liquid around the safety vent does not indicate a leakage of electrolyte. The capacitor should be stored under conditions of normal temperature and in a non-acid, non-alkali environment of normal humidity. Exposure to high temperatures, for example under direct sunlight, will reduce its operating life. If the capacitor is stored in an environment containing acids or alkalis, the solderability of the leads may be affected. The leakage current of an aluminum electrolytic capacitor may increase after a long period of storage. After such storage, the capacitor must be aged by applying the rated operating voltage for 6-8 hours before use. Manual soldering: a Soldering must be performed within the specified conditions. Bit temperature: 350 C; application time of soldering iron: 3 seconds. b Ensure that the soldering iron does not touch any part of the capacitor body.
2
3
4 5
6
7 8
9
10
Please read Cautions and warnings and Important notes at the end of this document.
22
08/08
Cautions and warnings
11
Do not apply excessive force to the leads and terminals. Do not move the capacitor after soldering it onto the PC board and do not carry the PC board by gripping the capacitor. Observe the following rules to prevent undue stress to the capacitor: a Do not tilt or bend the capacitor after soldering. b Ensure that the terminal spacing matches the corresponding hole spacing on the PC board.
12
The aluminum case is not insulated from the cathode. Do not place a conductor under the aluminum capacitors on the PC board as this may cause a short circuit. The case and top of capacitors used in switched mode power supplies have a high-voltage-resistant heat shrink sleeve to ensure safe usage. The leads of capacitors with a case diameter exceeding 14 mm cannot be used for fixing.
13
Please read Cautions and warnings and Important notes at the end of this document.
23
08/08
Important notes
Important notes
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. The warnings, cautions and product-specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available. The aforementioned does not apply in case of individual agreements deviating from the foregoing for customer-specific products. 6. Unless otherwise agreed in individual contracts, all orders are subject to the current version of the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, BAOKE, Alu-X, CeraDiode, CSSP, CTVS, DSSP, MiniBlue, MKK, MLSC, MotorCap, PCC, PhaseCap, PhaseMod, SIFERRIT, SIFI, SIKOREL, SilverCap, SIMDAD, SIMID, SineFormer, SIOV, SIP5D, SIP5K, ThermoFuse, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks.
24
08/08


▲Up To Search▲   

 
Price & Availability of B41041A2107M000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X