Part Number Hot Search : 
NCP4545 HV5761 OZ6812 SMAZ10 NJU6214 SF509 LM317E3 03025001
Product Description
Full Text Search
 

To Download AZ9891H-2C-12DE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ9891H
25 AMP SUB-MICRO TWIN H-BRIDGE AUTOMOTIVE RELAY
FEATURES * Up to 25 Amp switching capability in a very compact size * Vibration and shock resistant * Designed for power windows, door locks and wiper motors, seat adjusters, and more * Epoxy sealed for automatic wave soldering * ISO/TS 16949, ISO14001 * Tested in accordance with SAE J2544 * Cost effective * Dual (Twin) H-Bridge relay GENERAL DATA CONTACTS
Arrangement Ratings DPDT (2 Form C) (Twin) H-Bridge Resistive load: Operate Time Max. switched power: 400 W Max. switched current: 25 A Max. switched voltage: 16 VDC Rated load: 25 A at 14 VDC, locked motor Material Resistance Silver tin oxide Insulation Resistance < 25 milliohms initially (6 V, 1 A voltage drop method) Dropout Ambient Temperature Operating Storage Vibration 230 mW 2.2 W at 20C (68F) ambient 40C (72F) at nominal coil voltage 155C (311F) Shock Enclosure Terminals Max. Solder Temp Max. Solder Time Max. Solvent Temp 100 megohms min. at 20C, 500 VDC 50% RH Greater than 8.3% of nominal coil voltage At nominal coil voltage -40C (-40F) to 105C (221F) -40C (-40F) to 155C (311F) 4.5g at 10-500 Hz 10g operational, 100g destructive P.B.T. polyester Tinned copper alloy, P.C. 270C (518F) 5 seconds 80C (176F) 30 Seconds 7.5 grams Release Time 3 ms typical at nominal coil voltage 1.5 ms typical at nominal coil voltage (with no coil suppression) Life Expectancy Mechanical Electrical Minimum operations 1 x 106 1 x 105 at 25 A 14 VDC locked motor
Dielectric Strength 500 VAC coil to contact (at sea level for 1 min.) 500 VAC between open contacts
COIL
Power At Pickup Voltage (typical) Max. Continuous Dissipation Temperature Rise Max Temperature
NOTES
1. All values at 20C (68F). 2. Relay may pull in with less than "Must Operate" value. 3. Specifications subject to change without notice.
Max. Immersion Time Weight
8/08/08W
AZ9891H
RELAY ORDERING DATA
STANDARD RELAYS - 2 Form C (Twin) COIL SPECIFICATIONS
Nominal Coil VDC 12 12 Must Operate VDC 6.5 7.2 Max. Continuous VDC 18.0 20.0 Coil Resistance 10% 180 225
ORDER NUMBER
2 Form C (DPDT) AZ9891H-2C-12DE AZ9891H-2C-12DSE
MECHANICAL DATA
Outline Dimensions
.563MAX [14.3] .555MAX [14.1]
PC Board Layout
.038 [0.95]
4-O.039 [O1.0]
4-O.063 [O1.6]
.551MAX [14.0] .016 [0.4]
.126 [3.2]
.126 [3.2] .252 [6.4] .126 [3.2] .488 [12.4]
4-.047X.012 [1.2X0.3] 4-.024X.012 [0.6X0.3]
.118 [3.0]
.370 [9.4]
2-.047X.012 [1.2X0.3]
.038 [0.95]
.126 [3.2] .126 [3.2] .126 [3.2] .252 [6.4] .488 [12.4]
.118 [3.0]
.370 [9.4]
Wiring Diagram
1 8 2 7 6 3 5 4
Dimensions in inches with metric equivalents in parentheses. Tolerance: .010"
8/08/08W


▲Up To Search▲   

 
Price & Availability of AZ9891H-2C-12DE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X