Part Number Hot Search : 
NCP2809 1206573 HT7750 MAX9382 ECWB205T RWB100 1212Z 00393
Product Description
Full Text Search
 

To Download AZ6962-1AE-60DE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ6962
10 AMP SUBMINIATURE POWER RELAY
FEATURES * * * * * * * * * High sensitivity, 120 mW pickup Dielectric strength 5000 Vrms Isolation spacing greater than 10 mm 10kV surge voltage Proof tracking index (PTI/CTI) 250 10 Amp switching capability Epoxy sealed UL, CUR file E43203 VDE file 40010953
CONTACTS
Arrangement Ratings SPDT (1 Form C), DPDT (2 Form C) SPST (1 Form A) Resistive load: Max. switched power: 240 W or 2500 VA (2 Form C: 150 W or 1250 VA) Max. switched current: 10 A (2 Form C: 5 A) Max. switched voltage: 240 VDC* or 440 VAC
* Note: If switching voltage is greater than 30 VDC,
GENERAL DATA
Life Expectancy Mechanical Electrical Operate Time (typical) Release Time (typical) Minimum operations 3 x 107 1 x 105 at 8 A 250 VAC res. 7 ms at nominal coil voltage 3 ms at nominal coil voltage (with no coil suppression)
special precautions must be taken. Please contact the factory.
Rated Load UL, CUR
Dielectric Strength 5000 Vrms coil to contact (at sea level for 1 min.) 2500 Vrms between contact sets 1500 Vrms between open contacts Insulation Resistance Dropout Ambient Temperature Operating Storage Vibration Shock Enclosure Terminals 1000 megohms min. at 20C, 500 VDC, 50% RH Greater than 10% of nominal coil voltage At nominal coil voltage -40C (-40F) to 85C (185F) -40C (-40F) to 105C (221F) Break Contact: 5 g at 10 ...500 Hz Make Contact: 20 g at 10...500 Hz 10 g P.B.T. polyester, UL94 V-O Tinned copper alloy, P.C. 270C (518F) 5 seconds 80C (176F) 30 seconds 8 grams
10 A at 250 VAC resistive, 30k cycles (1 Form C) 10 A at 30 VDC resistive, 30k cycles (1 Form C) B300, R300 Pilot Duty (1 Form C) 1/2 HP at 240 VAC, 30k cycles (N.O.) 1/3 HP at 120 VAC, 30k cycles (N.O.) 5 A at 250 VAC resistive, 30k cycles (2 Form C) 8 A at 250 VAC resistive, 100k cycles (1 Form A, and 1 Form C) Silver tin oxide
VDE Material
COIL
Power At Pickup Voltage (typical) 120 mW (up to 24 VDC coil) (1 pole) 140 mW (48 VDC and 60 VDC coil) (1 pole) 176 mW (2 pole) 1.2 W at 20C (68F) ambient 20C (36F) at nominal coil voltage Max. 105C (221F)
Max. Solder Temp. Max. Solder Time Max. Solvent Temp. Max. Immersion Time Weight
Max. Continuous Dissipation Temperature Rise Temperature
NOTES
1. All values at 20C (68F). 2. Relay may pull in with less than "Must Operate" value. 3. Specifications subject to change without notice.
9/27/06W
AZ6962
RELAY ORDERING DATA
COIL SPECIFICATIONS - 1A & 1C
Nominal Coil VDC 5 6 9 12 15 18 24 48 60 Must Operate VDC 3.5 4.2 6.3 8.4 10.5 12.6 16.8 33.6 42.0 Max. Continuous VDC 11.6 14.0 20.8 27.2 31.0 39.4 53.1 98.0 122.4 Coil Resistance Ohm 113 10% 164 10% 360 10% 620 10% 800 10% 1,295 10% 2,350 10% 8,000 15% 12,500 15%
ORDER NUMBER*
1 Form A (SPST-NO) AZ6962-1AE-5DE AZ6962-1AE-6DE AZ6962-1AE-9DE AZ6962-1AE-12DE AZ6962-1AE-15DE AZ6962-1AE-18DE AZ6962-1AE-24DE AZ6962-1AE-48DE AZ6962-1AE-60DE 1 Form C (SPDT) AZ6962-1CE-5DE AZ6962-1CE-6DE AZ6962-1CE-9DE AZ6962-1CE-12DE AZ6962-1CE-15DE AZ6962-1CE-18DE AZ6962-1CE-24DE AZ6962-1CE-48DE AZ6962-1CE-60DE
COIL SPECIFICATIONS - 2C
Nominal Coil VDC 5 6 9 12 15 18 24 48 60 Must Operate VDC 3.5 4.2 6.3 8.4 10.5 12.6 16.8 33.6 42.0 Max. Continuous VDC 10.0 12.0 18.0 24.0 30.0 36.0 48.0 96.0 120.0 Coil Resistance Ohm 70 10% 100 10% 225 10% 400 10% 625 10% 900 10% 1600 10% 6,400 15% 10,000 15%
ORDER NUMBER*
2 Form A (DPST-NO) AZ6962-2AE-5DE AZ6962-2AE-6DE AZ6962-2AE-9DE AZ6962-2AE-12DE AZ6962-2AE-15DE AZ6962-2AE-18DE AZ6962-2AE-24DE AZ6962-2AE-48DE AZ6962-2AE-60DE 2 Form C (DPDT) AZ6962-2CE-5DE AZ6962-2CE-6DE AZ6962-2CE-9DE AZ6962-2CE-12DE AZ6962-2CE-15DE AZ6962-2CE-18DE AZ6962-2CE-24DE AZ6962-2CE-48DE AZ6962-2CE-60DE
* Add suffix "A" for gold plated contacts.
9/27/06W
AZ6962
MECHANICAL DATA
FORM C VERSION FORM C VERSION
1.122 [28.5] .398 [10.1]
FORM A VERSION FORM A VERSION
1.122 [28.5] .398 [10.1]
Coil Temperature Rise
160 150 140 130 120 110 100 90 80 70 60 50 40 30 20 10 0
.492 [12.5]
.492 [12.5]
.012 [0.3]
.142 [3.6]
.012 [0.3]
.142 [3.6]
Coil Temperature Rise C
10A 0A
60% 80% 100% 120% 140% 160% 180% 200% 220%
2 x o .020 [o 0.5]
3 x .016 [0.4] 3 x .031 [0.8]
2 x o .020 [o 0.5]
2 x .016 [0.4] 2 x .031 [0.8]
* *
* * Not used on 1 Form C relay
Percent of Nominal Coil Voltage at 20C
C BOARD LAYOUT PC BOARD LAYOUT
5 x o .051 [o 1.3] .870 [22.1] .062 [1.57]
CIRCUIT DIAGRAM CIRCUIT DIAGRAM
1 .050 [1.3]
4
.298 [7.56]
1 FORM C
1 FORM C
Maximum Switching Capacity
.126 [3.2] .126 [3.2] 2 1 4 x o .051 [o 1.3] .744 [18.9] .116 [2.95] 3 3 5
(1 Form A, and 1 Form C)
10.0
9.0 8.0 7.0 6.0 5.0 4.0
1 FORM A
DC Resistive Load
.298 [7.56]
1 FORM A
.198 [5.04]
.050 [1.3]
2
4
3.0 2.0
1
8
7
6
CURRENT
AC Resistive Load
1.0
.9 .8 .7 .6 .5
8 x o .051 [o 1.3]
.744 [18.9]
.062 [1.57] 2 .050 [1.3]
2 FORM C
3 4 5
.4
.298 [7.56]
2 FORM C
VIEWED TOWARD TERMINALS
.3 .2
VIEWED TOWARD TERMINALS
VOLTAGE
Dimensions in inches with metric equivalents in parentheses. Tolerance: .010"
9/27/06W
1000
10
100
200
300
400 500 600 700 800 900
50 60 70 80 90
20
30
40
.126 [3.2]
.126 [3.2]
.1


▲Up To Search▲   

 
Price & Availability of AZ6962-1AE-60DE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X