Part Number Hot Search : 
3P352LH AN1496 880102 PDLI27BD 80SQ035 BT149B HT46R4A M3764
Product Description
Full Text Search
 

To Download AS1353 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AS1353, AS1356 L i n e a r L o w - D r o p o u t 1 5 0 m A Vo l ta g e R e g u l a t o r s
Product Brief
1 General Description
The AS1353/AS1356 are high-performance, fixed-voltage linear LDOs designed for use with capacitors of 1 to 10F. The devices can deliver superior performance even under low dropout conditions when the power transistor operates in linear mode. The integrated P-channel MOSFET output allows the devices to maintain a low supply-current at loads of up to150mA. A shutdown mode includes logic-controlled circuitry which reduces shutdown current to less than 1A (max). Integrated over-temperature and over-current protection circuitry switches the devices off in case of thermal overload or output short-circuit conditions. The AS1353/AS1356 are optimized for low equivalentseries resistance (ESR) output capacitors. Additionally, all devices contain reversed battery protection which disconnects the internal circuitry and parasitic diodes if the battery is connected incorrectly. The AS1356 also features power-OK circuitry which can be used to monitor output regulation. All devices also feature an integrated error amplifier and built-in 1.25V reference, and output current is limited (380mA typ) via the on-chip current limiting circuitry. Multiple output voltages are available as standard products: 3.6, 3.3, 3.0, 2.7, 2.5, or 1.5V. All devices are available in a 5-pin SOT23 package.
2 Key Features
! ! ! ! ! ! ! ! ! ! ! !
Ultra-Low Dropout Voltage: 40mV @ 100mA load Output Voltage Range: +1.5 to +3.6V (100mV steps) Max Output Current: 150mA Output Voltage Accuracy: 1% Low Shutdown Current: 1A High PSRR: 60dB at 100Hz Integrated Overtemperature/Overcurrent Protection Reverse-Battery Protection (AS1353/AS1356) Power-OK Output (AS1356) Minimal External Components Required Operating Temperature Range: -40 to +85C 5-pin SOT23 Package
3 Applications
The devices are ideal for powering cordless and mobile phones, MP3 players, CD and DVD players, PDAs, handheld computers, digital cameras, and any other hand-held and/or battery-powered device.
Figure 1. Pinout and Application Diagrams
IN 1 GND 2 SHDNM 3
5 OUT
IN 1 GND 2
5 OUT
AS1353
4 BP
AS1356
4 POK
SHDNM
3
+2.5 to +5.5V
IN CIN 1F
OUT
AS1353
SHDNM BP GND
Preset Output 1.5 to 3.6V, 150mA COUT 1F
+2.5 to +5.5V
IN CIN 1F
OUT COUT 1F
Preset Output 1.5 to 3.6V, 150mA
AS1356
On Off SHDNM GND POK 100k To Microprocessor
On Off CBP 0.01F
www.austriamicrosystems.com
Revision 1.03
1-2
AS1353/AS1356 Product Brief
Copyrights
Copyright (c) 1997-2007, austriamicrosystems AG, Schloss Premstaetten, 8141 Unterpremstaetten, Austria-Europe. Trademarks Registered (R). All rights reserved. The material herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. All products and companies mentioned are trademarks or registered trademarks of their respective companies.
Disclaimer
Devices sold by austriamicrosystems AG are covered by the warranty and patent indemnification provisions appearing in its Term of Sale. austriamicrosystems AG makes no warranty, express, statutory, implied, or by description regarding the information set forth herein or regarding the freedom of the described devices from patent infringement. austriamicrosystems AG reserves the right to change specifications and prices at any time and without notice. Therefore, prior to designing this product into a system, it is necessary to check with austriamicrosystems AG for current information. This product is intended for use in normal commercial applications. Applications requiring extended temperature range, unusual environmental requirements, or high reliability applications, such as military, medical life-support or lifesustaining equipment are specifically not recommended without additional processing by austriamicrosystems AG for each application. For shipments of less than 100 parts the manufacturing flow might show deviations from the standard production flow, such as test flow or test location. The information furnished here by austriamicrosystems AG is believed to be correct and accurate. However, austriamicrosystems AG shall not be liable to recipient or any third party for any damages, including but not limited to personal injury, property damage, loss of profits, loss of use, interruption of business or indirect, special, incidental or consequential damages, of any kind, in connection with or arising out of the furnishing, performance or use of the technical data herein. No obligation or liability to recipient or any third party shall arise or flow out of austriamicrosystems AG rendering of technical or other services.
Contact Information
Headquarters austriamicrosystems AG A-8141 Schloss Premstaetten, Austria Tel: +43 (0) 3136 500 0 Fax: +43 (0) 3136 525 01
For Sales Offices, Distributors and Representatives, please visit: http://www.austriamicrosystems.com/contact
www.austriamicrosystems.com
Revision 1.03
2-2


▲Up To Search▲   

 
Price & Availability of AS1353

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X