Part Number Hot Search : 
31005 4C15T PS25451 2SK184BL 1N4148WT 0DPBF PNA4608M 4C15T
Product Description
Full Text Search
 

To Download AS1352 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AS1352
Programmable Quad LDO
D a ta S he e t
1 General Description
The AS1352 is a high-performance quad CMOS lowdropout voltage regulator in a single QFN package. The efficient set of programmable power supplies is optimized to deliver the best compromise between quiescent current and regulator performance for mobile phones, PDAs, MP3 players, and other battery powered devices. The one-time-programmable (OTP) function provides greater design flexibility by allowing for independent programming of the output voltage for each regulator onsite. The OTP function allows for fast prototyping reducing development times and costs significant. Factory trimmed versions for full-production are also available. Stability is guaranteed with ceramic output capacitors of only 1F (20% - X5R) up to 4.7F (20% - X5R). The low equivalent series resistance (ESR) of these capacitors ensures low output impedance at high frequencies. Regulation performance is excellent even under low dropout conditions, when the power transistor has to operate in linear mode. The low-noise performance allows direct connection of noise sensitive circuits without additional filtering networks. The AS1352 is available in a 12-pin QFN 4x4 package and a 16-pin QFN 3x3 package.
2 Key Features
! ! ! ! ! ! ! ! ! ! ! ! ! ! ! ! ! ! !
4 Independent Voltage Regulators with Shutdown Output Current: 200mA each LDO One Time Programmable Output Voltage (User- or Factory-Trimmed) Programmable Output Voltage Range: 1.8 to 3.3V in 0.1V Steps Accuracy: 2% PSRR: 70dB at 1kHz, 40dB at 100kHz Line Regulation: 2mV Load Regulation: 0.6mV Supply Range: 3 to 5.5V 0.2V Dropout Voltage @ I = 200mA Shutdown Current: 1A Supply Current Without Load: 225A Softstart for Low Inrush Current Stable with Low ESR Ceramic Capacitors from 1 to 4.7F Low Noise: 40V rms @10Hz to 100kHz Bandwidth Thermal Protection Over-Current Protection Temperature Range: -40 to +85C Package Types - 12-pin QFN 4x4 - 16-pin QFN 3x3
3 Applications
The AS1352 is ideal for cordless and mobile phones, MP3 players, CD and DVD players, PDAs, handheld computers, digital cameras, and any other hand-held battery-powered device. Figure 1. Pinout Assignments (Top View)
EN3 12 EN4 11 REF 10 EN1 EN2 1 9 GND VDD 8 VDD VDD 7 4 5 6 VOUT4 VDD
13
EN2 16 1
EN3 15
EN4 14
REF 13 12 GND
AS1352
EN1 2 12-pin QFN 4x4
2
AS1352
16-pin QFN 3x3
11 GND
3
10 VDD
VDD
3
4 5 6 7 8
9
VDD
GND
VOUT1 VOUT2 VOUT3
(Exposed Pad)
VOUT1 VOUT2 VOUT3 VOUT4
www.austriamicrosystems.com
Revision 1.31
1 - 10
AS1352 Data Sheet
- Pinout
4 Pinout
Pin Assignments
Figure 2. Pin Assignments (Top View - Not To Scale)
EN3 12 EN4 11 REF 10 EN1 EN2 1 9 GND VDD 8 VDD VDD 7 4 5 6 VOUT4 VDD
13
EN2 16 1
EN3 15
EN4 14
REF 13 12 GND
AS1352
EN1 2 12-pin QFN 4x4
2
AS1352
16-pin QFN 3x3
11 GND
3
10 VDD
VDD
3
4 5 6 7 8
9
VDD
GND
VOUT1 VOUT2 VOUT3
(Exposed Pad)
VOUT1 VOUT2 VOUT3 VOUT4
Pin Descriptions
Table 1. Pin Descriptions 12-pin QFN 4x4 16-pin QFN 3x3 Pin Number Pin Number 2 1 12 11 9 13 10 3, 8 4 5 6 7 1 16 15 14 11, 12 13 2, 3, 4, 9, 10 5 6 7 8 Pin Name EN1 EN2 EN3 EN4 GND GND REF VDD VOUT1 VOUT2 VOUT3 VOUT4 Description VOUT1 Digital Input Enable VOUT2 Digital Input Enable VOUT3 Digital Input Enable VOUT4 Digital Input Enable Negative Supply Voltage. Note: All GND pins must be connected together externally. Negative Supply Voltage. This pin is the exposed pad. Note: All GND pins must be connected together externally. Analog Reference Voltage. Note: Connect to 100nF capacitor during normal operation. Positive Supply Voltage. Note: All VDD pins must be connected together externally. Regulated Analog Output Voltage 1 Regulated Analog Output Voltage 2 Regulated Analog Output Voltage 3 Regulated Analog Output Voltage 4
www.austriamicrosystems.com
Revision 1.31
2 - 10
AS1352 Data Sheet
- Absolute Maximum Ratings
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in Electrical Characteristics on page 4 is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Table 2. Absolute Maximum Ratings Parameter VDD to GND Any other Pin to GND Continuous Power Dissipation QFN12 4x4mm Operating Ambient Temperature Storage Temperature Electrostatic Discharge Protection (ESD) Level Package-Body Peak Temperature Min -0.3 -0.3 1100 -40 -65 1 Max 7 VDD + 0.3 2800 85 150 Units V V mW C C kV HBM - Norm: MIL 883 E method 3015 The reflow peak soldering temperature (body temperature) specified is in accordance with IPC/JEDEC J-STD-020C "Moisture/Reflow Sensitivity Classification for Non-Hermetic Solid State Surface Mount Devices". Min value measured at TAMB = 85C; max value measured at TAMB = 25C Comments
+260
C
www.austriamicrosystems.com
Revision 1.31
3 - 10
AS1352 Data Sheet
- Electrical Characteristics
6 Electrical Characteristics
VDD = 4V; TAMB = -40 to +85C. Typ values are @ TAMB = 25C, CLOAD = 1F (Ceramic); (unless otherwise specified). Table 3. Electrical Characteristics Symbol VDD VOUT RON PSRR IOFF IVDD tset
1 1
Parameter Supply Voltage Range Output Voltage Range On Resistance Power Supply Rejection Ratio Shut Down Current Supply Current Output Voltage Settling Time
2
Conditions
Min 3 1.8
Typ
Max 5.5 3.3 1
Unit V V dB
f = 1kHz, CREF = 100nF f = 100kHz, CREF = 100nF ENx = Low Without Load ILOAD Switched from 0 to 100mA CREF = 100nF Pre-charged
70 40 1 225 350 50 300 300 15 -2 -1 -2 0.3 0.6 0.6 x VDD 0.8 0 400 200 2 1 2 2.5 5
A A s s s ms % % mV mV mV V V mA mA VRMS C
1 1 1
tstart
1
Start-up Time
CREF = 0nF Uncharged CREF = 100nF Uncharged
VOUT VLINEREG
Output Voltage Tolerance Line Regulation, Static
ILOAD = 0 to 200mA VDD = 5.5V VDD = 3 to 4.5V ILOAD = 0 to 50 mA
VLOADREG VIH VIL ILOAD ILIMIT VNoise
Load Regulation, Static Enable Input Voltage High Enable Input Voltage Low Output Current Output Current Limitation Output Noise Voltage Thermal Protection
ILOAD = 0 to 200 mA (referenced to 100mA)
10 to 100kHz, CREF = 100nF
40 145
Notes: 1. Guaranteed by design and verified by lab evaluation. 2. Startup is performed if any EN pin goes high.
www.austriamicrosystems.com
Revision 1.31
4 - 10
AS1352 Data Sheet
- Application Information
7 Application Information
Figure 3. Typical AS1352-uxyz Application
3V
VDD
VOUT1
2.5V VPERI 1F 20% (X5R) 2.2F +100/-50% (Z5U)
CMOS Sensor
VOUT2
2.9V VCORE 1F 20% (X5R) 2.2F +100/-50% (Z5U)
VDD
VOUT3
3.0V VPERI 1F 20% (X5R) 2.2F +100/-50% (Z5U)
Camera IC
EN1 VOUT4 EN2 Microprocessor EN3 EN4 1F 20% (X5R) 2.2F +100/-50% (Z5U) 1.8V VCORE
AS1352-7BC0
GND GND
REF 100nF (Improved Noise Performance)
One-Time Programming Procedure Output Voltages
The four LDOs can be programmed and burned to any output voltage between 1.8V and 3.3V in steps of 0.1V. Customers can burn the desired output voltages onsite using the austriamicrosystems programming board. Furthermore, the AS1352 is available in pre-programmed versions with fixed output voltages (see Ordering Information on page 9).
www.austriamicrosystems.com
Revision 1.31
5 - 10
AS1352 Data Sheet
- Application Information
AS1352 Block Diagram
VDD
Thermal Protection Overcurrent Protection Softstart
VOUT1
VREF EN1
Control
VOUT2
Thermal Protection Overcurrent Protection Softstart
VREF EN2
Control
VDD
Thermal Protection Overcurrent Protection Softstart
VOUT3
VREF EN3
Control
VOUT4
Thermal Protection Overcurrent Protection Softstart
VREF EN4
Control
Reference Voltage
REF
AS1352
GND
www.austriamicrosystems.com
Revision 1.31
6 - 10
AS1352 Data Sheet
- Package Drawings and Markings
8 Package Drawings and Markings
The AS1352 is available in a 12-pin QFN 4x4 package and a 16-pin QFN 3x3 package. Figure 4. 12-pin QFN 4x4 and 16-pin QFN 3x3 Packages
-AD2 D2/2
D D/2
Index Area (D/2 xE/2) 4
-BNXL E2/2
E/2
e
-B-
aaa C 2x
See Detail B Pin 1 Marker
Index Area (D/2 xE/2)
E
2 1
-A-
N N-1 6 SEE Detail B
NXb bbb ddd
5 CAB C
aaa C 2x
4
Top View
ccc C
Bottom View
8
9
11
NX
0.08 C
A
Seating Plane
-C-
A1
A3
Side View
Datum A or B
Datum A or B
12 L1
12 L1
e/2 e
Even Terminal Side
Terminal Tip
e
Terminal Tip
5
5
Odd Terminal Side
Detail B
Notes: 1. Dimensioning and tolerancing conform to ASME Y14.5M-1994. 2. All dimensions are in millimeters; angles in degrees.
www.austriamicrosystems.com
Revision 1.31
7 - 10
E2
AS1352 Data Sheet
- Package Drawings and Markings
3. N is the total number of terminals. 4. The terminal #1 identifier and terminal numbering convention shall conform to JEDEC 95 SPP-012. Details of terminal #1 identifier are optional but must be located within the zone indicated. The terminal #1 identifier may be either a mold or marked feature. 5. Dimension b applies to metallized terminal and is measured between 0.15 and 0.30mm from terminal tip. If one end of the terminal has the optional radius, the b dimension should not be measured in that radius area. 6. Dimensions ND and NE refer to the number of terminals on each D and E side, respectively. 7. Depopulation is possible in a symmetrical fashion. 8. Figure 4 is shown for illustration only and does not represent any specific variation. 9. All variations may be constructed per Figure 4, however variations may alternately be constructed between square or rectangle shape per dimensions D and E. 10. Refer to the Dimensions Table for a complete set of dimensions. 11. Bilateral coplanarity zone applies to the exposed heat sink slug as well as the terminals. 12. Depending on the method of lead termination at the edge of the package, pullback (L1) may be present. L minus L1 to be 0.33mm. 13. For variations with more than one lead count for a given body size and terminal pitch, each lead count for that variation is denoted by a dash number (e.g., -1 or -2).
16-pin QFN 3x3 Dimensions Symbol aaa bbb ccc ddd b e A A1 A3 L1 D BSC E BSC D2 E2 L N ND NE 1.30 1.30 0.30 0.03 3.00 3.00 1.45 1.45 0.40 16 4 4 1.55 1.55 0.50 0.80 0.00 0.18 Min Nom 0.15 0.10 0.10 0.05 0.25 0.50 0.90 0.02 0.20 REF 0.15 1.00 0.05 1, 2 1, 2 1, 2 1, 2 1, 2, 10 1, 2, 10 1, 2, 10 1, 2, 10 1, 2, 10 1, 2, 10 1, 2, 10 1, 2, 10 0.30 Max Notes 1, 2 1, 2 1, 2 1, 2 1, 2 aaa bbb ccc ddd b e A A1 A3 L1
12-pin QFN 4x4 Dimensions Symbol Min Nom 0.15 0.10 0.10 0.05 0.25 0.80 0.00 0.30 0.80 0.90 0.02 0.20 REF 0.03 4.00 4.00 2.00 2.00 0.45 2.15 2.15 0.55 12 3 3 2.25 2.25 0.65 0.15 1.00 0.05 1, 2 1, 2 1, 2 1, 2 1, 2, 10 1, 2, 10 1, 2, 10 1, 2, 10 1, 2, 10 1, 2, 10 1, 2, 10 1, 2, 10 0.35 Max Notes 1, 2 1, 2 1, 2 1, 2 1, 2
D BSC E BSC D2 E2 L N ND NE
www.austriamicrosystems.com
Revision 1.31
8 - 10
AS1352 Data Sheet
- Ordering Information
9 Ordering Information
The AS1352 is available with preset LDO output voltages or customer-specific versions (with a minimum order quantity of 30,000). Customer-specific devices are factory trimmed to the desired output voltage (see Table 5) Table 4. Ordering Information Model AS1352-T AS1352V-T
2
LDO Values User-programmable LDO values. User-programmable LDO values.
1 1
Delivery Form Tape and Reel Tape and Reel Tape and Reel Tape and Reel Tape and Reel Tape and Reel
Package 12-pin QFN 4x4 16-pin QFN 3x3 12-pin QFN 4x4 12-pin QFN 4x4 12-pin QFN 4x4 16-pin QFN 3x3
AS1352-7BC0-T AS1352-C0CF-T AS1352-uxyz-T AS1352V-uxyz-T
3 2, 3
Factory-trimmed LDO values: VOUT1 = 2.5V, VOUT2 = 2.9V, VOUT3 = 3.0V, VOUT4 = 1.8V Factory-trimmed LDO values: VOUT1 = 3.0V, VOUT2 = 1.8V, VOUT3 = 3.0V, VOUT4 = 3.3V Customer-specific factory-trimmed LDO values. Customer-specific factory-trimmed LDO values.
1. The values are programmed via the AS1352 programming board. 2. Available upon request. Contact austriamicrosystems, AG for more information. 3. Customer-specific values are as follows: u = Customer-specific VOUT1 value suffix. x = Customer-specific VOUT2 value suffix. y = Customer-specific VOUT3 value suffix. z = Customer-specific VOUT4 value suffix. Table 5. Output Voltage Suffix Guide Model uxyz Suffix F E D C B A 9 AS1352-uxyz 8 7 6 5 4 3 2 1 0 Output Voltage 3.3V 3.2V 3.1V 3.0V 2.9V 2.8V 2.7V 2.6V 2.5V 2.4V 2.3V 2.2V 2.1V 2.0V 1.9V 1.8V
www.austriamicrosystems.com
Revision 1.31
9 - 10
AS1352 Data Sheet
Copyrights
Copyright (c) 1997-2007, austriamicrosystems AG, Schloss Premstaetten, 8141 Unterpremstaetten, Austria-Europe. Trademarks Registered (R). All rights reserved. The material herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. All products and companies mentioned are trademarks or registered trademarks of their respective companies.
Disclaimer
Devices sold by austriamicrosystems AG are covered by the warranty and patent indemnification provisions appearing in its Term of Sale. austriamicrosystems AG makes no warranty, express, statutory, implied, or by description regarding the information set forth herein or regarding the freedom of the described devices from patent infringement. austriamicrosystems AG reserves the right to change specifications and prices at any time and without notice. Therefore, prior to designing this product into a system, it is necessary to check with austriamicrosystems AG for current information. This product is intended for use in normal commercial applications. Applications requiring extended temperature range, unusual environmental requirements, or high reliability applications, such as military, medical life-support or lifesustaining equipment are specifically not recommended without additional processing by austriamicrosystems AG for each application. For shipments of less than 100 parts the manufacturing flow might show deviations from the standard production flow, such as test flow or test location. The information furnished here by austriamicrosystems AG is believed to be correct and accurate. However, austriamicrosystems AG shall not be liable to recipient or any third party for any damages, including but not limited to personal injury, property damage, loss of profits, loss of use, interruption of business or indirect, special, incidental or consequential damages, of any kind, in connection with or arising out of the furnishing, performance or use of the technical data herein. No obligation or liability to recipient or any third party shall arise or flow out of austriamicrosystems AG rendering of technical or other services.
Contact Information
Headquarters austriamicrosystems AG A-8141 Schloss Premstaetten, Austria Tel: +43 (0) 3136 500 0 Fax: +43 (0) 3136 525 01
For Sales Offices, Distributors and Representatives, please visit: http://www.austriamicrosystems.com/contact
www.austriamicrosystems.com
Revision 1.31
10 - 10


▲Up To Search▲   

 
Price & Availability of AS1352

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X