Part Number Hot Search : 
NTE2558 C4235 CHV37H64 CHV37H64 DZD30 CMIB8788 PXD20RM 8C110MGR
Product Description
Full Text Search
 

To Download APTGT150DA60T1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTGT150DA60T1G
Boost chopper Trench + Field Stop IGBT(R) Power Module
5 6 11
VCES = 600V IC = 150A* @ Tc = 80C
Application * * * AC and DC motor control Switched Mode Power Supplies Power Factor Correction
CR1
3 4 Q2 CR2 9 10 1 2 12
Features
NTC
*
* * * Benefits * * * * * *
Trench + Field Stop IGBT(R) Technology - Low voltage drop - Low tail current - Switching frequency up to 20 kHz - Soft recovery parallel diodes - Low diode VF - Low leakage current - RBSOA and SCSOA rated Very low stray inductance Internal thermistor for temperature monitoring High level of integration
Pins 1/2 ; 3/4 ; 5/6 must be shorted together
Outstanding performance at high frequency operation Direct mounting to heatsink (isolated package) Low junction to case thermal resistance Solderable terminals both for power and signal for easy PCB mounting Low profile RoHS Compliant
Absolute maximum ratings
Symbol VCES IC ICM VGE PD RBSOA Parameter Collector - Emitter Breakdown Voltage Continuous Collector Current Pulsed Collector Current Gate - Emitter Voltage Maximum Power Dissipation Reverse Bias Safe Operating Area TC = 25C TC = 80C TC = 25C TC = 25C Tj = 150C Max ratings 600 225 * 150 * 350 20 480 300A @ 550V Unit V A V W
August, 2007 1-5 APTGT150DA60T1G - Rev 0
Specification of IGBT device but output current must be limited to 75A to not exceed a delta of temperature greater than 30C for the connectors.
These Devices are sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. See application note APT0502 on www.microsemi.com
www.microsemi.com
APTGT150DA60T1G
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic ICES VCE(sat) VGE(th) IGES Zero Gate Voltage Collector Current Collector Emitter Saturation Voltage Gate Threshold Voltage Gate - Emitter Leakage Current Test Conditions VGE = 0V, VCE = 600V Tj = 25C VGE =15V IC = 150A Tj = 150C VGE = VCE , IC = 1.5 mA VGE = 20V, VCE = 0V Min Typ 1.5 1.7 5.8 Max 250 1.9 6.5 400 Unit A V V nA
5.0
Dynamic Characteristics
Symbol Cies Coes Cres Td(on) Tr Td(off) Tf Td(on) Tr Td(off) Tf Eon Eoff Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn on Energy Turn off Energy Test Conditions VGE = 0V VCE = 25V f = 1MHz Inductive Switching (25C) VGE = 15V VBus = 300V IC = 150A RG = 3.3 Inductive Switching (150C) VGE = 15V VBus = 300V IC = 150A RG = 3.3 VGE = 15V VBus = 300V IC = 150A RG = 3.3 Tj = 25C Tj = 150C Tj = 25C Tj = 150C Min Typ 9200 580 270 115 45 225 55 130 50 300 70 0.85 1.5 4.1 5.3 ns Max Unit pF
ns
mJ mJ
Chopper diode ratings and characteristics
Symbol Characteristic VRRM Maximum Peak Repetitive Reverse Voltage IRM IF VF trr Qrr Er Maximum Reverse Leakage Current DC Forward Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Energy IF = 150A VR = 300V IF = 150A VGE = 0V Test Conditions VR=600V Tj = 25C Tj = 150C Tc = 80C Tj = 25C Tj = 150C Tj = 25C Tj = 150C Tj = 25C Tj = 150C Tj = 25C Tj = 150C Min 600 Typ Max 250 500 150 1.6 1.5 130 225 6.9 14.5 1.6 3.5 2 Unit V A A V ns C mJ
August, 2007 2-5 APTGT150DA60T1G - Rev 0
di/dt =3000A/s
www.microsemi.com
APTGT150DA60T1G
Thermal and package characteristics
Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt Junction to Case Thermal Resistance Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight IGBT Diode 2500 -40 -40 -40 2.5 Min Typ Max 0.31 0.52 175 125 100 4.7 80 Unit
C/W
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
V C N.m g
To heatsink
M4
Temperature sensor NTC (see application note APT0406 on www.microsemi.com for more information).
Symbol Characteristic R25 Resistance @ 25C B 25/85 T25 = 298.15 K
RT = R25 T: Thermistor temperature 1 1 RT: Thermistor value at T exp B25 / 85 - T25 T
Min
Typ 50 3952
Max
Unit k K
SP1 Package outline (dimensions in mm)
See application note 1904 - Mounting Instructions for SP1 Power Modules on www.microsemi.com
www.microsemi.com
3-5
APTGT150DA60T1G - Rev 0
August, 2007
APTGT150DA60T1G
Typical Performance Curve
Output Characteristics (VGE=15V) Output Characteristics 300
TJ = 150C VGE=19V
300
TJ=25C
250
TJ=125C
250
TJ=150C
IC (A)
200 150 100 50 0 0 0.5 1
TJ=25C
200 IC (A) 150 100
VGE=13V VGE=15V
VGE=9V
50 0
1.5 VCE (V)
2
2.5
3
0
0.5
1
1.5 2 VCE (V)
2.5
3
3.5
300 250 200
Transfert Characteristics 10
TJ=25C
Energy losses vs Collector Current
VCE = 300V VGE = 15V RG = 3.3 TJ = 150C Eoff
8 E (mJ) 6
IC (A)
150 100 50 0 5 6 7 8 9 10 11 12 VGE (V) Switching Energy Losses vs Gate Resistance 12 10 8
VCE = 300V VGE =15V IC = 150A TJ = 150C TJ=125C TJ=150C TJ=25C
Er
4
Eon
2 0 0 50 100 150 IC (A) Reverse Bias Safe Operating Area 350
Eon Eoff Eoff
200
250
300
300 250 IF (A) 200 150 100 50 0 25 0
VGE=15V TJ=150C RG=3.3
E (mJ)
6 4 2
Eon Er
0 0 5 10 15 20 Gate Resistance (ohms)
100
200
300 400 VCE (V)
500
600
700
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.35 Thermal Impedance (C/W) 0.3 0.25 0.2 0.15 0.1 0.05 0.9 0.7 0.5 0.3 0.1 Single Pulse 0.0001 0.001 0.01 0.1 1 10
IGBT
0.05 0 0.00001
Rectangular Pulse Duration in Seconds
www.microsemi.com
4-5
APTGT150DA60T1G - Rev 0
August, 2007
APTGT150DA60T1G
Operating Frequency vs Collector Current Fmax, Operating Frequency (kHz) 120 100 80 60 40 20 0 0 50 100 IC (A) 150 200
Hard switching ZCS ZVS VCE=300V D=50% RG=3.3 TJ=150C
Forward Characteristic of diode 300 250 200 IC (A) 150 100 50
TJ=25C TJ=125C TJ=150C
Tc=85C
0 0 0.4 0.8 1.2 1.6 VF (V) 2 2.4
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.6 Thermal Impedance (C/W) 0.5 0.4 0.3 0.2 0.1 0.9 0.7 0.5 0.3 0.1 Single Pulse 0.0001 0.001 0.01 0.1 1 10
Diode
0.05 0 0.00001
Rectangular Pulse Duration in Seconds
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
www.microsemi.com
5-5
APTGT150DA60T1G - Rev 0
Microsemi reserves the right to change, without notice, the specifications and information contained herein
August, 2007


▲Up To Search▲   

 
Price & Availability of APTGT150DA60T1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X