Part Number Hot Search : 
SC440 BZX84 TC124 E222M LC723740 5C180 OP97EZ H43XX
Product Description
Full Text Search
 

To Download APTGT150DA120TG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTGT150DA120TG
Boost chopper Fast Trench + Field Stop IGBT(R) Power Module
VB US SENS E VBUS NT C2
VCES = 1200V IC = 150A @ Tc = 80C
Application * AC and DC motor control * Switched Mode Power Supplies * Power Factor Correction Features * Fast Trench + Field Stop IGBT(R) Technology - Low voltage drop - Low tail current - Switching frequency up to 20 kHz - Soft recovery parallel diodes - Low diode VF - Low leakage current - Avalanche energy rated - RBSOA and SCSOA rated * Kelvin emitter for easy drive * Very low stray inductance - Symmetrical design - Lead frames for power connections * High level of integration * Internal thermistor for temperature monitoring Benefits * Stable temperature behavior * Very rugged * Solderable terminals for easy PCB mounting * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Easy paralleling due to positive TC of VCEsat * Low profile * RoHS Compliant
CR1
OUT Q2 G2
E2
0/VBU S
NT C1
G2 E2
OUT
VBUS
0/VBUS
OUT
VBUS SENSE
E2 G2
NTC2 NTC1
Absolute maximum ratings
Symbol VCES IC ICM VGE PD RBSOA
Parameter Collector - Emitter Breakdown Voltage Continuous Collector Current Pulsed Collector Current Gate - Emitter Voltage Maximum Power Dissipation TC = 25C TC = 80C TC = 25C TC = 25C Tj = 125C
Reverse Bias Safe Operating Area
300A @ 1150V
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note APT0502 on www.microsemi.com
www.microsemi.com
1-5
APTGT150DA120TG - Rev 1
Max ratings 1200 220 150 350 20 690
Unit V
July, 2006
A V W
APTGT150DA120TG
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic ICES VCE(sat) VGE(th) IGES Zero Gate Voltage Collector Current Collector Emitter Saturation Voltage Gate Threshold Voltage Gate - Emitter Leakage Current Test Conditions VGE = 0V, VCE = 1200V Tj = 25C VGE = 15V IC = 150A Tj = 125C VGE = VCE , IC = 3 mA VGE = 20V, VCE = 0V Min Typ 1.7 2.0 5.8 Max 350 2.1 6.5 400 Unit A V V nA
5.0
Dynamic Characteristics
Symbol Cies Coes Cres Td(on) Tr Td(off) Tf Td(on) Tr Td(off) Tf Eon Eoff
Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy Turn-off Switching Energy
Test Conditions VGE = 0V VCE = 25V f = 1MHz Inductive Switching (25C) VGE = 15V VBus = 600V IC = 150A R G = 2.2 Inductive Switching (125C) VGE = 15V VBus = 600V IC = 150A R G = 2.2 VGE = 15V Tj = 125C VBus = 600V IC = 150A Tj = 125C R G = 2.2
Min
Typ 10.7 0.56 0.48 280 40 420 75 290 45 520 90 14
Max
Unit nF
ns
ns
mJ 16
Chopper diode ratings and characteristics
Symbol Characteristic VRRM IRM IF VF trr Qrr Er
Maximum Peak Repetitive Reverse Voltage
Test Conditions Tj = 25C Tj = 125C Tc = 80C Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C
Min 1200
Typ
Max 250 500
Unit V A A
Maximum Reverse Leakage Current DC Forward Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Energy
VR=1200V
IF = 150A
150 1.6 1.6 170 280 15 29 7 12
2.1
V ns C mJ
July, 2006 2-5 APTGT150DA120TG - Rev 1
IF = 150A VR = 600V
di/dt =3000A/s
www.microsemi.com
APTGT150DA120TG
Temperature sensor NTC (see application note APT0406 on www.microsemi.com for more information).
Symbol Characteristic R25 Resistance @ 25C B 25/85 T25 = 298.15 K Min Typ 50 3952 Max Unit k K
RT =
R 25
1 1 RT : Thermistor value at T exp B 25 / 85 T - T 25
T: Thermistor temperature
Thermal and package characteristics
Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt Junction to Case Thermal Resistance Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight IGBT Diode
Min
Typ
Max 0.18 0.34 150 125 125 4.7 160
Unit
C/W
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
To Heatsink
M5
2500 -40 -40 -40 2.5
V C N.m g
SP4 Package outline (dimensions in mm)
See application note APT0501 - Mounting Instructions for SP4 Power Modules on www.microsemi.com
www.microsemi.com
3-5
APTGT150DA120TG - Rev 1
ALL DIMENSIO NS MARKED " * " ARE T OLERENCED AS :
July, 2006
APTGT150DA120TG
Typical Performance Curve
300 250
IC (A) Output Characteristics (VGE=15V)
TJ=25C TJ=125C
Output Characteristics 300 TJ = 125C 250 200 IC (A) 150 100 50 0
VGE =17V VGE =13V VGE=15V VGE =9V
200 150 100 50 0 0 1 2 VCE (V) 3 4
0
1
2 VCE (V)
3
4
Transfert Characteristics 300 250 200 IC (A) 150 100 50 0 5 6 7 8 9 10 11 12 VGE (V) Switching Energy Losses vs Gate Resistance 34 30 26 E (mJ) 22 18 14 10 6 2 0 2 4 6 8 10 12 14 Gate Resistance (ohms) 16 18
Er VCE = 600V VGE =15V IC = 150A TJ = 125C T J=125C T J=25C T J=125C
Energy losses vs Collector Current 32 28 24 E (mJ) 20 16 12 8 4 0 0 50 100 150 IC (A) Reverse Bias Safe Operating Area 350 300 250 IC (A)
Eoff Er V CE = 600V V GE = 15V RG = 2.2 T J = 125C Eoff
Eon
200
250
300
Eon
200 150 100 50 0 0 300 600 900 V CE (V) 1200 1500
V GE=15V T J=125C RG=2.2
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.2 Thermal Impedance (C/W) 0.9 0.16 0.7 0.12 0.5 0.08 0.04 0.3 0.1 0.05 0 0.00001 0.0001 Single Pulse 0.001 0.01 0.1 rectangular Pulse Duration (Seconds) 1 10 IGBT
www.microsemi.com
4-5
APTGT150DA120TG - Rev 1
July, 2006
APTGT150DA120TG
Operating Frequency vs Collector Current Fmax, Operating Frequency (kHz) 60 50 40 30 20 10 0 0 40 80 120 IC (A) 160 200 240
ZCS ZVS VCE=600V D=50% RG=2.2 TJ =125C Tc=75C
Forward Characteristic of diode 300 250 200 IF (A) 150 100 50 0 0 0.4 0.8 1.2 1.6 VF (V) 2 2.4
T J=125C T J=125C T J=25C
Hard switching
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.35 Thermal Impedance (C/W) 0.3 0.25 0.2 0.15 0.1 0.05 0.1 0.05 0.0001 0.001 Single Pulse 0.9 0.7 0.5 0.3
Diode
0 0.00001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
www.microsemi.com
5-5
APTGT150DA120TG - Rev 1
July, 2006


▲Up To Search▲   

 
Price & Availability of APTGT150DA120TG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X