Part Number Hot Search : 
CT326 HT3400 LTC1067 EP16F AD103 FTRPB PM150B12 1DQ06
Product Description
Full Text Search
 

To Download ALN50-1000AT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 plerowTM ALN50-1000AT
Internally Matched LNA Module Features
* 16 dB Gain at 50 MHz * 15.5 dB Gain at 1000 MHz * 2.2 dB NF(max) over frequency * 21 dBm P1dB, 40 dBm OIP3 @ 5V / 90mA * - sec Swtiching Time(max)
Description
The plerowTM ALN-series is the compactly designed surface-mount module for the use of the LNA with or without the following gain blocks in the infrastructure equipment of the mobile wireless (CDMA, GSM, PCS, PHS, WCDMA, DMB, WLAN, WiBro, WiMAX), GPS, satellite communication terminals, CATV and so on. It has an exceptional performance of low noise figure, high gain, high OIP3, and low bias current. The stability factor is always kept more than unity over the application band in order to ensure its unconditionally stable implementation to the application system environment. The surface-mount module package including the completed matching circuit and other components necessary just in case allows very simple and convenient implementation onto the system board in mass production level.
Specifications
Parameter Frequency Range Gain Gain Flatness Noise Figure Output IP3 (1) S11 / S22 (2) Output P1dB Switching Time Supply Current Supply Voltage Impedance Max. RF Input Power Package Type & Size
(3)
@ T = 25C, VCC = 5 V, Freq. = 50 ~ 1000 MHz, 75 ohm
Unit
Specifications Min Typ 50 ~ 300 15 16
0.1 0.15
1-stage Single Type
Max
Min
Typ 300 ~ 600
Max
Min
Typ 600 ~ 1000
Max
MHz dB dB dB dBm dB dBm sec mA V dBm mm
20 38
15
16
0.1 0.15
14.5
15.5
0.2 0.3
More Information
Website: www.asb.co.kr E-mail: sales@asb.co.kr Tel: (82) 42-528-7223 Fax: (82) 42-528-7222 ASB Inc., 4th Fl. Venture Town Bldg., 367-17 Goijeong-Dong, Seo-Gu, Daejon 302-716, Korea
2.0 39
2.05 38 -15 / -10
2.1 39
2.05 35 -12 / -14
2.2 36
2.25 -11 / -11
21
20
21
19
20
90 (Typ) 5 75 C.W 29 ~ 31 (before fail) Surface Mount Type, 10Wx10Lx3.8H 110 (Max)
Note: Operating temperature is -40C to +85C. 1) OIP3 is measured with two tones at an output power of 5 dBm / tone separated by 6 MHz. 2) S11/S22 (max) is the worst value within the frequency band. Recommended is the VSWR toward the source and the load less than 4:1 respectively to be free from any oscillation, which may result from the devices ahead or behind in its system application even though it may be unconditionally stable (K factor >1). 3) Switching time means the time that takes for output power to get stabilized to its final level after switching DC voltage from 0 V to 5 V.
Outline Drawing (Unit: mm)
Pin Number Function RF In RF Out +Vcc Ground
plerow
ALN50-1000AT
2 5 6 (Bottom View) Others
ASB Inc.
(Top View) Solder Stencil Area
Note: 1. The number and size of ground via holes in a circuit board is critical for thermal RF grounding considerations. 2. We recommend that the ground via holes be placed on the bottom of all ground pins for better RF and thermal performance, as shown in the drawing at the left side.
(Side View)
O0.4 plated thru holes to ground plane (Recommended Footprint)
1/2 www.asb.co.kr September 2008
plerowTM ALN50-1000AT
Internally Matched LNA Module
S-parameters Typical Performance (Measured)
CATV 50~1000 +5 V
Stability Factor (K)
Noise Figure
OIP3
P1dB
2/2
www.asb.co.kr
September 2008


▲Up To Search▲   

 
Price & Availability of ALN50-1000AT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X