Part Number Hot Search : 
M100S LM64C391 P30N6 IWS524Z MAT03AH D2061 SGM8631 87C196CB
Product Description
Full Text Search
 

To Download ALN0195AT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 plerowTM ALN0195AT
Internally Matched LNA Module Features
* S21 = 20.5 dB @ 180 MHz = 21.5 dB @ 210 MHz * NF of 1.0 dB over Frequency * Unconditionally Stable * Single 5V Supply * High OIP3 @ Low Current
Description
The plerowTM ALN-series is the compactly designed surface-mount module for the use of the LNA with or without the following gain blocks in the infrastructure equipment of the mobile wireless (CDMA, GSM, PCS, PHS, WCDMA, DMB, WLAN, WiBro, WiMAX), GPS, satellite communication terminals, CATV and so on. It has an exceptional performance of low noise figure, high gain, high OIP3, and low bias current. The stability factor is always kept more than unity over the application band in order to ensure its unconditionally stable implementation to the application system environment. The surface-mount module package including the completed matching circuit and other components necessary just in case allows very simple and convenient implementation onto the system board in mass production level.
Specifications (in Production)
Typ. @ T = 25C, Vs = 5 V, Freq. = 195 MHz, Zo.sys =50 ohm
Parameter Frequency Range Gain Gain Flatness Noise Figure Output IP3 S11 / S22
(1) (2)
Unit MHz dB dB dB dBm dB dBm sec mA V dBm mm
Specifications Min 180 20 21 0.5 1.0 31 17 32 -20 / -15 18 65 5 50 C.W 29 ~ 31 (before fail) Surface Mount Type, 10Wx10Lx3.8H 75 0.7 1.05 Typ Max 210
1-stage Single Type
More Information
Website: www.asb.co.kr E-mail: sales@asb.co.kr Tel: (82) 42-528-7223 Fax: (82) 42-528-7222 ASB Inc., 4th Fl. Venture Town Bldg., 367-17 Goijeong-Dong, Seo-Gu, Daejon 302-716, Korea
Output P1dB Switching Time Supply Current Supply Voltage Impedance Max. RF Input Power Package Type & Size
Operating temperature is -40C to +85C. 1) OIP3 is measured with two tones at an output power of 4 dBm / tone separated by 1 MHz. 2) S11/S22 (max) is the worst value within the frequency band. 3) Switching time means the time that takes for output power to get stabilized to its final level after switching DC voltage from 0 V to VS.
Outline Drawing (Unit: mm)
plerow
ALN0195AT ASB Inc.
(Top View) Solder Stencil Area (Bottom View) Pin Number 2 5 6 Others Function RF In RF Out +Vcc Ground
Note: 1. The number and size of ground via holes in a circuit board is critical for thermal RF grounding considerations. 2. We recommend that the ground via holes be placed on the bottom of all ground pins for better RF and thermal performance, as shown in the drawing at the left side.
(Side View)
O0.4 plated thru holes to ground plane (Recommended Footprint)
1/4 www.asb.co.kr November 2008
plerowTM ALN0195AT
Internally Matched LNA Module
S-parameters
0 22.0
S11, S22, S12 [dB]
Typical Performance (Measured)
-5
21.5
S21
-10 21.0
-15
20.5
180~210 +5 V
-20
S22 S11
20.0
-25
19.5
S12
-30 180 185 190 195 200 205 19.0 210
Frequency [MHz]
Stability Factor (K)
10 9 8
Noise Figure
Stability Factor K
7 6 5 4 3 2 1 0 0 500 1000 1500 2000 2500 3000 3500
Frequency [MHz]
OIP3
P1dB
2/4
www.asb.co.kr
November 2008
S21 [dB]
plerowTM ALN0195AT
Internally Matched LNA Module
RF Performance with Voltage Change
Item Voltage 4.5 4.6 4.7 4.8 4.9 5.0 5.1 5.2 5.3 5.4 5.5 S11 (dB) -23.4 -22.7 -22.4 -21.3 -21.3 -21.2 -20.9 -20.6 -20.5 -20.3 -20.4 S22 (dB) -17.7 -17.3 -16.9 -16.7 -16.7 -16.5 -16.5 -16.4 -16.4 -16.3 -16.3 S21 (dB) 21.1 21.1 21.2 21.2 21.3 21.3 21.3 21.3 21.3 21.4 21.4 G/F (dB) 0.08 0.08 0.08 0.09 0.09 0.08 0.08 0.08 0.06 0.07 0.08 NF (dB) 0.971 0.974 0.978 0.981 0.983 0.985 0.987 0.991 0.993 0.996 0.998 P1dB (dBm) 17.9 18.2 18.5 18.8 19 19.2 19.4 19.6 19.7 19.9 19.9 OIP3 (dBm) 30.2 30.9 31.6 32.3 33.1 33.9 34.7 35.5 36.7 36.5 36.5 Current (mA) 50 53 56 59 62 65 68 71 74 76 79
RF Performance with Operating Temperature
Item Temp. - 40C - 20C 0C 25C 40C 60C 80C 100C S11 (dB) -19.4 -19.9 -20.5 -21.1 -21.8 -22.6 -23.6 -24.7 S22 (dB) -15.7 -15.6 -16 -16.6 -16.9 -17.7 -18.4 -19.4 S21 (dB) 21.5 21.4 21.4 21.3 21.2 21.1 21 20.9 G/F (dB) 0.12 0.08 0.08 0.09 0.07 0.07 0.08 0.07 NF (dB) 0.754 0.842 0.913 0.98 1.021 1.053 1.077 1.102 P1dB (dBm) 18.8 18.3 18 19.1 18.9 18.7 18.3 18 OIP3 (dBm) 33.3 32 32 33.4 33.4 34.1 33.8 33.9 Current (mA) 61 62 64 65 65 66 65 63
3/4
www.asb.co.kr
November 2008
plerowTM ALN0195AT
Internally Matched LNA Module Application Circuit
V DC + -
Tantal Capacitor
IN C1
ALN
C2
OUT
1) The tantal capacitor is optional and for bypassing the AC noise introduced from the DC supply. The capacitance value may be determined by customer's DC supply status. 2) So-called DC blocking capacitors are always necessarily placed at the input and output port for allowing only the RF signal to pass and blocking the DC component in the signal. The DC blocking capacitors are included inside the LNA module. Therefore, C1 & C2 capacitors may not be necessary, but can be added just in case that the customer wants. The value of C1 & C2 is determined by considering the application frequency.
Recommended Soldering Reflow Process
260C 20~40 sec
Evaluation Board Layout
+Vcc
Ramp-up (3C/sec) 200C
Ramp-down (6C/sec)
IN
OUT
150C 60~180 sec
Size 25 x 25mm (for ALN-AT, BT, T Series - 10x10mm)
4/4
www.asb.co.kr
November 2008


▲Up To Search▲   

 
Price & Availability of ALN0195AT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X