![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
THESE DRAWINGS ARE THE PROPERTY OF QUALTEK ELECTRONICS AND NOT TO BE REPRODUCED FOR OR COMMUNICATED TO A THIRD PARTY WITHOUT THE EXPRESS WRITTEN PERMISSION OF AN OFFICER OF QUALTEK ELECTRONICS. 1. PHYSICAL DIMENSIONS 32.0 28.0 4 46.0 REVISION REV. B DESCRIPTION RoHS Compliancy DATE 06-01-06 APPROVED DP ELECTRICAL CHARACTERISTICS: 1-1. VOLTAGE RATING...................................115/250VAC 1-2. CURRENT RATING A. @ 115 VAC..........................................10 A RMS MAX B. @ 250 VAC.........................................10 A RMS MAX OPERATING FREQUENCY......................50/60Hz LEAKAGE CURRENT: EACH LINE TO GROUND A. @ 115 VAC 60Hz............................0.20 mA MAX B. @ 250 VAC 50Hz.............................0.40 mA MAX HIPOT RATING (FOR ONE MINUTE) A. LINE TO GROUND...........................2250 VDC B. LINE TO LINE.....................................1450 VDC MINIMUM INSERTION LOSS IN dB: (AT 50 OHM SYSTEM) .01 / / .05 / / .10 / / .15 3 5 .50 8 12 1.0 10 15 5.0 20 30 10 30 30 30 45 40 1-3. 58.0 54.0 1-4. 1-5. 41.0 51.3 2.0 28.5 0 3.0 0.2 1-6. FREQ. MHz COM. MODE dB DIF. MODE dB R2 55.0 L 0.2 0 LABEL 1-7. 1-8. OPERATING TEMPERATURE.................-25 TO +85 C SAFETY: RoHS COMPLIANT 28.4MAX PANEL CUTOUT (MOUNTING FROM FRONT) L ACCORDING TO PANEL THICKNESS 0.8~2.0mm L=55.9 2.1~3.2mm L=56.2 Dim range (mm) 1-9. 2. ELECTRICAL SCHEMATIC Tolerance +/(mm) 0.15 0.20 0.30 0.50 0.70 0.90 1.20 CONTROLLED Qualtek Electronics Corp. Part Number: Description: PPC DIVISION 882-10/016 EMI FILTER UNIT: mm L: Cx: Cy: R: 0.2mH 0.1uF 2200pF 1.0M 0-1 1-6 6-18 18-50 50-120 120-250 250-500 REV. B Approved / Date JJH / 02-07-03 Drawn / Date B.ZHANG 02-07-03 Checked / Date 02-07-03 |
Price & Availability of 882-10-016
![]() |