Part Number Hot Search : 
T5001 T0810 74ALS10A CA12060 74ALS10A BC328BU 01010 MB96F
Product Description
Full Text Search
 

To Download 6248-12-0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model 6248
Minigrabber(R) Test Clip to Sheathed Banana Jack
Features
* * * * * * Newly designed Minigrabber(R) Test Clip Patch Cord complies with IEC 61010-2-31, which is the latest international safety standard for test accessories. Grabber width is a slim .36" (9,14 mm) for easier access to test terminals. Grabber hook is gold plated beryllium copper to ensure signal integrity & attaches onto component leads up to .060" (1,5 mm) O.D. Grabber patch cord can connect directly to Pomona's sheathed type flexible tests leads for added patch cord length. Banana jack is molded directly to the cable for a long lasting connection. High strand count silicone insulated wire offers excellent flexibility and high temperature resistance.
Materials
Body: Polypropylene, Color per Part Number Hook: Beryllium Copper, Gold Plated, compression Spring: Music Wire Wire: 18 AWG, 65 x 36 Tinned Copper, Insulation - Silicone, .144" (3,66 mm) O.D., Color per P/N Banana Jack: Body - Brass, Nickel Plated Insulation - Polypropylene, Color per P/N Grabber:
Ratings
IEC 61010 2-031, Category II, P2 Compliant Operating Voltage: 300 VRMS/DC Max. Current: 5 Amperes Max.
Ordering Information
Model 6248-XX-* XX = Lead Length in Inches, Standard Length: 12" (30,48 cm) * = Color Code, -0 Black and -2 Red Additional lengths can be quoted upon request.
Sales: 800-490-2361 Technical Support: technicalsupport@pomonatest.com Fax: 425-446-5844 Europe: 31-(0) 40 2675 150 International: 425-446-5500 Where to Buy: www.pomonaelectronics.com
USA:
All dimensions are in inches. Tolerances (except noted): .xx = .02" (,51 mm), .xxx = .005" (,127 mm). All specifications are to the latest revisions. Specifications are subject to change without notice. Registered trademarks are the property of their respective companies. Copyright (c) 2009 D1094497 Rev. 102 Page 1 of 1


▲Up To Search▲   

 
Price & Availability of 6248-12-0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X