Part Number Hot Search : 
2108M00 LTC1264 WF102U B37637 0233035P 2N36S8 V470M PCF857
Product Description
Full Text Search
 

To Download 310-021001-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPDT SWITCH MODEL 310-021001-001
Features
! ! ! ! ! ! Reflective SPDT Switch Wide Bandwidth 100 MHz - 22 GHz Fast Switching Speed: 100 ns Typical Integral TTL Driver OperatingTemp. -55 C to + 85 C Environmental Screening Available
Available as: 0.90" x 0.75" x 0.25" Connectorized Housing
Note: Care should always be taken to effectively ground the case of each unit.
Maximum Ratings
Ambient Operating Temperature ................ -55C to + 100 C Storage Temperature ................................. -65C to + 125 C Operating Case Temperature .................................. + 125 C DC Voltage ................................................. + 6.0 / -15 Volts Continuous RF Input Power ................................... +30 dBm
Specifications
CHARACTERISTIC TYPICAL MIN/MAX
Ta = 25 C Ta = -55 C to +85 C Frequency 100 MHz - 22 GHz 100 MHz - 22 GHz Insertion Loss (dB) 100 - 500 MHz 0.8 1.0 Max. 500 - 6000 MHz 1.2 1.5 Max. 6000 - 12000 MHz 1.8 2.0 Max. 12000 - 20000 MHz 2.8 3.0 Max. 20000 - 22000 MHz 3.2 3.5 Max Isolation (dB) 100 - 2000 MHz 75 70 Min. 2000 - 8000 MHz 65 60 Min. 8000 - 14000 MHz 55 50 Min. 14000 - 22000 MHz 45 40 Min RF Leakage (dB) 80 Isolation RF to / from DC (dB) 60 Min. Isolation RF to / from Control (dB) 60 Min. VSWR: In 1.5:1 2.0:1 Max. Out 1.5:1 2.0:1 Max. Input Power RF (dBm) +30.0 Min. 1 dB Compression (dBm) +27.0 Min. Switching Speed (50% TTL to 90% RF) (nsec) 100 DC ( Vdc) +5 / -12 +5 / -12 Max. Bias (mA) +50 / -50 +50 / -50 Max. Intercept Points (dBm) 2nd Order IP (Input) +40 Min. 3rd Order IP (Input) +37 Min.
.19
.75 .10 (Typ)
.13
SMI CA 67021 GE 310-021001-001 SN#####-# # J1 J2
+5V E1 E2 GND -12
.53 .90
IN
Typical Performance Data
Truth Table
TTL Control Inputs TTL1 1 0 1 TTL2 0 1 1 Switch Position RF1 to RF2 Switch Position IN to RF1 Switch Position IN to RF2 "ALL OFF"
Legend
+ 25 C
Rev. 3/30/07
Spectrum Microwave * 2144 Franklin Drive N.E. * Palm Bay, FL 32905 * (888) 553-7531 * Fax (888) 553-7532
www.SpectrumMicrowave.com Spectrum Microwave (Europe) * 2707 Black Lake Place * Philadelphia, PA 19154 * (215) 464-4000 * Fax (215) 464-4001


▲Up To Search▲   

 
Price & Availability of 310-021001-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X