Part Number Hot Search : 
SIXPACK2 SF161A MBJ90 MMBTS HG4117 20ETTTS AK5359 SD1020
Product Description
Full Text Search
 

To Download 30KW300A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 * Fax: 760-564-2414 1-800-831-4881 Email: sales@mdesemicondutor.com Web: www.mdesemiconductor.com
30KW SERIES
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
VOLTAGE-28.0 TO 400 Volts
30000 Watt Peak Pulse Power
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * Glass passivated junction * 30000W Peak Pulse Power capability on 10/1000 s waveform * Excellent clamping capability * Repetition rate (duty cycle):0.05% * Low incremental surge resistance * Fast response time: typically less than 1.0 ps from 0 volts to BV * Typical Id less than 1A above 10V * High temperature soldering guaranteed: 265C/10 seconds/.375", (9.5mm) lead length, 5lbs., (2.3kg) tension
P-600
1.0(25.4) MIN .360(9.1) .340(8.6) DIA
.360(9.1) .340(8.6)
.052(1.3) .048(1.2) DIA
1.0(25.4) MIN
MECHANICAL DATA
Case:Molded plastic over glass passivated junction Terminals: Plated Axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denoted positive end (cathode) except Bipolar Mounting Position: Any Weight: 0.07 ounce, 2.1 gram Dimensions in inches (milimeters)
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA Suffix for types 28KW30 thru types 30KW400 Electrical characteristics apply in both directions.
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
RATING
Peak Pulse Power Dissipation on 10/1000 s waveform (NOTE 1) Peak Pulse Current of on 10-1000 s waveform (NOTE 1) Steady State Power Dissipation at Tl=75 C Lead Lengths.375", (9.5mm)(NOTE 2)
SYMBOL
PPPM IPPM PM(AV)
VALUE
Minimum 30000 SEE TABLE 1 8.0
UNITS
Watts Amps Watts
Peak Forward Surge Current, 8.3ms Sine-Wave IFSM 400.0 Superimposed on Rated Load, (JEDEC Method) (NOTE 3) Operatings and Storage Temperature Range TJ, TSTG -55 to +175 NOTES: 1.Non-repetitive current pulse, per Fig.3 and derated above Ta=25 C per Fig.2. 2.Mounted on Copper Pad area of 0.8x0.8" (20x20mm) per Fig.5. 3.8.3ms single half sine-wave, or equivalent square wave, Duty cycle=4 pulses per minutes maximum Certified RoHS Compliant UL File # E223026
Amps C
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 * Fax: 760-564-2414 1-800-831-4881 Email: sales@mdesemicondutor.com Web: www.mdesemiconductor.com
30KW Series Rating and Characteristic Curves
Pppm 1 PEAK PULSE POWER 1 KW
10000 1000
Non-repetitive pulse waveform shown in Fig. 3TA = 25C
100
10 1 0.1 1 10 100 1,000 10,000 100,000 td PULSE WIDTH 1 sec FIG. 1 PEAK PULSE POWER RATING
Fig.2 - Pulse Derating Curve
100 87.5
Peak Pulse Power (PPP) or Current (IPP) Derating in
75 62.5 50 37.5 25 12.5 0 0 25 50 75 100 125 150 175 200
TA - Ambient Temperature (C)
150
IPPM - Peak Pulse Current,% IRSM
tr = 10sec. Peak Value IPPM 100 Half Value- IPPM 2
TJ = 25C Pulse Width(td)is defined as the point where the peak current decays to 50% of IPPM
50
10/1000sec.Waveform as defined by R.E.A.
td
0 0 1.0 2.0 3.0 t - Time(ms) 3.0
4.0
4.0
Fig.3 - Pulse Waveform
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 * Fax: 760-564-2414 1-800-831-4881 Email: sales@mdesemicondutor.com Web: www.mdesemiconductor.com
30000 Watt TVS
UNI-POLAR BI-POLAR TEST REVERSE BREAKDOWN PEAK REVERSE MAXIMUM VOLTAGE CURRENT CLAMPING PULSE STANDOFF LEAKAGE VBR (V) (IT ) VOLTAGE VOLTAGE CURRENT @ VRWM IR VRWM (V) IPP (A) @IPP Vc (V) MIN. @ IT (A) mA 606.0 548.9 517.2 490.3 450.9 420.8 415.1 391.5 371.3 350.7 331.5 327.9 297.1 291.3 283.2 278.0 271.7 265.8 253.8 234.0 217.7 207.0 194.2 183.0 172.9 155.9 142.3 135.8 129.8 123.7 120.0 111.2 110.2 104.3 94.7 86.9 78.3 72.8 72.8 69.5 65.3 64.5 62.0 53.0 46.0 5000 5000 5000 5000 2000 1000 1000 250 150 50 20 20 15 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
28.00 31.3 50 50.0 30KW28A 30KW28CA 30.00 33.5 50 55.2 30KW30A 30KW30CA 33.00 36.9 50 58.5 30KW33A 30KW33CA 36.00 40.2 50 61.8 30KW36A 30KW36CA 39.00 43.6 20 67.2 30KW39A 30KW39CA 42.00 46.9 10 72.0 30KW42A 30KW42CA 43.00 48.0 10 73.0 30KW43A 30KW43CA 45.00 50.3 5 77.4 30KW45A 30KW45CA 48.00 53.6 5 81.6 30KW48A 30KW48CA 51.00 57.0 5 86.4 30KW51A 30KW51CA 54.00 60.3 5 91.4 30KW54A 30KW54CA 58.00 64.8 5 92.4 30KW58A 30KW58CA 60.00 67.0 5 102.0 30KW60A 30KW60CA 64.00 71.5 5 104.0 30KW64A 30KW64CA 66.00 73.7 5 107.0 30KW66A 30KW66CA 70.00 78.2 5 109.0 30KW70A 30KW70CA 71.00 79.3 5 111.5 30KW71A 30KW71CA 72.00 80.4 5 114.0 30KW72A 30KW72CA 75.00 83.8 5 119.4 30KW75A 30KW75CA 78.00 87.1 5 129.0 30KW78A 30KW78CA 84.00 93.8 5 139.2 30KW84A 30KW84CA 90.00 100.5 5 146.4 30KW90A 30KW90CA 96.00 107.2 5 156.0 30KW96A 30KW96CA 102.00 113.9 5 165.6 30KW102A 30KW102CA 108.00 120.6 5 175.2 30KW108A 30KW108CA 120.00 134.0 5 194.4 30KW120A 30KW120CA 132.00 147.4 5 213.0 30KW132A 30KW132CA 144.00 160.8 5 223.2 30KW144A 30KW144CA 150.00 167.6 5 233.4 30KW150A 30KW150CA 156.00 174.3 5 245.0 30KW156A 30KW156CA 160.00 178.7 5 252.6 30KW160A 30KW160CA 168.00 187.7 5 272.4 30KW168A 30KW168CA 170.00 189.9 5 275.0 30KW170A 30KW170CA 180.00 201.1 5 290.4 30KW180A 30KW180CA 198.00 221.2 5 319.8 30KW198A 30KW198CA 216.00 241.3 5 348.6 30KW216A 30KW216CA 240.00 268.1 5 387.0 30KW240A 30KW240CA 258.00 288.2 5 416.4 30KW258A 30KW258CA 260.00 290.4 5 416.0 30KW260A 30KW260CA 270.00 301.6 5 436.2 30KW270A 30KW270CA 280.00 312.8 5 464.0 30KW280A 30KW280CA 288.00 321.7 5 469.9 30KW288A 30KW288CA 300.00 333.0 5 483.0 30KW300A 30KW300CA 350.00 389.0 5 564.0 30KW350A 30KW350CA 400.00 444.0 5 644.0 30KW400A 30KW400CA For bidirectional type having Vrwm of 40 volts and less, the IR limit is double For parts without A , the V is + 10% BR Certified RoHS Compliant UL File # E223026


▲Up To Search▲   

 
Price & Availability of 30KW300A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X