Part Number Hot Search : 
TW8824 CY62137F 21M10 MC333 H11A33SD C8107 012N492 B099461
Product Description
Full Text Search
 

To Download 2W10G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
2W005G THRU 2W10G
FEATURES
* * * * * * * * *
Plastic package has underwriters laboratory Flammability classification 94V-0 This series is UL recognized under component index, file number E127707 Glass passivated ship junction High case dielectric strength Tyoical IR less than 0.5A High surge current capability Ideal for printed circuit boards High temperature soldering guaranteed 260/10 seconds, 0.375" (9.5mm) lead length at 5 lbs (2.3kg) tension
MECHANICAL DATA
* * * *
Case: Epoxy, Molded Plastic body over passivated junctions Terminal: Plated leads solderable per MIL-STD-750 method 2026 Mounting position: Any Weight: 0.04 ounce, 1.1 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified SYMBOLS 2W005G 2W01G Maximum Repetitive Peak Reverse Voltage VRRM 50 100 Maximum RMS Voltage VRMS 35 70 Maximum DC Blocking Voltage VDC 50 100
Maximum Average Forward Rectified Current at 0.375' (9.5mm) lead length (Note 1) Peak Forward Surge Current 8.3mS single half sine-wave superimposed on rated load (JEDEC method) Rating for Fusing (t8.3ms) Maximum Instantaneous Forward Voltage Drop Per element at 1.5A DC Maximum Average Reverse Current at rated DC Blocking Voltage TA = 25 TA = 125 *
2W02G
2W04G
2W06G
2W08G
2W10G
200 140 200
400 280 400 2.0 60 15 1.1 5.0 500.0
600 420 600
800 560 800
1000 700 1000
UNIT Volts Volts Volts Amps Amps A2s Volts A A pF
/W
IF(AV) IFSM I2 t VF IR
Cj 40 RJL 15 Typical Thermal Resistance per leg (NOTE 1) RJA 40 Operating Temperature Range TJ (-55 to +150) Storage Temperature Range TSTG (-55 to +150) Notes: 1. Thermal resistance from junction to lead at 0.375"(9.5mm) lead length P.C.B. mounting.
Typical Junction Capacitance per leg at 4.0V, 1MHz
20
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
2W005G THRU 2W10G
RATINGS AND CHARACTERISTICS CURVES 2W005G THRU 2W10G
AVERAGE FORWARD OUTPUT, CURRENT,AMPETES
2.4 2.0 1.6 1.2 0.8 0.4 0
PEAK FORWARD SURGE CURRENT, AMPERES
FIG. 1 - DERATING CURVE OUTPUT RECTIFIED CURRENT
60 Hz RESISTIVE OR INDUCTIVE LOAD P.C.B. COPPER PADS 0.22x0.22" (5.5x5.5mm) 0.375" (9.5mm) CAPACITIVE LOADS 5.0 Ipk/I(AV)10 (PER LEG) 20
0 25 50 75 100 125 150
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PER LEG
60 50 40 30 20 10 0
T A=25 SINGLE SINE-WAVE (JEDEC Method)
1.0 CYCLE
1
10
100
AMBIENT TEMPERATURE, FIG. 3 - TYPICAL FORWARD CHARACTERISTICS PER LEG
20
NUMBER OF CYCLES AT 60 Hz
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS PER LEG
100
INSTANTANEOUS FORWARD CURRENT, AMPERES
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
10
TJ =25 PULSE WIDTH=300s 1% DUTY CYCLE
TJ =125
10
TJ =100
1
1
0.1
0.1
T A=25
0.01 0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6
0
20
40
60
80
100
INSTANTANEOUS FORWARD VOLTAGE, VOLTS FIG. 5 - TYPICAL JUNCTION CAPACITANCE PER LEG
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
FIG .6 - TYPICAL TRANSIENT THERMAL IMPEDANCE
TRANSIENT THERMAL IMPEDANCE, /W
100
JUNCTION CAPACITANCE, pF
TJ =25 f=1.0 MHz Vsig=50mVp-p
10
10
1
1
0.1
0.1
1
10
100
0.01
0.1
1
10
100
REVERSE VOLTAGE,VOLTS
t, HEATING TIME, sec.
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of 2W10G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X