Part Number Hot Search : 
VTC5764C K2368 BR808 A9108 GV2SN35 8A218 MB89636 K2368
Product Description
Full Text Search
 

To Download 1SS400G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Zowie Technology Corporation
Switching Diode Lead free product
1SS400G
1 2
SOD-523
MAXIMUM RATINGS
Rating Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current at 1 Sec. Typical junction capacitance between Terminal (NOTE 1) Maximum Reverse Recovery Time (NOTE 2) Maximum Operating Temperature Range Storage Temperature Range Symbol VRRM VRMS VDC Io IFSM CJ TRR TJ TSTG Value 90 63 80 0.1 0.5 3.0 4.0 +125 -55 to +125 Unit Volts Volts Volts Amps Amps
PF
ns
J J
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted)
Characteristics Maximum lnstantaneous Forward Voltage at IF=100mA Maximum Average Reverse Current at VR=80V Symbol VF IR 1SS400G 1.20 0.1 Unit Volts uAmps
o
NOTES : 1.Measured at 1.0MHz and applied reverse voltage of 0.5 volts. 2.Measured at applied froward current of 10mA , reverse volfage of 6.0 volts and RL = 100 ohms. 3.ESD sensitive product handling required.
REV. 1
Zowie Technology Corporation
Zowie Technology Corporation
1SS400G
FIG. 1 - SURGE CURRENT CHARACTERISTICS
100 SURGE CURRENT, ISURGE (A) 50
PULSE Single pulse
FIG. 2 - FORWARD CHARACTERISTICS 1
20 10 5
FORWARD CURRENT, (A)
100m
10m
1m
12 5 C
o
C
Ta =
Ta =2 5
75
Ta =
1 0.1 1 10 100 1000 10000 PULSE WIDTH , TW (mS)
10u 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 FORWARD VOLTAGE, (V)
FIG. 3 - TYPICAL JUNCTION CAPACITANCE
FIG. 4 - REVERSE CHARACTERISTICS
JUNCTION CAPACITANCE, (pF)
REVERSE CURRENT, (nA)
f=1MHz
Ta =-
2
100u
o
C
25
o
o
C
2
10u 1u 100
125 C
o
75 C
o
1
25 C
o
10 1
0 0 2 4 6 8 10 12 14 16 18 20 REVERSE VOLTAGE, (V)
0
20
30
40
50
60
70
80
REVERSE VOLTAGE, (V)
k[
FIG. 5 - REVERSE RECOVERY TIME 3 REVERSE RECOVERY TIME, (nS)
VR=6V IRR=1/10IR
FIG. 6 - REVERSE RECOVERY TIME MEASUREMENT CIRCUIT
0.01F D.U.T.
5 k[
2
PULSE GENERATOR OUTPUT 50
50[
SAMPLING OSCILLOSCOPE
1
0 0 5 10 15 20 25 FORWARD CURRENT, (mA)
REV.1
Zowie Technology Corporation


▲Up To Search▲   

 
Price & Availability of 1SS400G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X