Part Number Hot Search : 
FP200 KTX212 JANSR2 WC206 10PBF 74279 AAT2557 AAT2557
Product Description
Full Text Search
 

To Download 1N4728G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4728G-1N4758G
Pb
RoHS
COMPLIANCE
1W DO-41 Zener Voltage Regulators
DO-41
Features
Zener Voltage Range 3.3. to 56Volts. DO-41 Package (JEDEC) Through-Hole Device Type Mounting Hermetically Sealed Glass Compression Bonded Construction All External Suface Are Corrosion Resistant And Terminals Are Readily Solderable Solder Hot Dip Tin(Sn) Lead Finish RoHS Compliant
Dimension
Millimeters Min Max 0.86 5.2 --2.71
Inches Min 0.16 1 0.08 Max 0.205 --0.107
A
0.72 4.07 25.4 2.04
0.028 0.034
Mechanical Data
Lead: Pure tin plated , lead free, solderable per MIL-STD-202, Method 208 guaranteed Polarity : Color band denotes cathode High temperature soldering guaranteed: 260oC//10 seconds Weight : 0.270~0.290 grams Marking code : 1N47XXG for 5% Vz 1N47XXC for 2% Vz
B C D
Cathode
Anode
ELECTRICAL SYMBOL
Maximum Ratings and Electrical Characteristics
Rating at 25J ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Type Number Power Dissipation Thermal Resistance Junction to Lead Thermal Resistance Junction to Ambient Operating Temperature Range Storage Temperature Range Symbol PD Rjl Rja TOPR TSTG Value 1 53.5 100 -65 to +200 -65 to +200 Units W
C / W C / W C C
Notes: These ratings are limiting values above which the serviceability of the diode may be impaired
1 of 2
Version : B08
VF Forward Voltage = 1.2 V Maximum @ IF = 200 mA for all types Notes : 1. TOLERANCE AND TYPE NUMBER DESIGNATION (VZ) The type numbers listed have a standard tolerance on the nominal zener voltage of 2% is indicated by a C instead of an G 2. SPECIALS AVAILABLE INCLUDE Nominal zener voltages between the voltages shown and tighter voltage, for detailed information on price, availability and delivery, contact you nearest TAIWAN SEMICONDUCTOR CO ZENER VOLTAGE (VZ) MEASUREMENT The zener voltage (VZ) is tested under pulse condition. The measured VZ is guaranteed to be within specification with device junction in thermal equilibrium. ZENER IMPEDANCE (ZZ) DERIVATION The zener impedance is derived from the 60 cycle AC voltage, which results when an AC current having an RMS value equal to 10% of the DC zener current (IZT or IZK) is superimposed on IZT or IZK. 5%. Device tolerance of
3.
4.
2 of 2
Version : B08


▲Up To Search▲   

 
Price & Availability of 1N4728G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X