Part Number Hot Search : 
284874 SMC62 P2907 ALN5000 12000 AD102 MMSZ5230 39504
Product Description
Full Text Search
 

To Download 1N4148S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4148S
PRV : 100 Volts Io : 150 mA
FEATURES :
* * * * * * Silicon Epitaxial Planar Diode High reliability Low reverse current Low forward voltage drop High speed switching Pb / RoHS Free
HIGH SPEED SWITCHING DIODE
DO - 34 Glass
0.078 (2.0 )max.
1.00 (25.4) min.
Cathode Mark
0.118 (3.0) max.
0.019 (0.50)max.
1.00 (25.4) min.
MECHANICAL DATA :
Case: DO-34 Glass Case Weight: approx. 0.093g Dimensions in inches and ( millimeters )
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING
Maximum Repetitive Peak Reverse Voltage Maximum Reverse Voltage Maximum Average Forward Current Maximum Surge Forward Current at t < 1s and Tj = 25C Maximum Power Dissipation , Ta = 25 C Maximum Forward Voltage at IF = 10 mA Maximum Reverse Current at VR = 20V at VR = 75V at VR = 20V, Tj = 150C Maximum Voltage Rise when switching ON test with 50mA Pulses tp = 0.1s, Rise Time <30ns fp = 5 to 100kHz Maximum Reverse Recovery Time from IF = 10mA to IR = 1mA , VR = 6V , RL = 100 Thermal Resistance Junction to Ambient Air Junction Temperature Range Storage Temperature Range
SYMBOL
VRRM VR IF(AV) IFSM PD VF IR
VALUE
100 75 150 1) 500 500 1.0 25 5 50
UNIT
V V mA mA mW V nA A A V
Vfr
2.5
Trr RJA TJ TSTG
4 350 1) 175 - 65 to + 175
ns K/W C C
Note : 1) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature (DO-35)
Page 1 of 2
Rev. 02 : March 25, 2005
RATING AND CHARACTERISTIC CURVES ( 1N4148S )
FIG.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT AVERAGE FORWARD OUTPUT CURRENT, mA POWER DISSIPATION , mW
250 500
FIG.2 - POWER DARATING CURVE
200
400
150
300
100
200
50
100
0
0
25
50
75
100
125
150
175
0
0
25
50
75
75
100
125
150
175
AMBIENT TEMPERATURE, ( C)
AMBIENT TEMPERATURE, ( C)
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
10
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
100
FORWARD CURRENT, mA
REVERSE CURRENT, MICROAMPERES
Ta = 100 C
1.0
10
Ta = 25 C
0.1
Ta = 25 C
1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
0.01 0 20 40 60 80 100 120 140
FORWARD VOLTAGE, VOLTS
PERCENT OF RATED REVERSE VOLTAGE, (%)
Page 2 of 2
Rev. 02 : March 25, 2005


▲Up To Search▲   

 
Price & Availability of 1N4148S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X