|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
BL FEATURES GALAXY ELECTRICAL 1.5KE6.8 - - - 1.5KE550CA BREAKDOWN VOLTAGE: 6.8 --- 550 V PEAK PULSE POWER: 1500 W TRANSIENT VOLTAGE SUPPRESSOR Plastic package has underwriters laboratory flammability classification 94V-0 Glass passivated junction 1500W peak pulse power capability with a 10/1000s waveform, repetition rate (duty cycle): 0.01% Excellent clamping capability Low incremental surge resistance Fast response time: typically less than 1.0ps from 0 Volts to V(BR) for uni-directional and 5.0ns for bi-directional types For devices with V(BR) 10V,ID are typically less than 5.0A / 10 seconds, High temperature soldering guaranteed:265 DO-201AE 0.375"(9.5mm) lead length, 5Ibs. (2.3kg) tension MECHANICAL DATA Case:JEDEC DO-201AE, molded plastic Polarity: color band denotes positive end ( cathode ) except for bidirectional Weight: 0.032 ounces, 0.9 grams Mounting position: any DEVICES FOR BIDIRECTIONAL APPLICATIONS For bi-directional use C or CA suffix for types 1.5KE 6.8 thru types 1.5KE 550 (e.g. 1.5KE 6.8CA, 1.5KE 550CA). Electrical characteristics apply in both directions. MAXIMUM RATINGS AND CHARACTERISTICS Ratings at 25 ambient temperature unless otherwise specified. SYMBOL Peak pow er dissipation w ith a 10/1000s w aveform (NOTE 1, FIG.1) Peak pulse current w ith a 10/1000s w aveform (NOTE 1) Steady state pow er dissipation at TL=75 fffffLead lengths 0.375"(9.5mm) (NOTE 2) Peak forw ard surge current, 8.3ms single half ffffSine-wave superimposed on rated load (JEDEC Method) (NOTE 3) Maximum instantaneous forw ard voltage at 100.0A for unidirectional only (NOTE 4) Operating junction and storage temperature range VALUE Minimum 1500 SEE TABLE 1 6.5 UNIT W A W PPPM IPPM PM(AV) IFSM VF TJ, TSTG 200.0 3.5/5.0 -50---+175 A V NOTES: (1) Non-repetitive current pules, per Fig. 3 and derated above TA=25 per Fig. 2 (2) Mounted on copper pad area of 1.6" x 1.6"(40 x40mm2) per Fig. 5 (3) Measured of 8.3ms single half sine-w ave or equare w ave, duty cycle=4 pulses per minute maximum (4) VF=3.5 Volt max. for devices of V(BR) 200V, and VF=5.0 Volt max. for devices of V(BR) >200V www.galaxycn.com Document Number 0285003 BLGALAXY ELECTRICAL 1. ELECTRICAL CHARACTERISTICS at(TA=25ae unless otherwise noted) TABLE 1 Breakdown Voltage V(BR) (V)(NOTE1) MIN 1.5KE 6.8 1.5KE 6.8A 1.5KE 7.5 1.5KE 7.5A 1.5KE 8.2 1.5KE 8.2A 1.5KE 9.1 1.5KE 9.1A 1.5KE 10 1.5KE 10A 1.5KE 11 1.5KE 11A 1.5KE 12 1.5KE 12A 1.5KE 13 1.5KE 13A 1.5KE 15 1.5KE 15A 1.5KE 16 1.5KE 16A 1.5KE 18 1.5KE 18A 1.5KE 20 1.5KE 20A 1.5KE 22 1.5KE 22A 1.5KE 24 1.5KE 24A 1.5KE 27 1.5KE 27A 1.5KE 30 1.5KE 30A 1.5KE 33 1.5KE 33A 1.5KE 36 1.5KE 36A 1.5KE 39 1.5KE 39A 1.5KE 43 1.5KE 43A 1.5KE 47 1.5KE 47A 1.5KE 51 1.5KE 51A 1.5KE 56 1.5KE 56A 1.5KE 62 1.5KE 62A 1.5KE 68 1.5KE 68A 6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.0 9.5 9.9 10.5 10.8 11.4 11.7 12.4 13.5 14.3 14.4 15.2 16.2 17.1 18.0 19.0 19.8 20.9 21.6 22.8 24.3 25.7 27.0 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9 42.3 44.7 45.9 48.5 50.4 53.2 55.8 58.9 61.2 64.6 Device Type MAX 7.48 7.14 8.25 7.88 9.02 8.61 10.0 9.55 11.0 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.5 15.8 17.6 16.8 19.8 18.9 22.0 21.0 24.2 23.1 26.4 25.2 29.7 28.4 33.0 31.5 36.3 34.7 39.6 37.8 42.9 41.0 47.3 45.2 51.7 49.4 56.1 53.6 61.8 58.8 68.2 65.1 74.8 71.4 Test Current at IT (mA) 10.0 10.0 10.0 10.0 10.0 10.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Stand-off Voltage VWM(V) 5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.2 10.5 11.1 12.1 12.8 12.9 13.6 14.5 15.3 16.2 17.1 17.8 18.8 19.4 20.5 21.8 23.1 24.3 25.6 26.8 28.2 29.1 30.8 31.6 33.3 34.8 36.8 38.1 40.2 41.3 43.6 45.4 47.8 50.2 53.0 55.1 58.1 Maximum Reverse Leakge at VWM ID (NOTE3)(A) 1000 1000 500 500 200 200 50 50 10 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 Maximum Pead Pulse IPPM(NOTE2) (A) 139 143 128 133 120 124 109 112 100 103 92.6 96.2 86.7 89.8 78.9 82.4 68.2 70.8 63.8 66.7 56.6 59.5 51.5 54.2 47.0 49.0 43.2 45.2 38.4 40.0 34.5 36.2 31.4 32.8 28.8 30.1 26.6 27.8 24.2 25.3 22.1 23.1 20.4 21.4 18.6 19.5 16.9 17.6 15.3 16.3 Maximum Clamping Voltage at IPPM VC(V) 10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.2 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 80.5 77.0 89 85 98 92 Maximum Temperature Coefficient of V(BR)(%/ae) 0.057 0.057 0.061 0.061 0.065 0.065 0.068 0.068 0.073 0.073 0.075 0.075 0.076 0.078 0.081 0.081 0.084 0.084 0.086 0.086 0.088 0.089 0.090 0.090 0.092 0.092 0.094 0.094 0.096 0.096 0.097 0.097 0.098 0.098 0.099 0.099 0.100 0.100 0.101 0.101 0.101 0.101 0.102 0.102 0.103 0.103 0.104 0.104 0.104 0.104 www.galaxycn.com Document Number 0285003 BLGALAXY ELECTRICAL 2. ELECTRICAL CHARACTERISTICS at(TA=25ae unless otherwise noted) TABLE 1(Cont' d) Breakdown Voltage V(BR) (V)(NOTE1) MIN 1.5KE 75 1.5KE 75A 1.5KE 82 1.5KE 82A 1.5KE 91 1.5KE 91A 1.5KE 100 1.5KE 100A 1.5KE 110 1.5KE 110A 1.5KE 120 1.5KE 120A 1.5KE 130 1.5KE 130A 1.5KE 150 1.5KE 150A 1.5KE 160 1.5KE 160A 1.5KE 170 1.5KE 170A 1.5KE 180 1.5KE 180A 1.5KE 200 1.5KE 200A 1.5KE 220 1.5KE 220A 1.5KE 250 1.5KE 250A 1.5KE 300 1.5KE 300A 1.5KE 350 1.5KE 350A 1.5KE 400 1.5KE 400A 1.5KE 440 1.5KE 440A 1.5KE 480 1.5KE 480A 1.5KE 510 1.5KE 510A 1.5KE 540 1.5KE 540A 1.5KE 550 1.5KE 550A 67.5 71.3 73.8 77.9 81.9 86.5 90.0 95.0 99.0 106 108 114 117 124 136 143 144 152 153 162 162 171 180 190 196 209 225 237 270 285 315 333 360 380 396 418 432 456 459 485 486 513 495 522 Device Type MAX 82.5 78.8 90.2 86.1 100 95.5 110 105 121 116 132 126 143 137 165 158 176 168 167 179 198 189 220 210 242 231 275 263 330 315 385 368 440 420 484 462 528 504 561 535 594 567 605 577 Test Current at IT (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Stand-off Voltage VWM(V) 60.7 64.1 66.4 70.1 73.7 77.8 81.0 85.5 89.2 94.0 97.2 102 106 111 121 128 130 136 138 145 146 154 162 171 175 185 202 214 243 256 284 300 324 342 356 376 389 408 413 434 437 459 470 467 Maximum Reverse Leakge at VWM ID (NOTE3)(A) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 Maximum Pead Pulse IPPM(NOTE2) (A) 13.9 14.6 12.7 13.3 11.5 12.0 10.4 10.9 9.5 9.9 8.7 9.1 8.0 8.4 7.0 7.2 6.5 6.8 6.1 6.4 5.8 6.1 5.2 5.5 4.4 4.6 4.2 4.4 3.5 3.6 3.0 3.1 2.6 2.7 2.4 2.5 2.19 2.28 2.06 2.15 1.94 2.03 1.91 2.00 Maximum Clamping Voltage at IPPM VC(V) 109 104 118 113 131 125 144 137 158 152 173 165 187 179 215 207 230 219 244 234 258 246 287 274 344 328 360 344 430 414 504 482 574 548 631 602 686 658 729 698 772 740 786 760 Maximum Temperature Coefficient of V(BR)(%/ae ) 0.105 0.105 0.105 0.105 0.106 0.106 0.106 0.106 0.107 0.107 0.107 0.107 0.107 0.107 0.108 0.106 0.106 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 www.galaxycn.com NOTE:(1) Pulse test:tpU50ms (2) Surge current waveform per Fig.3 and derate per Fig.2 Document Number 0285003 BLGALAXY ELECTRICAL 3. RATINGS AND CHARACTERISTIC CURVES PEAK PULSE POWER (PPP) OR CURRENT 1.5KE6.8 - - - 1.5KE550CA FIG.1 -- PEAK PULSE POWER RATING CURVE PPPM, PEAK PULSE POWER, KW 100 NON-REPETITIVE PULSE WAVEFORM SHOWN if FIG.3 TA=25 FIG.2 -- PULSE DERATING CURVE DERATING IN PERCENTAGE, 100 10 75 50 1.0 25 0.1 I 0.1| s 1.0|I s 10|I s I 100| s 1ms 10ms (IPPM) tol, PULSE WIDTH, SEC. 0 0 25 50 75 100 125 150 175 200 FIG.3 -- PULSE WAVEFORM 150 PULES WIDTH (td) is DEFINDE as the POINT WHERE the PEAK CURRENT DECAYS to 50% of IPPM TA, AMBIENT TEMPERATURE, IPPM, PEAK PULSE CURRENT, % tr=10 S PEAK VALUE IPPM FIG.4 -- TYPICAL JUNCTION CAPACITANCE H HHHHHHHH HUNIDIRECTIONAL 100 6.000 HALF VALUE - IPPM 2 50 CJ, JUNCTION CAPACITANCE, Pf 10/1000 S WAVEFORM as DEFINDE by R.E.A. TJ=25 f=1.0MHZ Vsig=50mVp-p MEASURED at ZEROBIAS 10.000 td 0 0 1.0 2.0 t, TIME, ms 3.0 4.0 FIG.5 -- STEADY STATE POWER DERATING CURVE PM(AV), STRADY STATE POWER 1.00 1000 MEASURED at STAND-OFF VOLTAGE, VWM L=0.375"(9.5mm) LEAD LENGTHS DISSIPATION, W 0.75 60 HZ RESISTIVEOR INDUCTIVE LOAD 10 1.0 10 100 200 0.50 0.25 1.6 x 1.6 x .040" (40 x 40 x 1mm.) COPPER HEAT SINKS V(BR), BREAKDOWN VOLTAGE, V 0 0 25 50 75 100 125 150 175 200 TL, LEA D TEMPERA TURE, ID, INSTANTANEOUS REVERSE IFSM, PEAK FORWARD SURGE FIG.7 -- TYPICAL REVERSE LEAKAGE JJJJJJJJJJJJJJJJJJCHARACTERISTICS 1 .0 0 0 FIG.6 -- MAXIMUN NON-REPETITIVE FORWARD HHHHHH H CURRENT UNIDIRECTIONAL ONLY SURGE 200 LEAKAGE CURRENT, mA 100 10 1 0 .1 0 .0 1 MEASURED ATDEVICES STAND-OFF VOLTAGE, VWM CURRENT, A 100 TJ=TJ max. 8.3ms SINGLE HALF SINE-MAVE (JEDEC METHOD) T A = 2 5 ae 0 .0 0 1 0 100 200 300 400 4 4 0 500 10 1 10 100 V(BR), BREAKDOWN VOLTAGE, V NUMBER OF CYCLES AT 60 Hz www.galaxycn.com Document Number 0285003 BLGALAXY ELECTRICAL 4. |
Price & Availability of 15KE20 |