Part Number Hot Search : 
H78L08AA POB17 DTA123 GS1501 CHA3093C 3T406P MC3318 10004
Product Description
Full Text Search
 

To Download 140G103XO-0000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Composite Junction Boxes
Series 140-103 Large Junction Box
A
Product Series 140 - Composite Boxes Basic Part Number Dash Number
B
Large Series 140-103 CostSaver Composite Junction Box
TABLE II: MATERIAL COLOR & FINISH OPTIONS
Sym Material & Color B G - Thermoplastic / Black Thermoplastic / Grey Thermoplastic / NA Finish Options XO and XMS XO and XMS XM, XW and XZN
140
G
103
XMS - 0000
Finish Symbol (See Table I)
Material Color Symbol (See Table II)
C
TABLE I: FINISHES
Symbol XO XMS XM XW XZN XMT Finish Description No Plating (Non-Conductive Finish) Internal Surfaces - Electroless Nickel External Surfaces - See Table II All Surfaces - Electroless Nickel All Surfaces - Cadmium Olive Drab over Electroless Nickel All Surfaces - Zinc Nickel/Black 2000 Hour Corrosion Resistant Ni-PTFE, NickelFluorocarbon Polymer. 1000 Hour GreyTM
D
E
TABLE III: KEY DIMENSIONS
Box Series Number Large 140-103 External Dimensions 9.10 (231) x 9.10 (231) x 4.50 (114) Internal Dimensions (with Aluminum Mounting Plate Installed, if applicable) 7.87 (200) x 7.87 (200) x 3.78 (96)
F
1. 2. 3.
NOTES
Use Dash Number 0000 for Basic Box with No Additional Options Beyond Your Specified Finish. 0000 Basic Box Includes #6-32 UNC Fasteners. Box Series Numbers are for reference only. Please complete the worksheet on E-14 and call the factory for part number assignment for your specific box configuration. Metric dimensions (mm) are in parenthesis and for reference only
G
(c) 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com E-24
Series 140-103 Large Junction Box SIDE A
11.44 (290.60) Max 10.00 (254.0) 9.10 (231.1) 7.00 (177.8)
SIDE D
7.00 (177.8)
5.75 (146.1) 9.10 (231.1) Max
SIDE B
SIDE C
Assembly Identified with Manufacturer's Name and Part Number
Mounting Hole (4 Places) accommodate 1/4-20 or 6mm Bolt EMI/RFI Tongue and Groove Environmental Seal
.62 (15.7) 4.50 (114.3)
SIDES A & C
Mounting Plate (Optional)
Mounting Boss accommodates #6-32 Screw (4 Places)
SIDES B & D
(c) 2009 Glenair, Inc. CAGE Code 06324 Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com E-25
Composite Junction Boxes
A
B
C
D
E
F
G


▲Up To Search▲   

 
Price & Availability of 140G103XO-0000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X