Part Number Hot Search : 
18N50S OL7272 SB154 2SK831 S41C1 AD7691 VTS80 BA202
Product Description
Full Text Search
 

To Download 041063050001WG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General Purpose Relays
SCHRACK
Power Relay 410 63 125C
n n n n n n n
1 pole 16 A, 1 NO or 1 NC contact Switching capacity 4000 VA Coil power 360 mW 4 kV / 8 mm coil-contact, insulation to VDE 0631 and 0700 Ambient temperature up to 125C Quick connect terminals for load side WG version: Materials in accordance to IEC 60335-1
Applications White goods appliances, oven control, electric heating, power suppplies, air conditionning, motors, magnetic valves
F0248-BA
Approvals
V REG.-Nr.of3725, Z on request E214025 Technical data approved types
Contact data
Contact configuration Contact set Type of interruption Rated voltage / max. switching voltage AC Rated current Limiting making capacity, max 4 s, duty factor 10% Contact material Rated frequency of operation with / without load Contact ratings Type Contact Load IEC 410 410 410 410 410 410 410 410 61810 63 ... 001 63 ... 001 63 ... 001 63 ... 002 63 ... 005 63 ... 005 63 ... 005 63 ... 006 NO NO NO NC NO NO NO NC 16 A, 12 A, 16 A, 16 A, 16 A, 12 A, 16 A, 16 A, 250 VAC, 250 VAC, 250 VAC, 250 VAC, 250 VAC, 250 VAC, 250 VAC, 250 VAC, cos=1 cos=1 cos=1 cos=1 cos=1 cos=1 cos=1 cos=1 1NO or 1NC single contact micro disconnection 250 / 400 VAC 16 A 25 A AgCdO, AgNi 10 / 600 min-1 Ambient temp. [C] 125C 125C 105C 125C 125C 125C 105C 125C Cycles 50x103 200x103 100x103 50x103 50x103 200x103 100x103 50x103
Coil data
Rated coil voltage DC coil Operative range to IEC 61810 Coil insulation system according UL1446 6...60 VDC 1 Class F
Coil versions, DC-coil Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC Ohm mW 054 6 3.6 0.45 100+10% 360 053 9 5.5 0.68 230+10% 352 050 12 7.3 0.9 400+10% 360 046 24 14.6 1.8 1600+10% 360 043 48 29.2 3.6 6400+10% 360 042 60 36.5 4.5 10000+10% 360 All figures are given for coil without preenergization, at ambient temperature +23C Other coil voltages on request
1
Datasheet Rev. IJ1 Issued 2009/10 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' section in the catalogue or at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
SCHRACK
Power Relay 410 63 125C (Continued)
Insulation
Dielectric strength coil-contact circuit open contact circuit Clearance / creepage coil-contact circuit Material group of insulation parts Tracking index of relay base Insulation to IEC 61810-1 Type of insulation coil-contact circuit open contact circuit Rated insulation voltage Pollution degree Rated voltage system Overvoltage category 4000 Vrms 1000 Vrms W 8 / 8 mm W IIIa PTI 250 reinforced micro disconnection 250 V 3 230 / 400 V III
PCB layout / terminal assignment Bottom view on solder pins
S0256-CA
1 NO contact
Other data
Mechanical endurance cycles Material RoHS - Directive 2002/95/EC compliant as per product date code 0349 Resistance to heat and fire, WG version according EN60335, par.30 Environment Ambient temperature range -20...+125C Category of protection RTII - flux proof Processing Mounting pcb Resistance to soldering heat 270C / 10 s Relay weight 24 g Packaging unit 1050 pcs 1x106
S0256-CB
1 NC contact
S0256-CC
Dimensions
S0282-AB
Product key
Type 41063 Power Relay 410 63 125C Coil
Typical product key
041063
050
001
Coil code: please refer to coil versions table, preferred types in bold print Version 001 1 NO contact (1 form A), AgCdO 002 1 NC contact (1 form B), AgCdO 005 1 NO contact (1 form A), AgNi 006 1 NC contact (1 form B), AgNi Version Blank Standard version WG Product in accordance with IEC 60335-1 (domestic appliances) Other types on request
Product key 0410 63 050 001 0410 63 046 001 0410 63 050 002
Version standard PCB terminals quick connect term.
Cont. material AgCdO
Cont.configuration 1 NO contact 1 NC contact
Coil 12 VDC 24 VDC 12 VDC
Part number 3-1415410-4 3-1415410-0 3-1415410-5
2
Datasheet Rev. IJ1 Issued 2009/10 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' section in the catalogue or at schrackrelays.com in the `Schrack' section. Specifications subject to change.


▲Up To Search▲   

 
Price & Availability of 041063050001WG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X