Part Number Hot Search : 
UMF22N FQA24N60 JANSR2 TDA8842 SMCJ18A HER208 HMC14 HZS20
Product Description
Full Text Search
 

To Download UF4007G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHONGQING PINGYANG ELECTRONICS CO.,LTD.
UF4001G THRU UF4007G
ULTRAFAST RECTIFIER
VOLTAGE50-1000V CURRENT1.0A
FEATURES
*Low power loss, high efficiency *Low leakage *Low forward voltage *High current capability *High speed switching *High surge capability *High reliability
DO-41
1.0(25.4) MIN. .205(5.2) .166(4.2) 1.0(25.4) MIN. .034(0.9) .028(0.7)
DIA. DIA.
MECHANICAL DATA
*Case: Molded plastic *Epoxy: UL94V-0 rate flame retardant *Lead: MIL-STD- 202E, Method 208 guaranteed *Polarity:Color band denotes cathode end *Mounting position: Any *Weight: 0.33 grams
.107(2.7) .080(2.0)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz,resistive or inductive load. For capacitive load, derate current by 20%. UF UF SYMBOL 4001G 4002G Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward rectified Current at TA=50C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rate load (JEDEC method) Maximum Instantaneous forward Voltage at 1.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage TA=25C Maximum Full Load Reverse Current Full Cycle Average,.375"(9.5mm) lead length at TL=75C Maximum Reverse Recovery Time (Note 1) VRRM VRMS VDC Io IFSM VF 1.0 5.0 IR 100 trr 50 12 nS pF A 50 35 50 100 70 100
UF 4003G 200 140 200
UF 4004G 400 280 400 1.0 30
UF 4005G 600 420 600
UF 4006G 800 560 800
UF 4007G units 1000 700 1000 V V V A A
1.7
V
CJ 15 Typical Junction Capacitance (Note 2) Notes: 1.Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 2.Measured at 1MHz and applied reverse voltage of 4.0 volts
PDF "pdfFactory Pro" www.fineprint.cn


▲Up To Search▲   

 
Price & Availability of UF4007G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X