Part Number Hot Search : 
IN74180 100H6 RF3710 SMD32PT 768KHZ W0603 209EGW TLP798G
Product Description
Full Text Search
 

To Download ST2N6520 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ST 2N6520
PNP Silicon Epitaxial Planar Transistor for switching and AF amplifier applications. On special request, these transistors can be manufactured in different pin configurations.
TO-92 Plastic Package Weight approx. 0.19g
Absolute Maximum Ratings (Ta = 25OC) Symbol Collector Base Voltage Collector Emitter Voltage Emitter Base Voltage Collector Current Base Current Power Dissipation Junction Temperature Storage Temperature Range -VCBO -VCEO -VEBO -IC -IB Ptot Tj TS Value 350 350 5 500 250 625 150 -55 to +150 Unit V V V mA mA mW
O O
C C
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 07/12/2002
ST 2N6520
Characteristics at Tamb=25 OC Symbol DC Current Gain at -VCE=10V, -IC=1mA at -VCE=10V, -IC=10mA at -VCE=10V, -IC=30mA at -VCE=10V, -IC=50mA at -VCE=10V, -IC=100mA Collector Base Breakdown Voltage at -IC=100A Collector Emitter Breakdown Voltage at -IC=1mA Emitter Base Breakdown Voltage at -IE=10A Collector Cutoff Current at -VCB=250V Emitter Cutoff Current at -VEB=4V Collector Base Capacitance at -VCB=20V, f=1MHz Emitter Base Capacitance at -VEB=0.5V, f=1MHz Base Emitter Saturation Voltage at -IC=10mA, -IB=1mA at -IC=20mA, -IB=2mA at -IC=30mA, -IB=3mA Collector Emitter Saturation Voltage at -IC=10mA, -IB=1mA at -IC=20mA, -IB=2mA at -IC=30mA, -IB=3mA at -IC=50mA, -IB=5mA Base Emitter On Voltage at -VCE=10V, -IC=100mA Current Gain Bandwidth Product at -VCE=20V, -IC=10mA, f=20MHz Turn On Time at -VBE(off)=2V, -VCC=100V -IC=50mA, -IB1=10mA Turn Off Time at -VCC=100V, -IC=50mA, -IB1=-IB2=10mA hFE hFE hFE hFE hFE -BVCBO -BVCEO -BVEBO -ICBO -IEBO Ccb Ceb -VBE(sat) -VBE(sat) -VBE(sat) -VCE(sat) -VCE(sat) -VCE(sat) -VCE(sat) -VBE(on) fT Min. 20 30 30 20 15 350 350 5 40 Typ. Max. 200 200 50 50 6 100 0.75 0.85 0.9 0.3 0.35 0.5 1 2 200 Unit V V V nA nA pF pF V V V V V V V V MHz
ton toff
-
-
200 3.5
ns ns
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 07/12/2002


▲Up To Search▲   

 
Price & Availability of ST2N6520

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X