Part Number Hot Search : 
216T1 00AMUT1 P1514 68HC11 T494A106 HFC03 BD235 SI9176
Product Description
Full Text Search
 

To Download SRFL1060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRFL1030 THRU SRFL1060
FEATURES
* * * * * * *
VOLTAGE RANGE CURRENT
30 t o 60 Volts 10.0 Ampere
Schottky Barrier Chip Guard Ring Die Construction for Transient Protechion Low Power Loss, High efficiency High Surge Capability High Current capacity and Low Forward Voltage Drop For use in low voltage high frequency inverters, Free wheeling, and polarity protection applications Plastic Material has UL Flammability Classification 94V-0
ITO-220AB
MECHANICAL DATA
* * * * * *
Dimensions in inches and (millimeters)
Case: ITO-220AC molded plastic Terminals: Plated Lead solderable per MIL-STD-202 Method 208 Polarity: See Diagram Weight:2.24 grams (approx) Mounting Position: Any Marking: Type Number
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* *
Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20% SRFL SYMBOLS 1030 Peak Repetitive Reverse Voltage VRRM Working Peak Reverse Voltage 30 VRWM DC Blocking Voltage VR RMS Reverse Voltage VR(RMS) 21
Average Rectified Output Curent (Note 1)@Tc=95 Non-Repetitive Peak Forward Surge Current 8.3ms single half sine wave superimposed on rated load (JEDEC method) Forward Voltage Drop @IF=10A,TC=25 Peak Reverse Current at Rated DC Blocking Voltage TC = 25 TC = 100
SRFL 1035 35 25
SRFL 1040 40 28
SRFL 1045 45 32 10.0 250
SRFL 1050 50 35
SRFL 1060 60 42
UNIT V V A A
IO IFSM VFM IRM Cj RJC TJ TSTG 0.55
0.65
V mA pF
/W
Typical Junction Capacitance(Note2) Typical Resistance Junction to case(Note1) Operating and Storage Temperature Range
1.0 50 700 3.5 (-55 to +150)
Notes: 1. Thermal Resistance Junction to case mounted on heatsink 2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRFL1030 THRU SRFL1060
VOLTAGE RANGE CURRENT
30 to 60 Volts 10.0 Ampere
RATINGE AND CHARACTERISTIC CURVES SRFL1030 THRU SRFL1060
20 16 12 8 4 0
FIG.1-FORWARD CURRENT DERATING CURVE INSTANTANEOUS FORWARD CURRENT, ( A) FIG.2-TYPICAL FORWARD CHARACTERISTICS
) ,AVERAGE FORWARD CURRENT, ( A)
100
SRFL1030-SRFL1045
10
1.0
SRFL1050-SRFL1060
Tj =25
I(
0
TC ,CASE TMPERSTRUE( )
50
100
150
0.1 0.2
Pulse Width=300 s 2% duty cycle
AV
VF,INSTANTANEOUS FORWARD VOLTAGE( V ) FIG4 TYPICAL JUNCTION CAPACITANCE PER ELEMENT
Tj =25
0.4
0.6
0.8
IFSM ,PEAK FORWARD SURGE CURRENT, ( A)
300 250 200 150 100 50 0
FIG.3 MAX NON-REPETITIVE SURGE CURRENT
8.3ms Single Half Sine-Wave JEDEC Method
4000
C j ,CAPACITANCE( pF)
1000
1
NUMBER OF CYCLES AT 60 Hz
10
100
FIG.5-TYPICAL REVERSE CHARACTERISTICS
100 0.1
VR,REVERSE VOLTAGE( v)
1.0
10
100
100
IR, INSTANTANOUS REVERSE CURRENT,( mA )
10
Tj =100
Tj =75
1.0
T j =25
0.1
0.01 0
PERCENT OF RATED REVERSE VOLTAGE,( % )
40
80
120
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of SRFL1060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X