Part Number Hot Search : 
41821 180N0 2MBI400 BUK95 AVC16 R2505 MAX695 UN2122
Product Description
Full Text Search
 

To Download SR130 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
SR120 THRU SR1100
SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 20 to 100 Volts CURRENT 1.0 Ampere
FEATURES
* * * * * * Low switching noise Low forward voltage drop High current capability High switching capability High surge capabitity High reliability
DO-41
MECHANICAL DATA
* * * * * Case: Molded plastic Epoxy: Device has UL flammability classification 94V-O Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 0.33 gram
.034 (0.9) DIA. .028 (0.7)
1.0 (25.4) MIN.
.205 (5.2) .166 (4.2)
.107 (2.7) .080 (2.0)
DIA.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
1.0 (25.4) MIN.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375" (9.5mm) lead length Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Thermal Resistance (Note 1) Typical Junction Capacitance (Note 2) Operating Temperature Range Storage Temperature Range SYMBOL VRRM VRMS VDC IO IFSM RJA CJ TJ TSTG SR120 20 14 20 SR130 30 21 30 SR140 40 28 40 SR150 50 35 50 1.0 40 50 110 -55 to + 150 -55 to + 150 SR160 60 42 60 SR180 80 56 80 SR1100 UNITS 100 70 100 Volts Volts Volts Amps Amps
0
C/ W pF
0 0
C C
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 1.0A DC Maximum Average Reverse Current at Rated DC Blocking Voltage @TA = 25 o C @TA = 100 o C SYMBOL VF IR SR120 SR130 .55 1.0 10 SR140 SR150 SR160 SR180 SR1100 UNITS .85 Volts mAmps mAmps 2002-11
.70
NOTES : 1. Thermal Resistance (Junction to Ambient): Vertical PC Board Mounting, 0.5" (12.7mm) Lead Length. 2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
RATING AND CHARACTERISTIC CURVES ( SR120 THRU SR1100 )
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
AVREAGE FORWARD CURRENT, (A)
INSTANTANEOUS FORWARD CURRENT, (A)
FIG. 2 - TYPICAL INSTANTANEOUS FORWARD CHARCTERISTICS
20 10
1.0
.75
SR
SR 40 R1 0-S 12
0-S 15
.50
Single Half Wave 60HZ Resistive or Inductive Load 0.375" (9.5mm) Lead Length
1.0
.25
0 0 25 50 75 100 125 150 LEAD TEMPERATURE, ( ) 175
.1 .1 .3 .5 .7 .9 1.1 1.3 1.5 1.7 1.9 2.1 INSTANTANEOUS FORWARD VOLTAGE, (V) FIG. 3B - TYPICAL REVERSE CHARACTERISTICS 100
TJ = 25 Pulse Width = 300uS 1% Duty Cycle
SR120 SR130 SR140 SR150 SR160 SR180 SR1100
FIG. 3A - TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS REVERSE CURRENT (mA) INSTANTANEOUS REVERSE CURRENT (mA)
R1 10 0
100
SR120-SR140
10
TJ = 125
10
1.0
TJ = 75
1.0
TJ = 150
0.1
0.1
TJ = 125
.01
TJ = 25
.01
TJ = 75
SR150~SR160 SR180~SR1100
.001
.001 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE, (%) FIG. 4 - TYPICAL JUNCTION CAPACITANCE
TJ = 25
0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
FIG. 5 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
JUNCTION CAPACITANCE, (pF)
PEAK FORWARD SURGE CURRENT, (A)
400 200 100 80 60 40 20 10 .1 .4 1.0 4 10 REVERSE VOLTAGE, (V) 40 80
TJ = 25
50 40 30 20 10 0 1 2 4 6 810 20 40 80100 NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine-Wave JEDEC Method
RECTRON


▲Up To Search▲   

 
Price & Availability of SR130

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X