![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Certificate TH97/10561QM Certificate TW00/17276EM SMBJ-LC5.0 - 188A Stand-off Voltage : 5.0 to 188V Peak Pulse Power : 600 W FEATURES : * 600W peak pulse power capability with a 10/1000s waveform * Low junction capacitance * Excellent clamping capability * Very response Time * Pb / RoHS Free SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR SMB (DO-214AA) 1.1 0.3 5.4 0.15 4.8 0.15 2.0 0.1 3.6 0.15 2.3 0.2 0.22 0.07 MECHANICAL DATA * Case : SMB Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Lead Formed for Surface Mount * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 0.108 gram Dimensions in millimeters MAXIMUM RATINGS Rating at 25 C ambient temperature unless otherwise specified. Rating Peak Pulse Power Dissipation on 10/1000 s waveform (1)(2) Peak Pulse Current on 10/1000s waveform (1) Typical Thermal resistance, Junction to ambient Operating Junction and Storage Temperature Range Notes : (1) Non-repetitive Current pulse and derated above Ta = 25 C (2) Mounted on 0.2 x 0.2" (5.0 x 5.0 mm) copper pads to each terminal. Symbol PPPM IPPM RJA TJ, TSTG Value Minimum 600 See Table 100 - 55 to + 150 Units W A C/W C Page 1 of 4 Rev. 00 : November 21, 2007 Certificate TH97/10561QM Certificate TW00/17276EM ELECTRICAL CHARACTERISTICS Breakdown (Rating at 25 C ambient temperature unless otherwise specified) Reverse Maximum Maximum Maximum Maximum Voltage VRWM (V) 5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10 10 11 11 12 12 13 13 14 14 15 15 16 16 17 17 18 18 20 20 22 22 24 24 26 26 28 28 30 30 33 33 Reverse Leakage @ VRWM IR (A) 800 800 800 800 500 500 200 200 100 100 50 50 10 10 5.0 5.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Peak Pulse Surge Current IPPM (A) 62.5 65.2 52.6 58.3 48.7 53.6 45.1 50.0 42.0 46.5 40.0 44.1 37.7 41.7 35.5 39.0 31.9 35.3 29.9 33.0 27.3 30.2 25.2 27.9 23.3 25.8 22.3 24.0 20.8 23.1 19.7 21.7 18.6 20.5 16.7 18.5 15.2 16.9 14.0 15.4 12.4 14.2 12.0 13.2 11.2 12.4 10.2 11.3 Clamping Voltage @ IPPM VC (V) 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.0 45.4 53.5 48.4 59.0 53.3 Junction Capacitance @ 0 Volt pF 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 Type No. Min. SMBJ-LC5.0 SMBJ-LC5.0A SMBJ-LC6.0 SMBJ-LC6.0A SMBJ-LC6.5 SMBJ-LC6.5A SMBJ-LC7.0 SMBJ-LC7.0A SMBJ-LC7.5 SMBJ-LC7.5A SMBJ-LC8.0 SMBJ-LC8.0A SMBJ-LC8.5 SMBJ-LC8.5A SMBJ-LC9.0 SMBJ-LC9.0A SMBJ-LC10 SMBJ-LC10A SMBJ-LC11 SMBJ-LC11A SMBJ-LC12 SMBJ-LC12A SMBJ-LC13 SMBJ-LC13A SMBJ-LC14 SMBJ-LC14A SMBJ-LC15 SMBJ-LC15A SMBJ-LC16 SMBJ-LC16A SMBJ-LC17 SMBJ-LC17A SMBJ-LC18 SMBJ-LC18A SMBJ-LC20 SMBJ-LC20A SMBJ-LC22 SMBJ-LC22A SMBJ-LC24 SMBJ-LC24A SMBJ-LC26 SMBJ-LC26A SMBJ-LC28 SMBJ-LC28A SMBJ-LC30 SMBJ-LC30A SMBJ-LC33 SMBJ-LC33A 7.20 7.20 7.47 7.47 8.02 8.02 8.58 8.58 9.13 9.13 9.69 9.69 10.24 10.24 10.8 10.8 11.9 11.9 13.0 13.0 14.1 14.1 15.2 15.2 16.4 16.4 17.5 17.5 18.6 18.6 19.7 19.7 20.8 20.8 23.0 23.0 25.2 25.2 27.5 27.5 29.7 29.7 31.9 31.9 34.1 34.1 37.5 37.5 Voltage (1) @ IT VBR (V) Max. 8.62 7.87 8.95 8.17 9.62 8.78 10.31 9.40 11.00 10.01 11.70 10.63 12.3 11.2 13.0 11.9 14.4 13.1 15.7 14.3 17.1 15.5 18.4 16.7 19.9 18.0 21.2 19.3 22.6 20.5 23.9 21.7 25.2 22.9 27.9 25.3 30.6 27.7 33.4 30.3 36.1 32.7 38.8 35.2 41.5 37.6 45.7 41.4 IT (mA) 10 10 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Stand-off Page 2 of 4 Rev. 00 : November 21, 2007 Certificate TH97/10561QM Certificate TW00/17276EM ELECTRICAL CHARACTERISTICS(Rating at 25 C ambient temperature unless otherwise specified) Breakdown Reverse Stand-off IT (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Voltage VRWM (V) 36 36 40 40 43 43 45 45 48 48 51 51 54 54 58 58 60 60 64 64 70 70 75 75 78 78 85 85 90 90 100 100 110 110 120 120 130 130 150 150 160 160 170 170 188 188 Maximum Reverse Leakage @ VRWM IR (A) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Maximum Peak Pulse Surge Current IPPM (A) 9.3 10.3 8.4 9.3 7.8 8.6 7.5 8.3 7.0 7.7 6.6 7.3 6.2 6.9 5.8 6.4 5.6 6.2 5.3 5.8 4.8 5.3 4.5 4.9 4.3 4.7 3.9 4.4 3.8 4.1 3.4 3.7 3.0 3.4 2.8 3.1 2.6 2.9 2.2 2.5 2.1 2.3 2.0 2.2 1.7 2.0 Maximum Clamping Voltage @ IPPM VC (V) 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103 93.6 107 96.8 114 103 125 113 134 121 139 126 151 137 160 146 179 162 196 177 214 193 231 209 268 243 287 259 304 275 344 328 Maximum Junction Capacitance @ 0 Volt pF 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 Type No. Min. SMBJ-LC36 SMBJ-LC36A SMBJ-LC40 SMBJ-LC40A SMBJ-LC43 SMBJ-LC43A SMBJ-LC45 SMBJ-LC45A SMBJ-LC48 SMBJ-LC48A SMBJ-LC51 SMBJ-LC51A SMBJ-LC54 SMBJ-LC54A SMBJ-LC58 SMBJ-LC58A SMBJ-LC60 SMBJ-LC60A SMBJ-LC64 SMBJ-LC64A SMBJ-LC70 SMBJ-LC70A SMBJ-LC75 SMBJ-LC75A SMBJ-LC78 SMBJ-LC78A SMBJ-LC85 SMBJ-LC85A SMBJ-LC90 SMBJ-LC90A SMBJ-LC100 SMBJ-LC100A SMBJ-LC110 SMBJ-LC110A SMBJ-LC120 SMBJ-LC120A SMBJ-LC130 SMBJ-LC130A SMBJ-LC150 SMBJ-LC150A SMBJ-LC160 SMBJ-LC160A SMBJ-LC170 SMBJ-LC170A SMBJ-LC188 SMBJ-LC188A Notes: 40.8 40.8 45.2 45.2 48.6 48.6 50.8 50.8 54.1 54.1 57.5 57.5 60.8 60.8 65.2 65.2 67.5 67.5 71.9 71.9 78.6 78.6 84.1 84.1 87.5 87.5 95.2 95.2 100.8 100.8 111.8 111.8 122.8 122.8 133.8 133.8 144.8 144.8 167.8 167.8 178.8 178.8 189.8 189.8 209.8 209.8 Voltage (1) @ IT VBR (V) Max. 49.7 45.0 55.1 49.9 59.2 53.6 61.9 56.1 65.9 59.7 70.1 63.5 74.1 67.1 79.5 72.0 82.3 74.5 87.7 79.4 95.9 86.8 102.8 92.9 106.8 96.6 115.8 104.8 122.8 111.8 136.8 123.8 149.8 135.8 163.8 147.8 176.8 159.8 204.8 185.8 218.8 197.8 231.8 209.8 255.8 231.8 (1) Pulse test : tp 50ms. (2) "SMBJ-L" will be omitted in marking on the diode. Page 3 of 4 Rev. 00 : November 21, 2007 Certificate TH97/10561QM Certificate TW00/17276EM RATING AND CHARACTERISTIC CURVES ( SMBJ-LC5.0 - SMBJ-LC188A ) FIG.1 - PULSE DERATING CURVE FIG.2 - PEAK PULSE POWER RATING CURVE PEAK PULSE DERATING IN % OF PEAK POWER OR CURRENT 100 100 80 PP,PEAK POWER (kW) 0 25 50 75 100 125 150 175 10 60 40 1.0 20 0 0.1 0.1s 1.0s 10s 100s 1.0ms 10ms Ta, TEMPERATURE (C) td, PULSE WIDTH, SEC. FIG.3 - PULSE WAVEFORM IPPM, PEAK PULSE CURRENT, % tr 10s 100 Peak Value IPPM Ta=25 C Pulse Width (td) is defined as that point where the peak current decays to 50% of IPPM 50 Half Value - IPPM 2 10/1000ms. Waveform as defined by R.E.A. 0 td 0 1.0 2.0 3.0 4.0 t, TIME(ms) Page 4 of 4 Rev. 00 : November 21, 2007 |
Price & Availability of SMBJ-LC10
![]() |