|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SGX-41F SOLID STATE RELAY 4 AMPS 48 TO 400 VRMS FEATURES * * * * * * * * Photo isolation Up to 800V blocking voltage Both zero cross or random turn-on High surge capability Built-in snubber UL, CUR file E43203 SCR or Triac Output Circuitry RoHS compliant INPUT Type Control Voltage Range Turn On Voltage Turn Off Voltage Max. Input Current Max. Reverse Voltage 1D 3 to 15 VDC 3 VDC max. 1 VDC min. 40 mA at 15 VDC -15 VDC 2D 15 to 32 VDC 15 VDC max. 1 VDC min. 20 mA at 32 VDC -32 VDC OUTPUT Type Output Voltage Range Blocking Voltage Max. Leakage Current (off) Max. Voltage Drop (at rated current) Min. Load Current Max. Turn-On Time 240 48 to 264 VAC 600 Vpk 5 mA 1.7 VRMS 100 mA Random Turn On (DC input): 1 ms Zero Cross Turn On (DC input): 1/2 cycles + 1 ms AC Input: 20 ms DC Input: 1/2 cycle + 1 ms AC Input: 40 ms Triac: 200 V/us / SCR: 500 V/us 380 48 to 400 VAC 800 Vpk 5 mA Max. Turn-Off Time Min. Off-State (dv/dt) GENERAL Dielectric Strength Insulation Resistance Ambient Temperature 4000 Vrms min. (at 50/60 Hz, 1 min.) 1000 Min. (at 500 VDC) Operating: -30C (-22F) to 80C (176F) Storage: -30C (122F) to 100C (212F) Termination Weight PCB 15g 3/29/06W SGX-41F RELAY ORDERING DATA SGX-41F MODEL 1D INPUT VOLTAGE 1D: 3 TO 15 Vdc 2D: 15 to 32 Vdc 240 OPERATING VOLTAGE RANGE 240:48 TO 264 Vac 380: 48 to 400 Vac A LOAD TYPE A: AC LOAD 4 LOAD CURRENT 4: 4A Z S G PACKAGE G: epoxy ZERO CROSS OUTPUT DEVICE OR RANDOM Z: Zero cross turn on P: Random turn on S: SCR Nil: Triac MECHANICAL DATA Outline Dimensions PC Board Layout 1.724MAX [43.8] .374MAX [9.5] .100 [2.54] .200 [5.08] O0.047 [1.2] 1.043MAX [26.5MAX] .118MAX [3.0] 0.200 [5.1] .370 [9.4] .201 [5.1] O.039 [1.0] 0.700 [17.8] 1.100 [27.9] .701 [17.8] 1.098 [27.9] .098MAX [2.5] Wiring Diagram -4 +3 2 1 Load Input control Power supply Dimensions in inches with metric equivalents in parentheses. Tolerance: .010" INSTALLATION 1. When mounting the relays side by side, provide a space equivalent to the width of a single SSR between two adjacent SSRs. Otherwise, reduce the load current flow to 1/2 to 1/3 of the rated current. PRECAUTIONS 1. Before connecting a load that generates a high surge current, such as a lamp load to the SSR, make sure that the SSR can withstand the surge current of the load. The product data sheet shows the non-repetitive peak value of the surge current that flows through the SSR. Normally, use 1/2 of the non-repetitive peak surge current as the standard value. If a surge current exceeding that value is expected, connect a quick-blowing fuse to protect the SSR. 2. 3/29/06W SGX-41F CHARACTERISTIC CURVES Figure 1 Maximum load current vs. ambient temperature 3/29/06W |
Price & Availability of SGX-41F1D240A4PSG |