Part Number Hot Search : 
11K5FKR3 5602B WD76C31A 1602F SSFP6N70 SCW03 AT16245G HIP0081
Product Description
Full Text Search
 

To Download SF1604G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LEADED (THRU-HOLE): Super Fast & Schottky Rectifiers, Switching Diodes
SUPER FAST RECTIFIERS RF Cross Max Avg. Peak Peak Fwd Surge Max Forward Reverse Max Reverse Part Number Reference Rectified Inverse Current @ 8.3ms Voltage @ 25C Recovery Time Current @ 25C Current Voltage Superimposed @ Rated IO @ Rated PIV @ Rated PIV IO(A) PIV(V) IFSM(A) VFM(V) TRR(ns) IR(mA) SF61 6.0 A 50 150 0.975 35 5.0 SF62 6.0 A 100 150 0.975 35 5.0 SF63 6.0 A 150 150 0.975 35 5.0 SF64 6.0 A 200 150 0.975 35 5.0 SF65 6.0 A 300 150 1.300 35 5.0 SF66 6.0 A 400 150 1.300 35 5.0 SFA81G 8.0 A 50 125 0.975 35 10.0 SFA82G 8.0 A 100 125 0.975 35 10.0 SFA83G 8.0 A 150 125 0.975 35 10.0 SFA84G 8.0 A 200 125 0.975 35 10.0 SFA85G 8.0 A 300 125 1.300 35 10.0 SFA86G 8.0 A 400 125 1.300 35 10.0 SFA1601G 16.0 A 50 200 0.975 35 10.0 SFA1602G 16.0 A 100 200 0.975 35 10.0 SFA1603G 16.0 A 150 200 0.975 35 10.0 SFA1604G 16.0 A 200 200 0.975 35 10.0 SFA1605G 16.0 A 300 200 1.300 35 10.0 SFA1606G 16.0 A 400 200 1.300 35 10.0 SF1601G 16.0 A 50 125 0.975 35 5.0 SF1602G 16.0 A 100 125 0.975 35 5.0 SF1603G 16.0 A 150 125 0.975 35 5.0 SF1604G 16.0 A 200 125 0.975 35 5.0 SF1605G 16.0 A 300 125 1.300 35 5.0 SF1606G 16.0 A 400 125 1.300 35 5.0 Package Operating Temperature: -65C to 125C Outline (Max in inches)
Bulk/Reel 500/1250 500/1250 500/1250 500/1250 500/1250 500/1250 50/Tube 50/Tube 50/Tube 50/Tube 50/Tube 50/Tube 50/Tube 50/Tube 50/Tube 50/Tube 50/Tube 50/Tube 50/Tube 50/Tube 50/Tube 50/Tube 50/Tube 50/Tube
DO-201AD
TO-220A
TO-220
SCHOTTKY RECTIFIERS RF CrossMax. Average Peak Inverse Peak Fwd. Surge Max.Forward Max.Reverse Part No. Reference Rectified Voltage Current @ 8.3ms Voltage @ Ta 25oC Current @ 25oC Current Superimposed @Rated Io @Rated PIV Io(A) PIV(V) IFSM(A) VFM(V) IR(mA) 1N5817 1N5817 1.0 A 20 25 0.45 1 1N5818 1N5818 1.0 A 30 25 0.55 1 1N5819 1N5819 1.0 A 40 25 0.6 1 SR102 SB120 1.0 A 20 40 0.55 1 SR103 SB130 1.0 A 30 40 0.55 1 SR104 SB140 1.0 A 40 40 0.55 1 SR105 SB150 1.0 A 50 40 0.7 1 SR106 SB160 1.0 A 60 40 0.7 1 1N5820 1N5820 3.0 A 20 80 0.475 2 1N5821 1N5821 3.0 A 30 80 0.50 2 1N5822 1N5822 3.0 A 40 80 0.525 2 SR302 SB320 3.0 A 80 .55 1 20 .55 SR303 SB330 3.0 A 80 1 30 .75 SR304 SB340 3.0 A 80 1 40 .75 SR305 SB350 3.0 A 80 1 50 .75 SR306 SB360 3.0 A 80 1 60 .57 SR502 SB520 5.0 A 150 1 20 .57 SR503 SB530 5.0 A 150 1 30 .57 SR504 SB540 5.0 A 150 1 40 .70 SR505 SB550 5.0 A 150 1 50 .70 SR506 SB560 5.0 A 150 1 60 .55 SRA820 8.0 A 150 1 20 .55 SRA830 8.0 A 150 1 30 .55 SRA840 8.0 A 150 1 40 .70 SRA850 8.0 A 150 1 .70 50 SRA860 8.0 A 150 1 60
Package
Operating Temperature: -65C to 125C Outline (Max in inches)
Bulk/Reel 1000/5000 1000/5000 1000/5000 1000/5000 1000/5000 1000/5000 1000/5000 1000/5000 500/1250 500/1250 500/1250 500/1250 500/1250 500/1250 500/1250 500/1250 500/1250 500/1250 500/1250 500/1250 500/1250 2000/2000/2000/2000/2000/-
DO-41
DO-201AD
TO-220A
SWITCHING DIODE RF Cross Power Peak Inverse Continuous Part Number Reference Dissipation Voltage Rev. Current Pd(mW) 250mW 500mW 500mW VZM(V) 100 100 100
Forward Voltage
Capacitance Reverse C Max. Recovery Time (pF) 4 4 4 TRR(nS) 4 4 4
Package
Operating Temperature: -65C to 125C Outline (Max in Inches)
1N914B 1N4148 1N4448
IR(nA)@VR(V) VF(V)@IF(mA) 5000@75 1.0@10 5000@75 1.0@10 5000@75 1.0@100
Bulk/Reel 1000/10000 1000/10000 1000/10000
RFE International * Tel:(949) 833-1988 * Fax:(949) 833-1788 * E-Mail Sales@rfeinc.com
C3CA04 REV 2001


▲Up To Search▲   

 
Price & Availability of SF1604G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X