Part Number Hot Search : 
12F625 XXXGP PE9631 XE88LC0 241TZQ16 NCP1410 FST16 D5116
Product Description
Full Text Search
 

To Download SCD24H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZOWIE
SCD22H THRU SCD210H
FEATURES
* * * * * * * Halogen - free type Lead free product , compliance to RoHs Lead less chip form , no lead damage Lead-free solder joint , no wire bond & lead frame Low power loss , High efficiency High current capability , low VF Plastic package has Underwriters Laboratory Flammability Classification 94V-0
Schottky Barrier Diode
(20V~100V / 2.0A)
OUTLINE DIMENSIONS Case : SCD-2010
4.5 0.1 2.20 0.1
Unit : mm
0.05
0 0.5
0.95 0.2
0.95 0.2
APPLICATION
* * * * * Switching mode power supply applications Portable equipment battery applications High frequency rectification DC / DC Converter Telecommunication
+ 0.2 0.96 - 0.1 JEDEC : SMA DO-214AC
MECHANICAL DATA
Case : Packed with FRP substrate and epoxy underfilled Terminals : Pure Tin plated (Lead-Free), solderable per MIL-STD-750, Method 2026. Polarity : Laser Cathode band marking Weight : 0.02 gram
MARKING
Cathode mark Series code
SCD 2.
Amps class Voltage class Halogen - free type
PACKING
* 3,000 pieces per 7" (178mm 2mm) reel * 4 reels per box * 6 boxes per carton
Absolute Maximum Ratings (Ta = 25 C)
Rating ITEM
Repetitive peak reverse voltage Average forward current Peak forward surge current Operating junction temperature Range Storage temperature Range
o
Symbol
VRRM IF(AV) IFSM Tj TSTG
o
Conditions
SCD22H 20
SCD24H 40
SCD26H 60
SCD210H 100
Unit
V A A
2.0 8.3ms single half sine-wave 50
-55 to +125
-55 to +150
-55 to +150
o o
C C
Electrical characteristics (Ta = 25 C)
ITEM Symbol Conditions
IF = 1.0A IF = 2.0A IF = 1.0A IF = 2.0A IF = 1.0A IF = 2.0A Repetitive peak reverse current Junction capacitance Thermal resistance IRRM Cj Rth(JA) Rth(JL)
NOTES : (1) Pulse test width PW=300usec , 1% duty cycle. (2) Mounted on P.C. board with 0.2 x 0.2"(5.0 x5.0mm) copper pad areas.
Type
SCD22H / SCD24H SCD26H
Min.
-
Typ.
0.41 0.49 0.50 0.60 0.62 0.75 0.025 115 75 17
Max.
0.50 0.70 0.85 0.20 -
Unit
V
Forward voltage (NOTE 1)
VF
V
SCD210H
V
VR = Max. VRRM , Ta = 25 oC VR = 4V, f = 1.0 MHz Junction to ambient (NOTE 2) Junction to lead (NOTE 2)
mA pF
o o
C/W C/W
REV. 0
2007/12
ZOWIE
SCD22H THRU SCD210H
(20V~100V / 2.0A)
FIG.1 - FORWARD CURRENT DERATING CURVE 2.0 AVERAGE FORWARD RECTIFIED CURRENT, AMPERES PEAK FORWARD SURGE CURRENT, AMPERES
RESISTIVE OR INDUCTIVE LOAD P.C.B. MOUNTED ON 0.2X0.2"(5.0X5.0mm) COPPER PAD AREAS
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT 60 50
8.3ms Single Half Sine-Wave (JEDEC Method)
40
1.0
SCD22H~SCD24H
SCD26H~SCD210H
30
20 10
0 0 50 70 90 110 130
o
0 150 170 1 10 NUMBER OF CYCLES AT 60Hz 100 LEAD TEMPERATURE, C
FIG.3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 10 100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
IINSTANTANEOUS FORWARD CURRENT, (A)
INSTANTANEOUS REVERSE CURRENT, MILLIAMPERES
10
1.00
TJ=100 C
o
1.0
0.10
0.10
0.01
0.01
TJ=25 C
o
Ta=25 C
o
SCD22H~24H SCD26H SCD210H
0.001 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
.001 0 20 40 60 80 100 PERCENT OF RATED PEAK REVERSE VOLTAGE,%
FORWARD VOLTAGE, (V)
FIG.5 - TYPICAL JUNCTION CAPACITANCE 400 JUNCTION CAPACITANCE, pF
TJ = 25 C f=1.0MHz Vsig=50mVP-P
o
100
10 .1 1.0 10 100 REVERSE VOLTAGE, VOLTS
REV. 0
2007/12


▲Up To Search▲   

 
Price & Availability of SCD24H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X