Part Number Hot Search : 
1582E IN74AC P6503NJG 4LCX16 MA475 EG2310 MAZ7200 S1500
Product Description
Full Text Search
 

To Download RS6011SY6002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Slide Potentiometers for Fader Control of Mixers
Low-profile Master Type Super Y Fader
RS6011 Y Series
Compact and good operational feel, suitable for mixing console faders.
Typical Specifications
Items Total resistance tolerance Maximum operating voltage Operating force Operating life Operating temperature range Specifications
20% 150V AC 0.1 2.0N
Rotary Potentiometers Slide Potentiometers
30,000cycles 10 60
Product Line
Number of resistor elements Travel mm Lever type Length of lever mm Total resistance k
10
Resistance taper
10A 15A
Minimum packing unit pcs.
Products No.
RS6011SY6002 RS6011SY6008
General-use Mixer
Single-unit
20 60 6 15 10 1B 15A 1,000 RS6011DY6006 RS6011DY6009
Dual-unit
20
Note
Products other than those listed in above products are also available. Please contact us for details.
Dimensions
Style
75 71 1 9
Unit:mm
PC board mounting hole dimensions
2-M2
t=1.2
5 4
(R
3 0.
)
6-o1.1 holes 70 2.5 7.5 22.5 3' (25) 3 47.5
2-o2 holes
60
15 L1
1' 2' 1 2
10
15
(1)
10
5
3.5
0.4
7
6.6
The RS6011SY uses lug terminals for terminals 1' 2' 3'.
Refer to P.436 for product varieties. Refer to P.436 for details of lever types.
435
Low-profile Master Slide Potentiometer Super Y Fader
Product Varieties
In addition to the recommended products, the following specifications can also be accommodated.
Total Resistance Variety
Rotary Potentiometers Slide Potentiometers Total resistance k
10 20 50
Resistance Taper
Resistance taper
15A 1B 10A
Lever Types
Configuration code 6 Metal lever
Unit:mm
t=1.2
5 4
(
. R0
3)
General-use Mixer
(1)
15 L1
Dimensions
6.6
Length L1
15
Terminal Layout/Circuit Diagram Viewed from Mounting Side
Single-unit
2 1 L L 2 1 L:Lug Terminal 3 ! !
10
Dual-unit
3 L ! !
Corresponding Specifications
Dust cover Mounting plate
Available Available
Notes Note
1. marked are specifications recommended by ALPS. 2. Products other than those listed in the above list are also available. Please contact us for details.
Refer to P.437, 502 for resistance taper.
436
Low-profile Master Type Slide Potentiometer Super Y Fader
Orders Other Than Recommended Products
When ordering product varieties that are not listed in the Product Line, please specify by referring to the below example.
Sample Part Number
RS6011SY
D103
Rotary Potentiometers Slide Potentiometers
Number of resistor elements
Single-unit Dual-unit
S D
Resistance taper
Code A B D
100 90 80 70 60 50 40
1B
Resistance taper
15A 1B 10A
General-use Mixer
Output volt.across term.1-2 100 (%) J Input volt. across term. 1-3 G
30 20 10 0 10
)
A(
0A) D(1
15
A)
20 30 40 50 60 70 Rotation travel (%)
B(
80 90 100
Term."1"
J
Term."3"
Total resistance
Code 103 203 503 Total resistance k
10 20 50
437
Slide Potentiometers Control of Mixers
List of Varieties
Master type Item RS K RS N1 RS N11S RS6011 Y RSA0K1 V RS N1 M Rotary Potentiometers Photo Slide Potentiometers Low-profile master type Motor-driven master type
Notes
1. Attenuation is specified for residual resistance. 2. "L" in the "Lever Wobble" column of the above table indicates the length of lever. 3. Products other than those listed in the above list are also available. Please contact us for details.
Outlined specifications Electrical Performance Mechanical Performance Soldering Environmental Performance
Travel mm
60 RS60K11 100 RSA0K11 100 RSA0K12
60 100 60 100
RS60N11 RSA0N11 RS60N12 RSA0N12
60 RS60N11S 100 RSA0N11S
60 RS6011SY 60 RS6011DY
100 RSA0K11V
60 RS60N11M 100 RSA0N11M
Number of resistor Single-unit Dual-unit Single-unit Dual-unit elements Total resistance k
10, 50, 100, 250
Single-unit RS N1 RS N11S RS6011 Y RS N1 RS N1 S RS6011 Y
Dual-unit
Single-unit CP type RS N1 M RSA0K1 V
Single-unit 10, 50, 100, 250 10
10, 50, 100, 250 10, 50, 100, 250 10, 20, 50 15A, 1B, 10A 15A, 1B, 10A 15A, 1B, 10A
Resistance taper
15A, 1B
Single-unit 1B Dual-unit Servo 1B Audio 15A, 1B, 10A RS N1 M 0.3 to 1.3N RSA0K1 V, Single-unit 0.15 to 0.65N
General-use Mixer
Operating force
Standard
0.1 to 0.6N
RS N1 Single-unit 0.05 to 0.8N Dual-unit 0.05 to 0.9N RS6011 Y 0.1 to 2.0N RS N11S 0.05 to 0.8N 100N
Stopper strength Lever pushpull strength Lever deviation mm Both Side Lever deviation Manual soldering Dip soldering Cold Dry heat Damp heat Page
424 428 40 2 100N
50N 22 L 25 0.5mm max. 350 One side
max. 3s max. 260 max. 5s max. Lead type , RSA0K1 V for 96h for 240h RH for 96h 435 438
RS 30 70
N1 2 2
not available
, 90 to 95
434
423


▲Up To Search▲   

 
Price & Availability of RS6011SY6002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X