Part Number Hot Search : 
HD74LS55 D120LC40 LM144 91J4K5E EL5724 ENA0963A SA101 BAT43WS
Product Description
Full Text Search
 

To Download RPM60-24XXSG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features

Panel Mount Adaptor Can be used with RP30, RP40 and RP60 Screw Terminals FFC / EN55022 Class B EMC Filter Input Fuse Reverse Polarity Protected Inrush Current Limiting (Soft Start) Trim Potentiometer Output LED Indicator DIN Rail Mounting Bracket Option
POWERLINE
DC/DC-Converter Power Module
Description
The Recom Power Module takes a standard 30W-60W converter and mounts it on a PCB with screw terminals, an EMC filter, some input protection circuitry and a built-in heatsink to offer a complete power module that can be mounted on a bulkhead or on a DIN rail with the optional DIN rail fixing bracket. The Power Module is primarily designed for transport applications such as a GPS vehicle tracking power supply or a radio communications power supply, but will also find many uses in industrial, communications or battery-powered applications.
30-60 Watt Single , Dual & Triple Output
RECOM
RPM40-2405SGW
Selection Guide Single and Dual Outputs
Power Module Part Number RPM30-12xxS_DE* RPM30-24xxS_DE* RPM30-48xxS_DE* RPM30-24xxS_DEW* RPM30-48xxS_DEW* RPM40-12xxS_D_TG* RPM40-24xxS_D_TG* RPM40-48xxS_D_TG* RPM40-24xxS_DGW* RPM40-48xxS_DGW* RPM60-24XXSG* RPM60-48xxSG* Input Range VDC 9.5-18 18-36 36-75 10-40 18-75 9.5-18 18-36 36-75 9.5-36 18-75 18-36 36-75 Output Power Watts 30 30 30 30 30 40 40 40 40 40 60 60 Input Fuse F6A F6A F4A F6A F4A F8A F8A F4A F4A F4A F8A F4A Converter Series Converter Datasheet Page # P53 P53 P53 P57 P57 P71 P71 P71 P75 P75 P79 P79
2002/95/EC 6/6
RP30-12xxS_DE RP30-24xxS_DE RP30-48xxS_DE RP30-24xxS_DEW RP30-48xxS_DEW RP40-12xxS_D_TG RP40-24xxS_D_TG RP40-48xxS_D_TG RP40-24xxS_DGW RP40-48xxS_DGW RP60-24xxSG RP60-48xxSG
RoHS
Power Modules
* add suffix -DIN for Optional DIN Rail Mounting Bracket
57.15 19.0 17.2
Removable DIN-Rail Mounting Bracket 1 2 3 4 5 6 7
TVS
Pin Connections
Fuse
CMC
Heat Sink Plate
FET LED
3.5
6.35
Trim
Pin # 1 2 3 4 5 6 7
Single +Vin -Vin CTRL NC -Vout +Vout NC
Dual +Vin -Vin CTRL NC -Vout Com +Vout
Triple +Vin -Vin CTRL +Aux COM -Aux +Vout
Tolerance 0.25 mm Packing Quantity = 1 Pc
Mounting Centres 92.1 101.6
www.recom-international.com REV:0/2010
P-91


▲Up To Search▲   

 
Price & Availability of RPM60-24XXSG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X