Part Number Hot Search : 
90BAI BUT12 MS8GE NJL0302D IRKD5608 02426 151007 IRF9510
Product Description
Full Text Search
 

To Download RFP-0895-27-27PS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HPA Module
Product Features
* Solid-state linear design * Small and light weight * Suitable for iDEN * 50 Ohm Input/Output impedance * High reliability and ruggedness * Built in Output Isolator * Built in monitoring circuit * High linearity
RFP-0895-27-27PS
Application
* iDEN Repeater
Description
This HPA Module is a high gain, wide dynamic range amplifier module. It has superior performance comes with a modest price tag. Custom design available.
Electrical Specifications @ VDD=+27DC, T=25C, 50 System
PARAMETER
Frequency Range Output Power Gain Gain Flatness IMD Pout= 27dBm (24dBm/tone) Input Power ALC Input/Output VSWR DC Input Voltage DC Input Current RF Power Detect Over Power Alarm & shutdown VSWR Alarm Over Temperature Alarm & shutdown Operating Temperature Dimension RF Connectors To -10 ~ +50 120 x 100 x 25(mm) SMA Female VSWR OTS S22 > 3 : 1 & Pout > 15dBm, TTL High Alarm 905(shutdown), 705(auto recovery) TTL High Alarm ALC S11/S22 VDC IDD DET Operating point Operating range 1.3 :1 (max) to 50 +27V DC 1.2A(max) (@Vdc= +27V, @24dBm/tone) 4V @ 30dBm, ( 100mV / 1dB ), Detect range : 0dBm ~ 30dBm 31dBm0.5dBm, TTL High Alarm
Symbol
BW P G G IMD 851~869MHz
RFP-0850-27-27
835 ~940MHz 27dBm (24dBm/tone) 27dB 1dB (min) 1dB (peak to peak -58dBc (25kHz) -60dBc (1MHz) 28dBm 0.5dB 10dB (min)
OPA
Tel : 82-31-250-5011 rfsales@rfhic.com
All specifications may change without notice. Version 1.0
HPA Module
Interface Connectors D-Sub, 9-Pin-Control
Pin #
1 2 3 4 5 & shutdown 6 7 8 9 +VCC +VCC GND GND
RFP-0895-27-27PS
DESCRIPTION
RF Power Monitor VSWR Alarm Over Power Alarm RF Power Enable Over Temperature Alarm
Specifications
4V @ 30dBm, ( 100mV / 1dB ), Detect range : 0dBm ~ 30dBm S22 > 3 : 1 & Pout > 15dBm, TTL High Alarm 31dBm0.5dBm, TTL High Alarm Enable : TTL Low & GND / Disable : TTL High & Open 905(shutdown), 705(auto recovery) TTL High Alarm +27V +27V GND GND
OUTLINE DRAWING
RF OUT
1 2 3 4 5 6 7 8 9
RF Power Monitor VSWR Alarm Over Power Alarm RF Power Enable Over Temperature Alarm 27V DC 27V DC GND GND
RF IN
Tel : 82-31-250-5011 rfsales@rfhic.com
All specifications may change without notice. Version 1.0
HPA Module
GAIN & S11
RFP-0895-27-27PS
TYPICAL PERFORMANCE
S22
24dBm/tone (1MHz Spacing) @ 860MHz
24dBm/tone (1MHz Spacing) @ 937.5MHz
24dBm/tone (50KHz Spacing) @ 860MHz
24dBm/tone (50KHz Spacing) @ 937.5MHz
RFHIC Corporation (RFHIC) reserves the right to make changes to any products herein or to discontinue any product at any time without notice. RFHIC do not assume any liability for the suitability of its products for any particular purpose, and disclaims any and all liability, including without limitation consequential or incidental damages. The product specifications herein expressed have been carefully checked and are assumed to be reliable. However, RFHIC disclaims liability for inaccuracies and strongly recommends buyers to verify that the information they are using is current before placing purchase orders. RFHIC products are not intended for use in life support equipment or application where malfunction of the product can be expected to result in personal injury or death. Buyer uses or sells such products for any such unintended or unauthorized application, buyer shall indemnify, protect and hold RFHIC and its directors, officers, stockholders, employees, representatives and distributors harmless against any and all claims arising out of such use. RFHIC's liability under or arising out of damages, claims of whatsoever kind and nature which RFHIC products could cause shall be limited in amount to the net purchase price of the products sold to buyer by RFHIC.
Tel : 82-31-250-5011 rfsales@rfhic.com
All specifications may change without notice. Version 1.0


▲Up To Search▲   

 
Price & Availability of RFP-0895-27-27PS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X