Part Number Hot Search : 
BFG17 1612B YBBND SI4467DY 00393 6R8M160 MPS65 PF1008N
Product Description
Full Text Search
 

To Download RFP-0880-42-27 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HPA Module
Product Features
* Solid-state linear design * Small and light weight * Suitable for CDMA * 50 Ohm Input/Output impedance * High reliability and ruggedness * Built in Output Isolator * Built in monitoring circuit * High efficiency
RFP-0880-42-27
Application
* CDMA Repeater
Description
This HPA Module is a high gain, wide dynamic range amplifier module. It has superior performance comes with a modest price tag. Custom design available.
Electrical Specifications @ VDD=+27VDC, T=25C, 50 System
PARAMETER
Frequency Range Output Power In-Band Spurious Emissions (@9CH CDMA Po=42dBm_4FA) RF Gain Gain Flatness Gain Variation Over Dynamic Range Normal Operating Voltage Input Return Loss Output Protection Harmonics (2nd) Current Consumption Operating Temperature Over power shutdown Detect Accuracy Impedance H IDD OT OPS 0.5dB 1dB 50 G G GTEMP VDC S11/S22
Symbol
BW P
Specification
875 ~ 890MHz 42dBm/4FA (CDMA) Fo750KHz -48dBc (min) -63dBc (min)
SE
@27Volt RBW 30KHz Fo1.98MHz
50dB 1dB @frequency range, +27V, 0.5dB peak to peak 0.5dB max. @ Po=+20dBm~+42dBm(Pin:-22dB), 27V, +25 +27V 1V -18dB min. Mismatch Protected with Isolator (Over temp. & Voltage & Power, Output mismatch) -45dBc min. 5.5A max. @+27V, +25, Po=+42dBm 0.5A max. @ 'DISABLE' state -20 ~ + 70(CASE TEMP) 47dBm0.5dB Po=+21dBm~+42dBm Po=+0dBm~+10dBm
Tel : 82-31-250-5011 rfsales@rfhic.com
All specifications may change without notice. Version 1.0
HPA Module
Interface Connectors
1. GND
RFP-0880-42-27
2. Over Power alarm 3. VSWR alarm
6~10sec delay shutdown@45dBm, immediately shutdown@47dBm (TTL=HIGH) Output Port open, Pout >31dBm (TTL=HIGH) Enable : TTL Low & GND / Disable : TTL High & Open 905(shutdown), 705(auto recovery) TTL High Alarm Enable : TTL Low & GND / Disable : TTL High & Open
Alarms/ Interface D-Sub, 9-Pin
4. NC 5. Over Temp. Alarm & Shutdown 6. Enable/Disable 7. NC 8. Power monitor 9. NC
4V@42dBm_4FA / [0.1V/dBm]
Connectors Physical dimension (L X W X H) in mm
INPUT [SMA/Female] 185 X 170 X 26(mm)
OUTPUT [N-Type/Female]
OUTLINE DRAWING
RF IN
PWR NC GND +27V
I/O
1 2 3 4 5 6 7 8 9 GND O / PWR V.S.W.R N.C O / TEMP ON / OFF N.C PWR MON N.C
I/O
P/N : RFP-0880-42-27
RF OUT
Removal
Tel : 82-31-250-5011 rfsales@rfhic.com
All specifications may change without notice. Version 1.0
HPA Module
RFP-0880-42-27
TYPICAL PERFORMANCE
Gain & Gain Flatness
S11
S22
Output Power
Spurious Emissions(Lower)
Spurious Emissions(Upper)
RFHIC Corporation (RFHIC) reserves the right to make changes to any products herein or to discontinue any product at any time without notice. RFHIC do not assume any liability for the suitability of its products for any particular purpose, and disclaims any and all liability, including without limitation consequential or incidental damages. The product specifications herein expressed have been carefully checked and are assumed to be reliable. However, RFHIC disclaims liability for inaccuracies and strongly recommends buyers to verify that the information they are using is current before placing purchase orders. RFHIC products are not intended for use in life support equipment or application where malfunction of the product can be expected to result in personal injury or death. Buyer uses or sells such products for any such unintended or unauthorized application, buyer shall indemnify, protect and hold RFHIC and its directors, officers, stockholders, employees, representatives and distributors harmless against any and all claims arising out of such use. RFHIC's liability under or arising out of damages, claims of whatsoever kind and nature which RFHIC products could cause shall be limited in amount to the net purchase price of the products sold to buyer by RFHIC.
Tel : 82-31-250-5011 rfsales@rfhic.com
All specifications may change without notice. Version 1.0


▲Up To Search▲   

 
Price & Availability of RFP-0880-42-27

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X