![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Three Phase AC Controller Modules Preliminary Data Sheet PSUT 145 IRMS VRRM = 3 x 145A = 800-1600 V VRSM VDSM 900 1300 1500 1700 VRRM VDRM 800 1200 1400 1600 Type PSUT 145/08 PSUT 145/12 PSUT 145/14 PSUT 145/16 Symbol IRMS ITAVM ITSM Test Conditions TC = 85 C TC = 75 C TVJ=TVJM TVJ = 25C TVJ = TVJM t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine Maximum Ratings 145 170 120 1250 1370 1050 1150 7800 9380 4575 5480 120 1000 10 5 0.5 10 -40 ... + 125 125 -40 ... + 130 A A A A A A A A2 s A2 s A2 s A2 s A/s V/s W W W V C C C V V Nm Nm g Features * Thyristor controller for AC (circuit * * * * W3C acc. to IEC) for mains frequency Isolation voltage 3000 V Planar glasspassivated chips Package with metal base plate UL registered E 148688 i2 dt TVJ = 25C VR = 0 TVJ = TVJM VR = 0 Applications * Switching and control of three phase AC circuits (di/dt)cr (dv/dt)cr PGM PGAVM VRGM TVJ TVJM Tstg VISOL Md Weight TVJ = TJVM f = 50Hz IG = 0.6 A diG/dt = 0.6 A/s TVJ = TVJM TVJ = TVJM IT = ITAVM VDR = 0.67 VDRM tP = 30s tP = 300s RGK = , method 1 (linear voltage rise) * Light and temperature control * Softstart AC motor controller * Solid state switches Advantages * Easy to mount with two screws * Space and weight savings * Improved temperature and power cycling capability * High power density 50/60 HZ, RMS IISOL 1 mA t = 1 min t=1s M6 M6 3000 3600 6 6 290 Mounting torque Terminal connection torque typ. POWERSEM GmbH, Walpersdorfer Str. 53 91126 D- Schwabach Phone: 09122 - 9764-0 Fax.: 09122 - 9764-20 2005 POWERSEM reserves the right to change limits, test conditions and dimensions PSUT 145 Symbol ID, IR VT VTO rT VGT IGT VGD IGD IL IH tgd tq RthJC RthJK dS a Test Conditions TVJ = TVJM, VR = VRRM, VD = VDRM Characteristic Value 10 1.87 0.95 3.2 2.5 150 0.2 5 600 200 1.2 190 0.42 0.07 0.62 0.11 12.5 50 mA V V m V mA V mA mA mA s s K/W K/W K/W K/W mm m/s2 IT = 200A, TVJ = TVJM For power-loss calculations only (TVJ = TVJM) VD = 6V VD = 6V TVJ = TVJM TVJ = TVJM TVJ = 25C TVJ = 25C VD = 0,5 VDRM VD = 6 V TVJ = 25C, tP = 10s IG = 0.6A, diG/dt = 0.6A/s TVJ = 25C, VD = 6V, RA = 5 TVJ = 25C, IG = 0.6A, diG/dt = 0.6A/s TVJ = TVJM, IT = 50A, tP = 200s, VR = 100V -di/dt = 10A/s, dv/dt = 20V/s, VD = 2/3 VDRM per thyristor; sine 180el per module; sine 180 el per thyristor per module Creeping distance on surface Max. allowable acceleration Temperture sensor Rated resistance, R25 P25 Power dissipation, Tc = 25 C Tc = 25 C 5 R100= 493 max. 20 k mW POWERSEM GmbH, Walpersdorfer Str. 53 91126 D- Schwabach Phone: 09122 - 9764-0 Fax.: 09122 - 9764-20 2005 POWERSEM reserves the right to change limits, test conditions and dimensions PSUT 145 POWERSEM GmbH, Walpersdorfer Str. 53 91126 D- Schwabach Phone: 09122 - 9764-0 Fax.: 09122 - 9764-20 2005 POWERSEM reserves the right to change limits, test conditions and dimensions |
Price & Availability of PSUT145
![]() |