Part Number Hot Search : 
18N65 WGP15G65 47M35 W39NC60 TA75902F SC441A 0120S A3030
Product Description
Full Text Search
 

To Download PR15011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Compact Technology
PR1501 thru PR1507
REVERSE VOLTAGE - 50 to 1000 Volts FORWARD CURRENT - 1.5 Amperes
FAST RECOVERY RECTIFIERS
FEATURES
Fast switching for high efficiency Low cost Diffused junction Low reverse leakage current Low forward voltage drop High current capability The plastic material carries UL recognition 94V-0
A
DO-15
B A
C D
MECHANICAL DATA
Case : JEDEC DO-15 molded plastic Polarity : Color band denotes cathode Weight : 0.015 ounces, 0.4 grams Mounting position : Any
DO-15 Dim. A Min.
Max.
25.4 5.80 7.60 B 0.70 0.90 C 2.60 3.60 D All Dimensions in millimeter
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%
PR 1501 50 35 50 PR 1502 100 70 100 PR 1503 200 140 200 PR 1504 400 280 400 1.5 50 1.3 5 100 150 30 50 -55 to +150 -55 to +150 250 20 500 PR 1505 600 420 600 PR 1506 800 560 800 PR 1507 1000 700 1000
UNIT V V V A
CHARACTERISTICS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current
SYMBOL
VRRM VRMS VDC I(AV) IFSM VF IR TRR CJ
R0JA
@TA=50 C
Peak Forward Surge Current 8.3ms single half sine-wave super imposed on rated load (JEDEC Method) Maximum forward Voltage at 1.5A DC Maximum DC Reverse Current at Rated DC Blocking Voltage
A V uA uA ns pF C/W
@TJ=25 C @TJ=100 C
Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Typical Thermal Resistance (Note 3) Operating Temperature Range Storage Temperature Range
TJ
C C
TSTG NOTES : 1.Measured with IF=0.5A,IR=1A,IRR=0.25A. 2.Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 3.Thermal Resistance Junction to Ambient.
CTC0123 Ver. 1.0
1 of 2
PR1501 thru PR1507
Compact Technology
PR1501 thru PR1507
RATINGS AND CHARACTERISTIC CURVES
AVERAGE FORWARD CURRENT. ( A )
2.0
PEAK FORWARD SURGE CURRENT . ( A )
FIG . 1 - MAXIMUM FORWARD CURRENT DERATING CURVE
FIG . 2 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
60 50 40 30 20 10 0 2 4 6 10 40 NUMBER OF CYCLES AT 60Hz 10 0
1.5
1.0 SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD 0.375" (9.5 mm) LEAD LENGTH 0 25 50 75 100 125
O
0.5
8.3ms Single Half Sine Wave JEDEC Method
0
150
175
AMBIENT TEMPERATURE . ( C )
20 INSTANTANEOUS FORWARD CURRENT . ( A ) 10
FIG 3 . - TYPICAL FORWARD CHARACTERISTICS
HUNCTION CAPACITANCE . (pF)
FIG . 4 - TYPICAL HUNCTION CAPACITANCE
100
60
3.0 1.0 Tj=25 C 0.3 0.1
Pulse Width=300 1% Duty Cycle s
O
40
Tj=25OC
20
10 1
2
4
6
10
20
40
60
100
REVERSE VOLTAGE . ( V ) .03 .01 0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
FORWARD VOLTAGE . (V )
FIG . 5 -REVERSE RECOVERY TIME CHARACTERISTIC
NONINDUCTIVE
AND TEST CIRCUIT DIAGRAM
50
NONINDUCTIVE +0.5A
10
trr
(+ ) 50Vdc (approx) (-)
DUT
PULSE GENERATOR ( NOTE 2 )
0 -0.25A
NONINDUCTIVE
OSCILLOSCOPE (NOTE 2 )
-1.0A 1cm SET TIME BASE FOR 5/ 10ns / cm
NOTES: 1 . RISE TIME = 7nsmax. INPUT IMPEDANCE= 1 MEGOHM 22pf 2 . RISE TIME = 10ns max.SOURSE IMPEDANCE = 50ohmsf
CTC0123 Ver. 1.0
2 of 2
PR1501 thru PR1507


▲Up To Search▲   

 
Price & Availability of PR15011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X