Part Number Hot Search : 
1N4003 MMSZ52 17001 PIC30F P4C150 HL7852G L0825 2200323
Product Description
Full Text Search
 

To Download PMEG1020EH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PMEG1020EH; PMEG1020EJ
10 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04 -- 15 January 2010 Product data sheet
1. Product profile
1.1 General description
Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifiers with an integrated guard ring for stress protection, encapsulated in small and flat lead plastic SMD packages.
Table 1. Product overview Package NXP PMEG1020EH PMEG1020EJ SOD123F SOD323F JEITA SC-90 single diode single diode Configuration
Type number
1.2 Features
Forward current: 2 A Reverse voltage: 10 V Ultra low forward voltage Small and flat lead SMD plastic packages
1.3 Applications
Low voltage rectification High efficiency DC-to-DC conversion Switch mode power supply Inverse polarity protection Low power consumption applications
1.4 Quick reference data
Table 2. Symbol IF VR VF
[1]
Quick reference data Parameter forward current reverse voltage forward voltage IF = 2 A
[1]
Conditions Tsp 55 C
Min -
Typ 350
Max 2 10 460
Unit A V mV
Pulse test: tp 300 s; 0.02.
NXP Semiconductors
PMEG1020EH; PMEG1020EJ
10 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
2. Pinning information
Table 3. Pin 1 2 Pinning Description cathode anode
[1]
Simplified outline
Symbol
1 2
sym001
1
001aab540
2
[1]
The marking bar indicates the cathode.
3. Ordering information
Table 4. Ordering information Package Name PMEG1020EH PMEG1020EJ SC-90 Description plastic surface mounted package; 2 leads plastic surface mounted package; 2 leads Version SOD123F SOD323F Type number
4. Marking
Table 5. Marking codes Marking code A8 CB Type number PMEG1020EH PMEG1020EJ
5. Limiting values
Table 6. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol VR IF IFRM IFSM Ptot Parameter reverse voltage forward current repetitive peak forward current non-repetitive peak forward current total power dissipation PMEG1020EH PMEG1020EJ Tj junction temperature Tsp 55 C tp 1 ms; 0.5 square wave; tp = 8 ms Tamb 25 C
[1] [2] [1] [2]
Conditions
Min -
Max 10 2 7 9
Unit V A A A
-
375 830 360 830 150
mW mW mW mW C
PMEG1020EH_EJ_4
(c) NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 -- 15 January 2010
2 of 9
NXP Semiconductors
PMEG1020EH; PMEG1020EJ
10 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Table 6. Limiting values ...continued In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Tamb Tstg
[1] [2]
Parameter ambient temperature storage temperature
Conditions
Min -65 -65
Max +150 +150
Unit C C
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint. Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
6. Thermal characteristics
Table 7. Symbol Rth(j-a) Thermal characteristics Parameter thermal resistance from junction to ambient PMEG1020EH PMEG1020EJ Rth(j-sp) thermal resistance from junction to solder point PMEG1020EH PMEG1020EJ
[1] [2]
Conditions in free air
[1][2] [2][3] [1][2] [2][3] [4]
Min
Typ
Max
Unit
-
-
330 150 350 150
K/W K/W K/W K/W
-
-
60 55
K/W K/W
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint. For Schottky barrier rectifiers thermal run-away has to be considered, as in some applications the reverse power losses PR are a significant part of the total power losses. Nomograms for determining the reverse power losses PR and IF(AV) rating are available on request. Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2. Soldering point of cathode tab.
[3] [4]
7. Characteristics
Table 8. Characteristics Tamb = 25 C unless otherwise specified. Symbol VF Parameter forward voltage Conditions IF = 0.01 A IF = 0.1 A IF = 1 A IF = 2 A IR reverse current VR = 5 V VR = 8 V VR = 10 V Cd
[1]
[1] [1] [1] [1]
Min -
Typ 100 170 280 350 0.7 1 1.2 40
Max 130 200 350 460 2 2.5 3 50
Unit mV mV mV mV mA mA mA pF
diode capacitance
Pulse test: tp 300 s; 0.02.
VR = 5 V; f = 1 MHz
PMEG1020EH_EJ_4
(c) NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 -- 15 January 2010
3 of 9
NXP Semiconductors
PMEG1020EH; PMEG1020EJ
10 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
104 IF (mA) 103
006aaa008
105 IR (A) 104
(1)
006aaa009
103
(2)
102 102
(1) (2) (3)
10 10
(3)
1 0 100 200 300 VF (mV) 400
1 0 5 VR (V) 10
(1) Tamb = 85 C (2) Tamb = 25 C (3) Tamb = -40 C
(1) Tamb = 85 C (2) Tamb = 25 C (3) Tamb = -40 C
Fig 1.
Forward current as a function of forward voltage; typical values
140 Cd (pF) 100
Fig 2.
Reverse current as a function of reverse voltage; typical values
006aaa010
60
20 0 2 4 6 8 VR (V) 10
Tamb = 25 C; f = 1 MHz
Fig 3.
Diode capacitance as a function of reverse voltage; typical values
PMEG1020EH_EJ_4
(c) NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 -- 15 January 2010
4 of 9
NXP Semiconductors
PMEG1020EH; PMEG1020EJ
10 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
8. Package outline
1.7 1.5 1 0.55 0.35 3.6 3.4 2.7 2.5 2.7 2.3 1.8 1.6 1.2 1.0 1.35 1.15 1 0.5 0.3 0.80 0.65
2 0.70 0.55 Dimensions in mm 0.25 0.10 04-11-29 Dimensions in mm
2 0.40 0.25 0.25 0.10 04-09-13
Fig 4.
Package outline SOD123F
Fig 5.
Package outline SOD323F (SC-90)
9. Packing information
Table 9. Packing methods The indicated -xxx are the last three digits of the 12NC ordering code.[1] Type number PMEG1020EH PMEG1020EJ
[1]
Package SOD123F SOD323F
Description 4 mm pitch, 8 mm tape and reel
Packing quantity 3000 -115 10000 -135
For further information and the availability of packing methods, see Section 13.
PMEG1020EH_EJ_4
(c) NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 -- 15 January 2010
5 of 9
NXP Semiconductors
PMEG1020EH; PMEG1020EJ
10 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
10. Soldering
4.4 4 2.9 1.6 solder lands solder resist 2.1 1.6 1.1 1.2 solder paste occupied area 1.1 (2x)
Reflow soldering is the only recommended soldering method. Dimensions in mm
Fig 6.
Reflow soldering footprint SOD123F
3.05 2.80 2.10 1.60
solder lands solder resist
1.65
0.95
0.50
0.60 occupied area solder paste
0.50 (2x)
001aab169
Reflow soldering is the only recommended soldering method. Dimensions in mm
Fig 7.
Reflow soldering footprint SOD323F (SC-90)
PMEG1020EH_EJ_4
(c) NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 -- 15 January 2010
6 of 9
NXP Semiconductors
PMEG1020EH; PMEG1020EJ
10 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
11. Revision history
Table 10. Revision history Release date 20100115 Data sheet status Product data sheet Change notice Supersedes PMEG1020EH_EJ_3 Document ID PMEG1020EH_EJ_4 Modifications:
*
This data sheet was changed to reflect the new company name NXP Semiconductors, including new legal definitions and disclaimers. No changes were made to the technical content. Product data sheet Product data sheet Objective data sheet PMEG1020EJ_2; PMEG1020EH_1 PMEG1020EJ_1 -
PMEG1020EH_EJ_3 PMEG1020EJ_2 PMEG1020EH_1
20050414 20041001 20050203
PMEG1020EH_EJ_4
(c) NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 -- 15 January 2010
7 of 9
NXP Semiconductors
PMEG1020EH; PMEG1020EJ
10 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
12. Legal information
12.1 Data sheet status
Document status[1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet
[1] [2] [3]
Product status[3] Development Qualification Production
Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
Please consult the most recently issued document before initiating or completing a design. The term `short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com.
12.2 Definitions
Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail.
damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. Export control -- This document as well as the item(s) described herein may be subject to export control regulations. Export might require a prior authorization from national authorities. Quick reference data -- The Quick reference data is an extract of the product data given in the Limiting values and Characteristics sections of this document, and as such is not complete, exhaustive or legally binding.
12.3 Disclaimers
General -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental
12.4 Trademarks
Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners.
13. Contact information
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com
PMEG1020EH_EJ_4
(c) NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 -- 15 January 2010
8 of 9
NXP Semiconductors
PMEG1020EH; PMEG1020EJ
10 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
14. Contents
1 1.1 1.2 1.3 1.4 2 3 4 5 6 7 8 9 10 11 12 12.1 12.2 12.3 12.4 13 14 Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . General description . . . . . . . . . . . . . . . . . . . . . Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . Quick reference data . . . . . . . . . . . . . . . . . . . . Pinning information . . . . . . . . . . . . . . . . . . . . . . Ordering information . . . . . . . . . . . . . . . . . . . . . Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . Thermal characteristics . . . . . . . . . . . . . . . . . . Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . Package outline . . . . . . . . . . . . . . . . . . . . . . . . . Packing information . . . . . . . . . . . . . . . . . . . . . Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Revision history . . . . . . . . . . . . . . . . . . . . . . . . . Legal information. . . . . . . . . . . . . . . . . . . . . . . . Data sheet status . . . . . . . . . . . . . . . . . . . . . . . Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . Contact information. . . . . . . . . . . . . . . . . . . . . . Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1 1 1 1 2 2 2 2 3 3 5 5 6 7 8 8 8 8 8 8 9
Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'.
(c) NXP B.V. 2010.
All rights reserved.
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 15 January 2010 Document identifier: PMEG1020EH_EJ_4


▲Up To Search▲   

 
Price & Availability of PMEG1020EH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X