Part Number Hot Search : 
74CBTL A3955 C842C FS70H 110DQ50 160NTD TLP124BV CT2512
Product Description
Full Text Search
 

To Download PMBTA42 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PMBTA42
300 V, 100 mA NPN high-voltage transistor
Rev. 05 -- 12 December 2008 Product data sheet
1. Product profile
1.1 General description
NPN high-voltage transistor in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic package. PNP complement: PMBTA92.
1.2 Features
High voltage (max. 300 V)
1.3 Applications
Telephony and professional communication equipment
1.4 Quick reference data
Table 1. Symbol VCEO IC hFE Quick reference data Parameter collector-emitter voltage collector current DC current gain VCE = 10 V IC = 1 mA IC = 10 mA IC = 30 mA 25 40 40 Conditions open base Min Typ Max 300 100 Unit V mA
2. Pinning information
Table 2. Pin 1 2 3 Pinning Description base emitter collector
1 2 2
sym021
Simplified outline
3
Graphic symbol
3 1
NXP Semiconductors
PMBTA42
300 V, 100 mA NPN high-voltage transistor
3. Ordering information
Table 3. Ordering information Package Name PMBTA42 PMBTA42/DG
[1] /DG: halogen-free
Type number[1]
Description plastic surface-mounted package; 3 leads
Version SOT23
-
4. Marking
Table 4. PMBTA42 PMBTA42/DG
[1] [2] /DG: halogen-free * = -: made in Hong Kong * = p: made in Hong Kong * = t: made in Malaysia * = W: made in China
Marking codes Marking code[2] *1D *BV
Type number[1]
5. Limiting values
Table 5. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol VCBO VCEO VEBO IC ICM IBM Ptot Tj Tamb Tstg
[1]
Parameter collector-base voltage collector-emitter voltage emitter-base voltage collector current peak collector current peak base current total power dissipation junction temperature ambient temperature storage temperature
Conditions open emitter open base open collector single pulse; tp 1 ms single pulse; tp 1 ms Tamb 25 C
[1]
Min -65 -65
Max 300 300 6 100 200 100 250 150 +150 +150
Unit V V V mA mA mA mW C C C
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint.
PMBTA42_5
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 -- 12 December 2008
2 of 9
NXP Semiconductors
PMBTA42
300 V, 100 mA NPN high-voltage transistor
6. Thermal characteristics
Table 6. Symbol Rth(j-a)
[1]
Thermal characteristics Parameter thermal resistance from junction to ambient Conditions in free air
[1]
Min -
Typ -
Max 500
Unit K/W
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
7. Characteristics
Table 7. Characteristics Tamb = 25 C unless otherwise specified. Symbol ICBO IEBO hFE Parameter collector-base cut-off current emitter-base cut-off current DC current gain Conditions VCB = 200 V; IE = 0 A VEB = 6 V; IC = 0 A VCE = 10 V IC = 1 mA IC = 10 mA IC = 30 mA VCEsat VBEsat Cre fT collector-emitter saturation voltage IC = 20 mA; IB = 2 mA 25 40 40 50 500 900 3 mV mV pF MHz Min Typ Max 100 100 Unit nA nA
base-emitter saturation IC = 20 mA; IB = 2 mA voltage feedback capacitance transition frequency VCB = 20 V; IC = ic = 0 A; f = 1 MHz VCE = 20 V; IC = 10 mA; f = 100 MHz
PMBTA42_5
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 -- 12 December 2008
3 of 9
NXP Semiconductors
PMBTA42
300 V, 100 mA NPN high-voltage transistor
8. Package outline
Plastic surface-mounted package; 3 leads SOT23
D
B
E
A
X
HE
vMA
3
Q A A1
1
e1 e bp
2
wMB detail X Lp
c
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.9 A1 max. 0.1 bp 0.48 0.38 c 0.15 0.09 D 3.0 2.8 E 1.4 1.2 e 1.9 e1 0.95 HE 2.5 2.1 Lp 0.45 0.15 Q 0.55 0.45 v 0.2 w 0.1
OUTLINE VERSION SOT23
REFERENCES IEC JEDEC TO-236AB JEITA
EUROPEAN PROJECTION
ISSUE DATE 04-11-04 06-03-16
Fig 1.
PMBTA42_5
Package outline SOT23 (TO-236AB)
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 -- 12 December 2008
4 of 9
NXP Semiconductors
PMBTA42
300 V, 100 mA NPN high-voltage transistor
9. Packing information
Table 8. Packing methods The indicated -xxx are the last three digits of the 12NC ordering code.[1] Type number PMBTA42 PMBTA42/DG
[1] [2] For further information and the availability of packing methods, see Section 13. /DG: halogen-free
Package Description SOT23 4 mm pitch, 8 mm tape and reel
Packing quantity 3000 -215 10000 -235
10. Soldering
3.3 2.9 1.9
solder lands solder resist 3 1.7 2 solder paste 0.6 (3x) occupied area Dimensions in mm 0.5 (3x) 0.6 (3x) 1
sot023_fr
0.7 (3x)
Fig 2.
Reflow soldering footprint SOT23 (TO-236AB)
PMBTA42_5
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 -- 12 December 2008
5 of 9
NXP Semiconductors
PMBTA42
300 V, 100 mA NPN high-voltage transistor
2.2 1.2 (2x)
1.4 (2x) solder lands 4.6 2.6 solder resist occupied area Dimensions in mm 1.4
preferred transport direction during soldering 2.8 4.5
sot023_fw
Fig 3.
Wave soldering footprint SOT23 (TO-236AB)
PMBTA42_5
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 -- 12 December 2008
6 of 9
NXP Semiconductors
PMBTA42
300 V, 100 mA NPN high-voltage transistor
11. Revision history
Table 9. Revision history Release date 20081212 Data sheet status Product data sheet Change notice Supersedes PMBTA42_4 Document ID PMBTA42_5 Modifications:
* * * * *
The format of this data sheet has been redesigned to comply with the new identity guidelines of NXP Semiconductors. Legal texts have been adapted to the new company name where appropriate. Type number PMBTA42/DG added Table 4 "Marking codes": enhanced Section 12 "Legal information": updated Product specification Product specification PMBTA42_3 PMBTA42_43_CNV_2
PMBTA42_4 PMBTA42_3
20040122 19990422
PMBTA42_5
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 -- 12 December 2008
7 of 9
NXP Semiconductors
PMBTA42
300 V, 100 mA NPN high-voltage transistor
12. Legal information
12.1 Data sheet status
Document status[1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet
[1] [2] [3]
Product status[3] Development Qualification Production
Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
Please consult the most recently issued document before initiating or completing a design. The term `short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com.
12.2 Definitions
Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail.
damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. Quick reference data -- The Quick reference data is an extract of the product data given in the Limiting values and Characteristics sections of this document, and as such is not complete, exhaustive or legally binding.
12.3 Disclaimers
General -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental
12.4 Trademarks
Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners.
13. Contact information
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com
PMBTA42_5
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 -- 12 December 2008
8 of 9
NXP Semiconductors
PMBTA42
300 V, 100 mA NPN high-voltage transistor
14. Contents
1 1.1 1.2 1.3 1.4 2 3 4 5 6 7 8 9 10 11 12 12.1 12.2 12.3 12.4 13 14 Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . General description . . . . . . . . . . . . . . . . . . . . . Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . Quick reference data . . . . . . . . . . . . . . . . . . . . Pinning information . . . . . . . . . . . . . . . . . . . . . . Ordering information . . . . . . . . . . . . . . . . . . . . . Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . Thermal characteristics . . . . . . . . . . . . . . . . . . Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . Package outline . . . . . . . . . . . . . . . . . . . . . . . . . Packing information . . . . . . . . . . . . . . . . . . . . . Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Revision history . . . . . . . . . . . . . . . . . . . . . . . . . Legal information. . . . . . . . . . . . . . . . . . . . . . . . Data sheet status . . . . . . . . . . . . . . . . . . . . . . . Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . Contact information. . . . . . . . . . . . . . . . . . . . . . Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1 1 1 1 1 2 2 2 3 3 4 5 5 7 8 8 8 8 8 8 9
Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'.
(c) NXP B.V. 2008.
All rights reserved.
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 12 December 2008 Document identifier: PMBTA42_5


▲Up To Search▲   

 
Price & Availability of PMBTA42

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X