Part Number Hot Search : 
200BZ UA777HC N4148 39VF80 SC441A10 B1521RW P2600 000AKCY
Product Description
Full Text Search
 

To Download OV06930-A08A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OV6930 product brief
industry's smallest HVGA image sensor
available in a lead-free package
With a packaged footprint of only 1.8 x 1.8 mm, the OV6930 is the ideal solution for camera applications that require less than a 2.8 mm outside diameter, such as medical endoscopes. The OV6930's unique architecture combines ultra-low power consumption with OmniVision's best-in-class pixel technology, OmniPixel3-HSTM, enabling low-light performance of 3300 mV/(Lux-second). In addition to its small footprint and extraordinary performance, the OV6930 offers raw serial output, allowing cabling up to 14 feet with two wires. The low-voltage OV6930 provides either full-frame or cropped analog images in RAW RGB format via serial camera control bus (SCCB) interface control.
The device offers an image array capable of operating up to 30 frames per second (fps) in 400 x 400 HVGA or 60fps in 400 x 200 resolution, with simplified exposure control programmable through the SCCB interface. OmniVision's image sensors leverage proprietary technology to improve image quality by reducing or eliminating common lighting/electrical sources of image contamination, such as fixed pattern noise and smearing, to produce a clean, fully stable, color image. No other image sensor on the market offers high performance and sensitivity in such a small form factor.
applications
medical and dental devices security and surveillance toys and games
OV6930
ordering information
OV06930-A08A
(color, analog, 8-pin CSP3)
product features
optical size of 1/10" analog output automatic/manual control of AEC and AGC on-chip phase lock loop (PLL) low power consumption single 3.3V power supply SCCB interface OmniPixel3-HS structure using 0.11 m process
product specifications
array size: 400 x 400 power supply:
- analog: 3.3V 5% - I/O: 3.3V 5%
optical size: 1/10" frame rate:
- half VGA (400 x 400): 30 fps - 400 x 200: 60 fps
power requirements:
- without 75 ohm loading: ~10 mW - with 75 ohm loading: 80 mW
color mosaic: RGB Bayer pattern pixel size: 3.0 m x 3.0 m image area: 1224 m x 1212 m package dimensions: 1815 m x 1815 m
temperature range:
- operating: -20C to 70C - stable image: 0 to 50C
output formats: analog signal output
functional block diagram
row select
image array column sample/hold
AMP
output
gain control
control register bank PLL timing generator and system control logic SCCB slave interface
XVCLK
4275 Burton Drive Santa Clara, CA 95054
tel: +1 408 567 3000 fax: +1 408 567 3001 www.ovt.com
OmniVision reserves the right to make changes to their products or to discontinue any product or service without further notice. OmniVision and OmniPixel are registered trademarks of OmniVision Technologies, Inc. The OmniVision logo and OmniPixel3-HS are trademarks of OmniVision Technologies, Inc. All other trademarks are the property of their respective owners.
Version 1.0, November 2008
SIOC SIOD
6930_PB_001


▲Up To Search▲   

 
Price & Availability of OV06930-A08A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X