|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
2x5x7mm Rectangular Red LED OSR5SA71A1B Features High Luminous LEDs 2x5x7mm Rectangular Standard Directivity Superior Weather-resistance UV Resistant Epoxy Water Clear Type Outline Dimension Applications Electronic Signs And Signals Small Area Illuminations Back Lighting Other Lighting Absolute Maximum Rating Item DC Forward Current Pulse Forward Current* Reverse Voltage Power Dissipation Operating Temperature Storage Temperature Lead Soldering Temperature *Pulse width Max.10ms Directivity Value 30 100 5 72 -30 ~ +85 -40~ +100 260 /5sec mA mA V mW IF IFP VR PD Topr Tstg Tsol Symbol Duty ratio max 1/10 Electrical -Optical Characteristics Item DC Forward Voltage DC Reverse Current Domi. Wavelength* Luminous Intensity* 50% Power Angle Symbol VF IR D Iv 21/2 Condition IF=20mA VR=5V IF=20mA IF=20mA IF=20mA Min. 1.8 620 - Typ. 2.1 625 700 100 Max. 2.4 10 630 V A nm mcd deg *1 Tolerance of dominant wavelength is +1nm *2 Tolerance of luminous intensity is +15% LED & Application Technologies VER A.0 |
Price & Availability of OSR5SA71A1B |