|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
5mm Concave Premium Red LED OSR5PA5MC1B Features Outline Dimension High Luminous LEDs 5mm Concave Standard Directivity Superior Weather-resistance UV Resistant Epoxy Water Clear Type Applications Traffic signal, Portable light source Signage and channel letter Decorating and entertainment lighting Architectural lighting Outdoor/Indoor applications/Other Lighting Absolute Maximum Rating Item Symbol IF IFP VR PD Topr Tstg Tsol Directivity Value 50 120 5 120 -40~ +85 -40 ~ +100 260 /5sec Unit mA mA V mW DC Forward Current Pulse Forward Current* Reverse Voltage Power Dissipation Operating Temperature Storage Temperature Lead Soldering Temperature *Pulse width Max.10ms , Duty ratio max 1/10 Electrical -Optical Characteristics Symbol VF IR D Iv 21/2 Maximum Forward Current Min. 1.8 619 - Item DC Forward Voltage DC Reverse Current Domi. Wavelength* Luminous Intensity* 50% Power Angle Condition IF=20mA VR=5V IF=20mA IF=20mA IF=20mA Typ. 2.1 624 180 120 Max. 2.4 10 629 V A nm mcd deg *1 Tolerance of dominant wavelength is +1nm *2 Tolerance of luminous intensity is +15% LED & Application Technologies VER A.0 |
Price & Availability of OSR5PA5MC1B |