Part Number Hot Search : 
MBR1540 H1302 SMBJ17 FDLL333 TDA72 DTA115T DTA115T BC848BW
Product Description
Full Text Search
 

To Download OMT260 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES OMT25- Series
* Two mounting methods: flange or panel mount * Three different tones and combinations available * Small size with rich sound output This product has been
Piezo Audio Indicators
DISCONTINUED
Diam. 3.5 mm 0.138"
Flange Mounting/Panel Mounting Types
OMT200-, OMT260-, OMT35-- Series
* Flange mounting with two lead wires * Small size and lightweight * Rich sound output and low current drain
34.0 mm 0.4 1.339" 0.016
6.0 mm 0.236"
8.0 mm 0.315"
41.0 mm 0.4 1.339" 0.016 29.0 mm 1.142"
18.0 mm 0.709"
ALL
* Operating temperature 20C~60C; Storage temperature -30C~70C
OMT25_ Series
24.5 mm 0.4 0.965" .016
OMT35__ Series
Diam. 3.4 mm 0.134"
OMT200_ Series
3.5 x 4.5 mm Diam. 0.138 x 0.177" 2.2 mm 0.087"
OMT260_ Series
41.8 mm 1.646" 50.0 mm 1.969" 60.0 mm 2.362" 16 mm 0.63"
24.0 mm 0.945" 29.0 mm 1.142" 34.0 mm 1.339" 14.5 mm 0.571"
32.0 mm 1.260" 38.0 mm 1.496" 44.0 mm 1.732" 13.5 mm 0.531"
Model No. OMT200 OMT200L OMT250 OMT251 OMT253 OMT255 OMT257 OMT260 OMT260L OMT350 OMT350L OMT351 OMT351L
Oscillating frequency (Hz 500) 3100 3100 3500 3500 3500 3500 3500 3500 3500 2800 2800 2800 2800
Operating voltage 3-20 DC 3-20 DC 4-28 DC 4-28 DC 4-28 DC 4-28 DC 4-28 DC 3-28 DC 3-20 DC 3-28 DC 3-20 DC 3-28 DC 3-20 DC
Sound pressure Current @30cm/12vdc consumption (dB min.) (mA max.) 78 93 87 85 87 90 90 88 93 85 92 81 88 12 5 8 5 6 8 8 5 8 8 12 6 8
Tone* Continuous Continuous Continuous Fast pulse Slow pulse Cont. & F. P. Cont. & S. P. Continuous Continuous Continuous Continuous Pulse Pulse
Weight (g) 4.5 4.5 10.2 10.2 10.2 10.2 10.2 15 15 14.6 14.6 14.6 14.6
= Most popular stock values = Stock values = Non-stock values subject to minimum handling charge per item
* Pulse rate at 12VDC: Fast, 3.0 Hz 20%; Slow, 1.2 Hz 20% at 12 VDC
Ohmite Mfg. Co. 1600 Golf Rd., Suite 850, Rolling Meadows, IL 60008 * Tel. 1-866-9-OHMITE * Fax 1-847-574-7522 * www.ohmite.com * info@ohmite.com
83


▲Up To Search▲   

 
Price & Availability of OMT260

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X