Part Number Hot Search : 
BR206 XVT9003 3025CUR HM7550 98103A PSUT36 LC866428 JANTX2N
Product Description
Full Text Search
 

To Download NPR1TTE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NPR
resistors
surface mount molded current sense resistor
EU
features * * * * * * * Surface mount power resistors Flame retardant type (UL94V0) Current detecting resistors for power supplies, etc. Metal plate terminals Non-wirewound structure Marking: Black body color with teal marking Products with lead-free terminations meet EU RoHS requirements. Pb located in glass material, electrode and resistor element is exempt per Annex 1, exemption 5 of EU directive 2005/95/EC
dimensions and construction
L W b t c Molded Resistive Resin Element c a Electrode Size Code NPR1 NPR2 L W Dimensions inches (mm) t a b c
.295.02 .177.012 .079.012 .098.012 .051.012 .055.012 (7.50.5) (4.50.3) (2.00.3) (2.50.3) (1.30.3) (1.40.3) .472.02 .315.012 .157.02 .157.012 .118.02 (12.00.5) (8.00.3) (4.00.5) (4.00.3) (3.00.5) .059.02 (1.50.5)
ordering information
New Part # NPR Type 1 Power Rating 1 2 T Termination Material T: Sn (Other termination styles may be available, please contact factory for options) TE Packaging NPR1- TE: 7" embossed plastic (1,000 pieces/reel) NPR2- TEB: 13" embossed plastic (1,000 pieces/reel) 100 Nominal Resistance 1%: 3 significant figures + 1 multiplier "R" indicates decimal point <100 5%, 10%: 2 significant figures + 1 multiplier "R" indicates decimal point <10 All values <0.1 regardless of tolerance use "L" as decimal Ex: 91m = 91L 3.9m = 3L9 J Tolerance F: 1% J: 5% K: 10%
For further information on packaging, please refer to Appendix A.
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
1/31/08
44
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com
NPR
surface mount molded current sense resistor applications and ratings
Part Designation NPR1 NPR2 Power Rating 1W 2W T.C.R. (ppm/C) Max. Resistance Range E-24 (F1%) (J5%) (K10%) Absolute Maximum Working Voltage 350V 500V Absolute Maximum Overload Voltage 700V 1000V Rated Operating Ambient Temperature Temperature Range +70C -55C to +180C
resistors
100: R0.1 200: R<0.1 0.1 - 10M 10m - 22M 3.9m - 9.1m
environmental applications Derating Curve
100 80 % Rated Power 60 40 20 0 -60 -40 -20 -55
Surface Temperature Rise
150
NPR2 1 NPR1 1 NPR2 2 NPR1 2 1 Hot Spot 2 Solder Joint
Temperature Rise (C)
100
50
0
20
80 100 120 140 160 180 70 Ambient Temperature (C)
40
60
0
0
25
50
75
100
% Rated Power
Performance Characteristics
Parameter Resistance T.C.R. Overload Resistance to Solder Heat Rapid Change of Temperature Moisture Resistance Endurance at 70C Low Temperature Operation Requirement Limit Within regulated tolerance Within specified T.C.R. 1.0% 1.0% 1.0% 2.0% 2.0% 0.5% R Typical -- -- 1.0% 1.0% 1.0% 1.5% 0.5% 0.25% 25C +25C/+125C Rated voltage x 2.5 for 5 seconds 260C 5C, 10 seconds 1 second -40C (30 minutes), +155C (30 minutes), 5 cycles 40C 2C, 90 - 95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle 70C 2C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle -55C, 1 hour Test Method
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/16/08
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com
45


▲Up To Search▲   

 
Price & Availability of NPR1TTE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X