|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Document 495-1 SMT Power Inductors - Series MSS5121 * Low profile shielded power inductors * Low DCR, excellent current handling and low cost Designer's Kit C411 contains 3 of each value Core material Ferrite Terminations RoHS compliant gold over nickel over phos bronze. Other terminations available at additional cost. Weight 141 - 147 mg Ambient temperature -40C to +85C with Irms current, +85C to +125C with derated current Storage temperature Component: -40C to +125C. Packaging: -40C to +80C Resistance to soldering heat Max three 40 second reflows at +260C, parts cooled to room temperature between cycles Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30C / 85% relative humidity) Failures in Time (FIT) / Mean Time Between Failures (MTBF) 38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332 Packaging 600/7 reel, 2500/13 reel; Plastic tape: 12 mm wide, 0.35 mm thick, 8 mm pocket spacing, 3.25 mm pocket depth PCB washing Only pure water or alcohol recommended Part number1 MSS5121-222ML_ MSS5121-332ML_ MSS5121-472ML_ MSS5121-562ML_ MSS5121-682ML_ MSS5121-822ML_ MSS5121-103ML_ MSS5121-123ML_ MSS5121-153ML_ MSS5121-183ML_ MSS5121-223ML_ MSS5121-273ML_ MSS5121-333ML_ MSS5121-393ML_ MSS5121-473ML_ MSS5121-563ML_ MSS5121-683ML_ MSS5121-823ML_ MSS5121-104ML_ MSS5121-124ML_ MSS5121-154ML_ MSS5121-184ML_ MSS5121-224ML_ MSS5121-274ML_ MSS5121-334ML_ MSS5121-394ML_ DCR Inductance2 max 20% (H) (Ohms) 2.2 0.050 3.3 0.070 4.7 0.095 5.6 0.100 6.8 0.110 8.2 0.135 10 0.160 12 0.190 15 0.280 18 0.300 22 0.330 27 0.420 33 0.480 39 0.530 47 0.750 56 0.860 68 1.00 82 1.20 100 1.40 120 1.60 150 2.10 180 2.31 220 3.10 270 3.50 330 4.00 390 5.00 SRF typ3 (MHz) 120.0 90.0 80.0 73.0 65.0 55.0 47.0 41.0 37.0 35.0 32.0 27.0 25.0 23.0 22.0 19.0 18.0 15.0 13.5 12.0 9.0 8.5 7.5 7.0 6.5 5.8 10% drop 1.86 1.62 1.38 1.28 1.10 1.06 0.98 0.87 0.76 0.71 0.68 0.61 0.58 0.48 0.44 0.40 0.37 0.35 0.28 0.26 0.26 0.21 0.21 0.18 0.17 0.15 Isat (A)4 20% 30% drop drop 2.10 2.30 1.84 2.00 1.54 1.66 1.42 1.54 1.28 1.38 1.22 1.32 1.08 1.18 0.99 1.05 0.85 0.90 0.81 0.87 0.77 0.82 0.69 0.74 0.64 0.67 0.54 0.58 0.51 0.54 0.46 0.49 0.42 0.46 0.40 0.42 0.32 0.35 0.30 0.32 0.29 0.31 0.25 0.27 0.24 0.25 0.20 0.22 0.19 0.20 0.17 0.19 Irms (A)5 20C 40C rise rise 2.1 2.9 1.7 2.3 1.4 1.9 1.3 1.8 1.2 1.6 1.1 1.5 0.99 1.3 0.91 1.2 0.82 1.1 0.75 1.0 0.71 0.97 0.63 0.85 0.56 0.76 0.55 0.73 0.46 0.63 0.44 0.60 0.41 0.56 0.35 0.47 0.33 0.44 0.31 0.42 0.29 0.38 0.25 0.34 0.22 0.29 0.20 0.27 0.19 0.26 0.15 0.21 1. Please specify termination and packaging codes: MSS5121-394MLC Termination: L = RoHS compliant gold over nickel over phos bronze Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or S = non-RoHS tin-lead (63/37). Packaging: C= 7 machine-ready reel. EIA-481 embossed plastic tape (600 parts per full reel). B= Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter C instead. D= 13 machine-ready reel. EIA-481 embossed plastic tape. Factory order only, not stocked (2500 parts per full reel). 2. Inductance measured at 100 kHz, 0.1 Vrms, 0 Adc using Coilcraft SMD-A fixture in an Agilent/HP 4284A impedance analyzer. 3. SRF measured using an Agilent/HP 8753D network analyzer and a Coilcraft SMD-D test fixture. 4. DC current at which the inductance drops the specified amount from its value without current. 5. Current that causes the specified temperature rise for 25C ambient. 6. Electrical specifications at 25C. Refer to Doc 362 "Soldering Surface Mount Components" before soldering. Specifications subject to change without notice. Please check our website for latest information. Document 495-1 Revised 10/20/09 (c) Coilcraft, Inc. 2009 Document 495-2 SMT Power Inductors - Series MSS5121 Typical L vs Current 1000 390 H 120 H Typical L vs Frequency 1000 390 H Inductance (H) Inductance (H) 100 120 H 47 H 18 H 100 47 H 18 H 10 6.8 H 2.2 H 10 6.8 H 2.2 H 1 1 0.1 0.01 0.1 1 10 0.1 0.1 1 10 100 Current (A) Frequency (MHz) Current Derating 120 110 0.200 * 5,1 * Dimensions are of the case not Percent of rated current 100 90 80 70 60 50 40 123 0.200* 5,1 including the termination. For maximum overall dimensions including the termination, add 0.035 in / 0,9 mm. 0.083 max 2,2 25C 30 20 10 0 -40 -20 Isat Irms 0 20 0.181 4,6 0.069 1,74 0.200 5,08 40 60 80 100 120 140 Ambient temperature (C) 0.063 0.181 1,6 4,6 0.131 3,34 inches Dimensions are in mm Recommended Land Pattern Specifications subject to change without notice. Please check our website for latest information. Document 495-2 Revised 10/20/09 (c) Coilcraft, Inc. 2009 |
Price & Availability of MSS5121-103ML |